Part Number Hot Search : 
LTC4367 N4571AT IRF6636 EM78P153 A234R 74LS243 2SC867 EM2376K
Product Description
Full Text Search
 

To Download B1515ERW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B1500ERW Series
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 15W Output Power * 2:1 Input Voltage Range * 1,500 VDC Isolation * Single & Dual Outputs * Efficiency to 87% * Compact 1 x 2 Inch Case * -40C to +85C Operation * Industry Standard Pin-Out * Lowest Cost!!
Input Parameter Input Voltage Range Input Filter Short Circuit Input Power
Conditions Min. 12 VDC Input 9.0 24 VDC Input 18.0 48 VDC Input 36.0 LC Filter
Typ. 12.0 24.0 48.0 3,500
Max. 18.0 36.0 75.0
Units VDC
mW Max. 3.0 0.5 1.0 150 150 Units % % % % mV P - P % %/C
Output
Parameter Output Voltage Accuracy Output Trim Range Line Regulation Load Regulation Ripple & Noise (20 MHz) Output Power Protection Temperature Coefficient Output Short Circuit Conditions Min. Typ. 1.0 10 0.2 0.5
Vin = Min to Max Iout = 10% to 100% Note 1 120
130 0.03 Continuous (Autorecovery) Conditions 60 Seconds 500 VDC 100 kHz, 1V Min. 1,500 500 Typ.
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Max. Units VDC M pF kHz Units C C %
1,000 500 Max. +85 +125 95
Environmental
Parameter Operating Temperature Range Storage Temperature Range Cooling Humidity Conditions Min. Typ. -40 +25 -55 Free Air Convection RH, Non-condensing Ambient
Physical
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Case Size Case Material Weight
2.0 x 1.0 x 0.44 Inches (50.8 x 25.4 x 11.2 mm) Metal With Non-Conductive Base (UL94-V0) 1.06 Oz (30g) Conditions Min. 3.5 0 Typ. Max. 40.0 1.2 Units VDC VDC mA Units MHours Units VDC C mW
Remote On/Off
Parameter Unit On (Note 2) Unit Off (Note 2) Off Idle Current
5.0 Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case for 10 Sec All Models Min. 1.0 Min. -0.7 -0.7 -0.7 Typ. Max.
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Typ. Max. 20.0 40.0 80.0 300 5,000
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number B1501ERW B1502ERW B1503ERW B1504ERW B1505ERW B1506ERW B1511ERW B1512ERW B1513ERW B1514ERW B1515ERW B1516ERW B1521ERW B1522ERW B1523ERW B1524ERW B1525ERW B1526ERW Notes:
1. When measuring output ripple, it is recommended that an external ceramic capacitor (approx 1 F to 10 F) be placed from the +Vout to the -Vout pins. 2. The remote On/Off control is referenced to ground. It is recommended that connection to the pin be made through a 1k resistor and diode (1N4148). If it is not used, the control pin should be left open. 3. These units should not be operated with a load under 10% of full load. Operation at no-load will not damage the unit, but they may not meet all specifications. 4. These converters are specified for operation without external components. However, in some applications the addition of input/ouput capacitors will enhance stability and reduce output ripple. For applications requiring very low output noise levels, a simple LC filter should be effective. 5. These units should not be operated over +85C (see derating curve). Exceeding +85C may damage the unit. 6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Input Voltage (VDC) Current (mA) Nominal Range Full-Load No-Load 12 9.0 - 18.0 1,524 25 12 9.0 - 18.0 1,470 25 12 9.0 - 18.0 1,488 25 12 9.0 - 18.0 1,524 25 12 9.0 - 18.0 1,470 25 12 9.0 - 18.0 1,470 25 24 18.0 - 36.0 753 8 24 18.0 - 36.0 735 8 24 18.0 - 36.0 735 8 24 18.0 - 36.0 744 8 24 18.0 - 36.0 726 8 24 18.0 - 36.0 726 8 48 36.0 - 75.0 376 5 48 36.0 - 75.0 363 5 48 36.0 - 75.0 363 5 48 36.0 - 75.0 367 5 48 36.0 - 75.0 359 5 48 36.0 - 75.0 359 5
Voltage (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15
Output Current (mA, Max) 3,000 1,250 1,000 1,500 625 500 3,000 1,250 1,000 1,500 625 500 3,000 1,250 1,000 1,500 625 500
Current (mA, Min) 300 125 100 150 63 50 300 125 100 150 63 50 300 125 100 150 63 50
Efficiency (%, Typ) 82 85 84 82 85 85 83 85 85 84 86 86 83 86 86 85 87 87
Capacitive Fuse Rating Slow-Blow Load (mA) (F, Max) 4,020 3,000 1,035 3,000 705 3,000 1,020 3,000 495 3,000 165 3,000 4,020 1,500 1,035 1,500 705 1,500 1,020 1,500 495 1,500 165 1,500 4,020 750 1,035 750 705 750 1,020 750 495 750 165 750
Derating Curve
Mechanical Dimensions External Trim
Pin Connections
Pin
1 2 3 4 5 6
Single
Dual
+Vin +Vin -Vin -Vin +Vout +Vout Trim Common -Vout -Vout Remote On/Off Remote On/Off
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
MicroPower Direct
www.micropowerdirect.com
*
On single output units, a simple external circuit may be used to adjust the converter output. To adjust the output DOWN, connect a 5%, 3W resistor between the plus output pin and the Vout trim pin. To adjust the output UP, connect a 5%, 3W resistor between the minus output pin and the Vout trim pin. For UP/Down trimming capability, connect a 10 kW potentiometer between the plus and minus outputs with the wiper arm connected to the Vout trim pin.
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of B1515ERW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X