Part Number Hot Search : 
CXA2011 MC3403D A1141LUA MMBD4 3C20S2 LPS25 F6501 2405E
Product Description
Full Text Search
 

To Download AZ830P2-4C-12DEA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ830 4POLE AZ
4 POLE POLARIZED MINIATURE DIP RELAY
FEATURES * * * * * * * * * Single side stable and two coil bistable versions High sensitivity, 90 mW pickup Low profile DIP package DC coils to 48 VDC Life expectancy to 100 million operations Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Epoxy sealed for automatic wave soldering and cleaning UL file E43203; CSA file 73363
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Minimum operations 1 x 108 5 x 105 at 2 A, 30 VDC 2 x 105 at 0.5 A, 120 VAC 3 ms at nominal coil voltage 2 ms at nominal coil voltage (with no coil suppression) Contact to contact: 1.0 pF Contact set to contact: 1.7 pF Contact to coil: 2.0 pF At 10 mA contact current 0.3 ms at operate 0.3 ms at release 1500 Vrms contact to coil 1500 Vrms between contact sets 1000 Vrms across contacts 250 Vrms coil to coil (dual coil) 1500 Vrms surge contact to coil 1500 Vrms surge contact set to contact set Meets FCC Part 68.302 lightning surge Meets FCC Part 68.304 V dielectric 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage Standard: -40C (-40F) to 70C (158F) Sensitive: -40C (-40F) to 80C (176F) Both: -40C (-40F) to 110C (230F) 0.062" DA at 10-55 Hz 30 g P.B.T. polyester Tinned copper alloy, P.C. 260C (500F) 5 seconds 80C (176F) 30 seconds 6.5 grams
CONTACTS
Arrangement Ratings 4PDT (4 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 60 W or 60 VA Max. switched current: 2 A Max. switched voltage: 220 VDC or 250 VAC Rated Load UL Material Resistance 1 A at 30 VDC 0.5 A at 120 VAC Silver palladium, gold clad < 50 milliohms initially
Release Time (typical) Capacitance
Bounce (typical)
Dielectric Strength (at sea level)
COIL (Polarized)
Power At Pickup Voltage (typical) Insulation Resistance Standard coil: 200 mW, single side stable 180 mW, bistable (latching) two coil Sensitive coil: 100 mW, single side stable 90 mW, bistable (latching) two coil 1.27 W at 20C (68F) ambient 0.99 W at 40C (104F) ambient Standard: 34C (61F) at nominal coil voltage Sensitive: 17C (31F) at nominal coil voltage Max. 110C (230F) Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
Max. Continuous Dissipation Temperature Rise Temperature
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Relay has fixed coil polarity. Relay adjustment may be affected if undue pressure is exerted on relay case. 5. For complete isolation between the relay's magnetic fields, it is recommended that a .197" (5.0 mm) space be provided between adjacent relays. 6. Specifications subject to change without notice.
2/26/03W
AZ830 4POLE
RELAY ORDERING DATA
STANDARD RELAYS: Single Side Stable COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 24 48 Max. Continuous VDC 9 10 16 21 43 86 Coil Resistance 10% 62.5 90 203 360 1440 5760 Must Operate VDC 3.5 4.2 6.3 8.4 16.8 33.6
ORDER NUMBER
AZ830-4C-5DEA AZ830-4C-6DEA AZ830-4C-9DEA AZ830-4C-12DEA AZ830-4C-24DEA AZ830-4C-48DEA
SENSITIVE RELAYS: Single Side Stable
5 6 9 12 24 48 12 15 23 30 60 120 125 180 405 720 2880 11520 3.5 4.2 6.3 8.4 16.8 33.6 AZ830-4C-5DSEA AZ830-4C-6DSEA AZ830-4C-9DSEA AZ830-4C-12DSEA AZ830-4C-24DSEA AZ830-4C-48DSEA
STANDARD RELAYS: Bistable (Latching) Two Coil COIL SPECIFICATIONS
Nominal Coil VDC 5 6 12 24 48 Max. Continuous VDC 9 10 21 43 86 Coil Resistance 10% Coil I Coil II 69 69 100 400 1,600 6,400 100 400 1,600 6,400 Must Operate VDC 3.5 4.2 8.4 16.8 33.6
ORDER NUMBER
AZ830P2-4C-5DEA AZ830P2-4C-6DEA AZ830P2-4C-12DEA AZ830P2-4C-24DEA AZ830P2-4C-48DEA
SENSITIVE RELAYS: BISTABLE (Latching) Two Coil
5 6 12 24 48 10 13 26 52 104 139 200 800 3,200 12,800 139 200 800 3,200 12,800 3.5 4.2 8.4 16.8 33.6 AZ830P2-4C-5DSEA AZ830P2-4C-6DSEA AZ830P2-4C-12DSEA AZ830P2-4C-24DSEA AZ830P2-4C-48DSEA
MECHANICAL DATA
1.39 (35.24) .390 (9.90)
MAXIMUM SWITCHING CAPACITY
WIRING DIAGRAM
N.O. 7 N.C. 5 COM 3 1
10.0
9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0
.390 (9.90)
+
COM 4
N.C. 6
N.O. 8
*
.200 (5.08) .200 (5.08) .100 (2.54) .200 (5.08) .200 (5.08) .130 (3.30) .019 .005 (0.48 0.13) TYP .300 (7.62) .010 .005 (0.25 0.13) TYP .200 .300 .200 (5.08) (7.62) (5.08)
-
10 12 14 16 13 COM 11 N.C. 9 N.O.
Current
SINGLE SIDE STABLE WATCH FOR POLARITY
SET 7 RST 5 COM 3 COM 4 RST 6 SET 8
*Used on two coil versions only
1.0
.9 .8 .7 .6 .5 .4
PC BOARD LAYOUT
.03 DIA (0.8) (16 HOLES) (+) .044 (1.11) REF .044 (1.11) REF
10 SET
-
Set Coil
+
1
2
+
DC Resistive Load
Reset Coil
-
12 RST 14 16 15 COM
-
13 COM 11 RST 9 SET
.3 .2
.300 (7.62)
BISTABLE (LATCHING) TWO COIL WATCH FOR POLARITY Diagrams show the "reset" position before energized with polarity as shown
10
(-)
Two coil versions only
Notch on top side
Viewed toward terminals
Viewed toward terminals
Voltage
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
1000
100
.1
AC Resistive Load
20 30 40 50 60 70 80 90 200 300 400 500 600 700 800 900
2/26/03W


▲Up To Search▲   

 
Price & Availability of AZ830P2-4C-12DEA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X