Part Number Hot Search : 
A1000 D612K SAP5M 100TS TDA3303 MDN2B C5909 805SH
Product Description
Full Text Search
 

To Download AHV2815SFCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAMBDA ADVANCED ANALOG INC.
PRELIMINARY
AHV2800 Series
Hybrid - High Reliability DC/DC Converters
DESCRIPTION The AHV series of DC/DC converters are designed to replace the AHE/ATO family of converters in applications requiring compliance to MIL-STD-704A through E, in particular the input surge requirement of 80 volts specified in MIL-STD-704A. The converters are designed to withstand transient input voltage of 80 volts. No input voltage or output power derating is necessary over the full military temperature range. These converters are packaged in an extremely rugged, low profile package that meets all requirements of MIL-STD-883 and MIL-PRF-38534. Parallel seam weld sealing and the use of ceramic pin feedthru seals assure long term hermeticity after exposure to extended temperature cycling. The basic circuit is a push-pull forward topology using power MOSFET switches. The nominal switching frequency is 500 KHz. A unique current injection circuit assures current balancing in the power switches. All AHV series converters use a single stage LC input filter to attenuate input ripple current. A low power 11.5 volt series regulator provides power to an epitaxial CMOS custom pulse width modulator integrated circuit. This single integrated circuit provides all PWM primary circuit functions. Power is transferred from primary to secondary through a ferrite core power transformer. An error voltage signal is generated by comparing a highly stable reference voltage with the converter output voltage and drives the PWM through a unique wideband magnetic feedback circuit. This proprietary feedback circuit provides an extremely wide bandwidth, high gain control loop, with high phase margin. The feedback control loop gain is insensitive to temperature, radiation, aging, and variations in manufacturing. The transfer function of the feedback circuit is a function of the feedback transformer turns ratio which cannot change when subjected to enviromental extremes. the requirements of MIL-PRF-38534 for class H. The HB grade is processed and screened to the class H requirement, but may not necessarily meet all of the other MIL-PRF-38534 requirements, e.g., element evaluation and Periodic Inspection (P.I.) not required. Both grades are tested to meet the complete group "A" test specification over the full military temperature range without output power deration. Two grades with more limited screening are also available for use in less demanding applications. Variations in electrical, mechanical and screening can be accommodated. Contact Lambda Advanced Analog for special requirements.
FEATURES n n n n n n n n n n n n n 80 Transient (100 msec max.) Absolute Maximum Input 50 VDC Absolute Maximum Input (Continuous) 16-40 VDC Input Range Single, Dual, and Triple Outputs 15 Watt Output Power (No Temperature Derating) Low Input/Output Noise Full Military Temperature Range Wideband PWM Control Loop Magnetic Feedback Low Profile Hermetic Package (.405") Short Circuit and Overload Protection Constant Switching Frequency (500 KHz) True Hermetic Package (Parallel Seam Welded, Ceramic Pin Feedthru
Manufactured in a facility fully qualified to MIL-PRF38534, these converters are available in four screening grades to satisfy a wide range of requirements. The CH grade is fully compliant to
SPECIFICATIONS (SINGLE OUTPUT MODELS)
TCASE = -55C to +125C, VIN = +28 V 5% unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Input Voltage Power Output Soldering Temperature Range -0.5 V to 50 VDC (Continuous) 80 V (100ms) Internally limited, 17.5W typical 300C for 10 seconds (1 pin at a time) Operating -55C to 135C case9 Storage -65C to +135C
Conditions
-55C - Tc - +125C, VIN = 28 VDC
TestSymbol
5%, CL=0, unless otherwise specified
Subgroups
Group A Min 1 2,3 1,2,3 1,2,3 1,2,3
AHV2805S Max Min 4.95 4.90 0.0 15 5 25 50 18 50 50 72 100 500 8.5 8.5 450 550 5.05 5.10 3.00 60
AHV2812S Max Min 11.88 11.76 0.0 15 30 60 120 18 50 50 72 100 200 8.5 8.5 450 550 12.12 12.24 1.25 60
AHV2815S Max Units 14.85 14.70 0.0 15 35 75 150 18 50 50 72 100 200 8.5 8.5 450 550 15.15 V 15.30 V 1.00 A 60 mV p-p W mV mV mV mA mA mA p-p % M F W W KHz
STATIC CHARACTERISTICS OUTPUT VOUT Voltage Current IOUT Ripple Voltage 1 VRIP Power REGULATION Line Load INPUT Current Ripple Current EFFICIENCY ISOLATION CAPACITIVE LOAD 2, 3 LOAD FAULT POWER DISSIPATION POUT VRLINE
VIN = 16, 28, and 40 VDC IOUT = 0 VIN = 16, 28, and 40 VDC VIN = 16, 28, and 40 VDC BW = DC to 1 MHz VIN = 16, 28, and 40 VDC
VIN = 16, 28, and 40 VDC 1 IOUT = 0, Half Load and Full Load 2,3 VRLOAD VIN = 16, 28, and 40 VDC 1,2,3 IOUT = 0, Half Load and Full Load IIN IRIP EFF ISO CL PD IOUT = 0, Inhibit (pin 2) = 0 IOUT = 0, Inhibit (pin 2) = Open IOUT = Full Load IOUT = Full Load TC = +25C Input to output or any pin to case (except pin 8) at 500 VDC, Tc = +25C No effect on DC performance Tc = +25C Overload, Tc = +25C 4 Short circuit, Tc = +25C 1,2,3 1,2,3 1 1 4 1 4
SWITCHING FREQUENCY FS IOUT = Full Load DYNAMIC CHARACTERISTICS STEP LOAD CHANGES Output Transient 5 VOTLOAD 50% Load 135 100% Load No Load 135 50% Recovery 5,6 TTLOAD 50% Load 135 100% Load No Load 335 50% Load 50% Load 335 No Load STEP LINE CHANGES Output Transient VOTLINE Input step 16 to 40 VDC 3,7 Input step 40 to 16 VDC 3,7 Recovery TTLINE Input step 16 to 40 VDC 3,6,7 Input step 40 to 16 VDC 3,6,7 TURN-ON Overshoot VTON OS IOUT = OA and Full Load Delay TON D IOUT = O and Full Load 8 LOAD FAULT RECOVERY trLF VIN = 16 TO 40 VDC
4 4 4 4 4 4 4 4 4 4,5,6 4,5,6 4,5,6
-300 -500
+300 +500 70 200 5 300 -1000 800 800 550 10 10
-300 -750
+300 +750 70 1500 5 500 -1500 800 800 750 10 10
-300 -750
+300 +750 70 1500 5 500 -1500 800 800 750 10 10
mVpk mVpk S S ms mVpk mVpk S S mVpk ms ms
Notes: 1. Bandwidth guaranteed by design. Tested for 20 KHz to 2 MHz. 2. Capacitive load may be any value from 0 to the maximum limit without affecting dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but will interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 3. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter shall be guaranteed to the limits specified. 4. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 5. Load step transition time between 2 and 10 microseconds. 6. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1 percent of VOUT at 50 percent load. 7. Input step transition time between 2 and 10 microseconds. 8. Turn on delay time measurement is for either a step application of power at input or the removal of a ground signal from the inhibit pin (pin 2) while power is applied to the input. 9. Above 125C case temperature, derate output power linearly to 0 at 135C case.
2
SPECIFICATIONS (DUAL OUTPUT MODELS)
TCASE = -55C to +125 C, VIN = +28 V 5% unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Input Voltage Power Output Soldering Temperature Range -0.5 V to 50 VDC (Continuous) 80 V (100ms) Internally limited, 17.5W typical 300C for 10 seconds (1 pin at a time) Operating -55C to 135C case 13 Storage -65C to +135C
Conditions
-55C - Tc - +125C, VIN = 28 VDC
Test
Symbol
5%, CL=0, unless otherwise specified
Group A Subgroups
AHV2812D Min Max
AHV2815D Min Max
Units
STATIC CHARACTERISTICS OUTPUT Voltage 1 VOUT Current 1,2 Ripple Voltage 1,3 Power 1,2,4 REGULATION Line 1,5 Load 1 INPUT Current Ripple Current 3 EFFICIENCY ISOLATION CAPACITIVE LOAD 6,7 LOAD FAULT POWER DISSIPATION IOUT VRIP POUT
IOUT = 0 VIN = 16, 28, and 40 VDC VIN = 16, 28, and 40 VDC BW = DC TO 2 MHZ VIN = 16, 28, and 40 VDC
1 2,3 1,2,3 1,2,3 1,2,3 1 2,3 1,2,3 1,2,3 1,2,3 1 1 4 1 4
11.88 12.12 11.76 12.24 0.0 625 60 15 30 60 120 18 65 50 72 100 200 8.5 8.5 550
14.85 15.15 V 14.70 15.30 V 0.0 500 mA 60 mV p-p 15 35 75 150 18 65 50 72 100 200 8.5 8.5 550 W mV mV mV mA mA mA p-p % M f W W KHz
VRLINE VIN = 16, 28, and 40 VDC IOUT IOUT = 0, Half Load and Full Load VRLOAD VIN = 16, 28, and 40 VDC IOUT = 0, Half Load and Full Load IIN IRIP EFF ISO CL PD IOUT = 0, inhibit (pin 2) Tied to input return (pin 10) IOUT = 0, inhibit (pin 2) = open IOUT = Full Load BW = DC to 2MHz IOUT = FULL LOAD, TC = +25C Input to output or any pin to case (except pin 8) at 500 VDC, TC = +25C No effect on DC performance, TC = +25C Over Load, TC = +25C 8 Short Circuit, TC = +25C IOUT = FULL LOAD
SWITCHING FREQUENCY FS DYNAMIC CHARACTERISTICS STEP LOAD CHANGES Output Transient 9 VOTLOAD 50% Load 135 100% Load No Load 135 50% Load Recovery 9,10 TTLOAD 50% Load 135 100% Load No Load 335 50% Load 50% Load 335 No Load STEP LINE CHANGES Output Transient 7,11 VOTLINE Input step 16 to 40 VDC Input step 40 to 16 VDC Recovery 7,10,11 TTLINE Input step 16 to 40 VDC Input step 40 to 16 VDC TURN-ON Overshoot 1 VTON OS IOUT = O and Full Load Delay 1,12 TON D IOUT = O and Full Load LOAD FAULT RECOVERY 7 trLF
450
450
4 4 4 4 4 4 4 4 4 4,5,6 4,5,6 4,5,6
-300 -500
+300 +500 70 1500 5 1200 -1500 4 4 600 10 10
-300 -500
+300 +500 70 1500 5 1500 -1500 4 4 600 10 10
mVpk mVpk s s ms mVpk mVpk ms ms mVpk ms ms
Notes: 1. Tested at each output 2. Parameter guaranteed by line and load regulation tests. 3. Bandwidth guaranteed by design. Tested for 20 KHz to 2 MHz. 4. Total power at both outputs. 5. When operating with unbalanced loads, at least 25% of the load must be on the positive output to maintain regulation. 6. Capacitive load may be any value from 0 to the maximum limit without affecting dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be guaranteed to the limits specified. 8. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 9. Load step transition time between 2 and 10 microseconds. 10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1 percent of VOUT at 50 percent load. 11. Input step transition time between 2 and 10 microseconds. 12. Turn on delay time measurement is for either a step application of power at input or the removal of a ground signal from the inhibit pin (pin 2) while power is applied to the input. 13. Above 125C case temperature, derate output power linearly to 0 at 135C case.
3
SPECIFICATIONS (TRIPLE OUTPUT MODELS)
TCASE = -55C to +125C, VIN = +28 V 5% unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Input Voltage Power Output Soldering Temperature Range -0.5 V to 50 VDC (Continuous) 80 V (100ms) Internally limited, 17.5W typical 300C for 10 seconds (1 pin at a time) Operating -55C to 135C case 8 Storage -65C to +135C
Conditions
-55C - Tc - +125C, VIN = 28 VDC
Test
Symbol
5%, CL=0, unless otherwise specified
Group A Subgroups
AHV2812T Min Max
AHV2815T Min Max
Unit
STATIC CHARACTERISTICS OUTPUT Voltage 1 VOUT
IOUT = 0 (main) IOUT = 0 (dual)
1
Current 1,2,3 Ripple Voltage
1,4
IOUT VRIP
Power
1,2,3
POUT
VIN = 16, 28, and 40 VDC (main) VIN = 16, 28, and 40 VDC (dual)1 VIN = 16, 28, and 40 VDC BW = DC TO 2 MHZ (main) VIN = 16, 28, and 40 VDC BW = DC TO 2 MHZ (main) VIN = 16, 28, and 40 VDC (main) (+dual) (-dual) (total)
1 2,3 1 2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1 2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3
4.95 5.05 4.90 5.10 11.88 12.12 11.76 12.24 0.0 2000 0.0 208 80 40 10 2.5 2.5 15 25 30 60 50 60
4.95 5.05 V 4.90 5.10 V 14.85 15.15 V 14.70 15.30 V 0.0 2000 mA 0.0 167 mA 80 mV p-p 40 10 2.5 2.5 15 25 35 75 50 75 mV p-p W W W W mV mV mV mV mV
REGULATION Line 1,3
Load
1,3
VIN = 16, 28, and 40 VDC IOUT = 0, 1000, 2000 mA (main) VIN = 16, 28, and 40 VDC IOUT = 0, 104, 208 mA (12V) (dual) IOUT = 0, 84, 167 mA (15v) VRLOAD VIN = 16, 28, and 40 VDC IOUT = 0, 1000, 2000 mA (main) VIN = 16, 28, and 40 VDC IOUT = 0, 104, 208 mA (12V) (dual) IOUT = 0, 84, 167 mA (15v) IIN IOUT = 0 inhibit (pin 8) tied to input return (pin 10) IOUT = 0 inhibit (pin 2) = open IOUT = 2000 mA (main) IOUT = 208 mA (12V) IOUT = 167 mA (15V) BW = DC to 2MHz IOUT = 2000 mA (main) IOUT = 208 mA ( 12V) IOUT = 167 mA (15V) Input to output or any pin to case (except pin 7) at 500 Vdc, Tc = +25C Over Load, TC = +25C5 Short Circuit, TC = +25C IOUT = 2000 mA (main) IOUT = 208 mA (12V) IOUT = 167 mA (15V) No effect on DC performance, TC = +25C (main) (dual)
VRLINE
INPUT Current
15 50 50
15 50 50
mA mA mA p-p
Ripple Current 4
IRIP
EFFICIENCY ISOLATION LOAD FAULT POWER DISSIPATION 3 SWITCHING FREQUENCY1 CAPACITIVE LOAD 6,7
EFF ISO PD FS CL
1 1 1 1 4
72 100 8.5 8.5 550
72 100 8.5 8.5 550
% M W W KHz
450
450
4
500 200
500 200
f f
DYNAMIC CHARACTERISTICS STEP LOAD CHANGES Output Transient 9 VOTLOAD 50% Load 135 100% Load No Load 135 50% Load Recovery 9,10 TTLOAD 50% Load 135 100% Load No Load 335 50% Load 50% Load 335 No Load
4 4 4 4 4
-300 -400
+300 +400 100 2000 5
-300 -400
+300 +400 100 2000 5
mVpk mVpk s s ms
4
STEP LINE CHANGES Output Transient 7,11 Recovery
7,10,11
VOTLINE Input step 16 to 40 VDC Input step 40 to 16 VDC TTLINE Input step 16 to 40 VDC Input step 40 to 16 VDC
4 4 4 4 4 4 4
1200 -1500 4 4 750 15 15
1200 -1500 4 4 750 15 15
mVpk mVpk ms ms mVpk ms ms
TURN-ON Overshoot 1 VTON OS IOUT = 0 and 625 mA Delay 1,12 TON D IOUT = 0 and 625 mA LOAD FAULT RECOVERY 7 trLF
Notes: 1. Tested at each output 2. Parameter guaranteed by line and load regulation tests. 3. At least 25 percent of the total power should be taken from the (+5 volt) main output. 4. Bandwidth guaranteed by design. Tested for 20 KHz to 2 MHz. 5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 6. Capacitive load may be any value from 0 to the maximum limit without affecting dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be guaranteed to the limits specified. 8. Above 125C case temperature, derate output power linearly to 0 at 135C case. 9. Load step transition time between 2 and 10 microseconds. 10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1 percent of VOUT at 50 percent load. 11. Input step transition time between 2 and 10 microseconds. 12. Turn on delay time measurement is for either a step application of power at input or the removal of a ground signal from the inhibit pin (pin 8) while power is applied to the input.
PART NUMBER
AHV 28xx x
Model
STANDARD MILITARY DRAWING CROSS REFERENCE
F / xx
Screening (see table below) Omit for industrail ES-- Environmental screening HB-- Military screening CH-- Fully compliant and SMD Package F - Flange Output Option S - Single Output D - Dual Output T - Triple Output
Lambda Advanced Analog part no. AHV2805 SF/CH AHV2812 SF/CH AHV2815 SF/CH AHV2812 DF/CH AHV2815 DF/CH AHV2812 TF/CH AHV2815 TF/CH Standardized ** military dwg. 5962-91773 5962-92112 5962-92113 5962-92114 5962-92774 5962-92115 5962-92116
Input Voltage
Output Voltage 05 - 5VDC 12 - 12VDC 15 - 15VDC
** Pending consult factory for status.
SCREENING DETAILS
Requirement Temperature Range Element Evaluation Internal Visual Temperature Cycle Constant Acceleration Burn-in Final Electrical (Group A) Seal, Fine & Gross External Visual v per Commercial Standards 2017 1010 2001 1015 MIL-STD-38534 & Specification 1014 2009 25C Cond A v v Cond B 500g 96 hrs @125C 25C Cond A, C Cond C Cond A 160 hrs @125C -55, +25, +125C Cond A, C MIL-STD-883 Method No Suffix -20C to +85C ES Suffix -55C to +125C HB Suffix CH Suffix
-55C to +125C -55C to +125C MIL-PRF-38534 Cond C Cond A 160 hrs @125C -55, +25, +125C Cond A, C
5
BLOCK DIAGRAMS
1
INPUT FILTER OUTPUT FILTER 5
Single Output Models
2
CONTROLLER
ERROR AMP & REF
3
10
4
1
INPUT FILTER OUTPUT FILTER 3
Double Output Models
2
CONTROLLER
REGULATOR & OUTPUT FILTER ERROR AMP & REF
5
10
4
5 REGULATOR & OUTPUT FILTER 1 INPUT FILTER OUTPUT FILTER 8 CONTROLLER 4
Triple Output Models
2
ERROR AMP & REF
10
3
6
MECHANICAL OUTLINE
2.700 max (68.580)
2.880 max (73.152)
Pin #1
1.345 (34.163)
1.00 (25.400)
1.110 (28.194) Pin #1 2.560 (65.024) 2.110 max (53.594)
0.800 (20.320)
2.360 (59.944) 1.950 (49.530) 0.162D 2 places (4.115) 0.410 max. 10.414
0.162D 2 places (4.115) .405 max 10.287
4 x 0.400 = 1.600 (10.160) (40.640)
4 x 0.400 = 1.600 (10.160) (40.640)
0.040D x 0.260L (1.016) (6.604)
0.040D x 0.260L (1.016) (6.604)
Flange
Single and Dual Output Models
Triple Output Models
PIN DESIGNATION
Input Common N/C Case Ground
10 9
1
+ Input Inhibit Input
Single Output Models Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Positive Input Inhibit Input Output adjust* Output common Positive output Pin 10 Input common Pin 9 N/C Pin 8 Case gnd Pin 7 N/C Pin 6 N/C
Bottom View
Output Adjust Output Common
6
5
+ Output
Input Common N/C Case Ground
10
1
Pos. Input Inhibit Input
Dual Output Models Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Positive Input Inhibit Input Positive output Output common Negative output Pin 10 Input common Pin 9 N/C Pin 8 Case gnd Pin 7 N/C Pin 6 N/C
Bottom View
Pos. Output Output Common
6
5
Neg. Output
Input Common N/C Inhibit Input Case Ground N/C
10
1
Pos. Input +5VDC Output
Triple Output Models Positive Input +5VDC output Output common Neg. Dual output (12/15VDC) Pin 5 Pos. Dual output (12/15VDC)
7
Bottom View
Output Common Neg. Dual Output
Pin 1 Pin 2 Pin 3 Pin 4
Pin 10 Input common Pin 9 N/C Pin 8 Inhibit Input Pin 7 Case gnd Pin 6 N/C
6
5
Pos. Dual Output
APPLICATION INFORMATION
Inhibit function Connecting the inhibit pin (Pin 2 of single and dual models, pin 8 of triple models) to the input return (Pin 10) will cause the converter to shut down and operate in a low power standby mode. Power consumption in this mode is calculated by multiplying Vin times the input current inhibited, typically 225mw at Vin equal to 28 volts. The input current inhibited is relatively constant with changes in Vin. The open circuit inhibit pin voltage is typically 11.5 volts and can be conveniently driven by an open collector driver. An internal pullup resistor enables the user to leave this pin floating if the inhibit function is not used in their particular application. All models use identical inhibit internal circuits. Forcing inhibit pin to any voltage between 0 and 6 volts will assure the converter is inhibited. The input current to this pin is 500a maximum at Vpin2 = to 0 volts. The converter can be turned on by opening Pin 2 or forcing a voltage from 10 to 50 volts. Inhibit pin current from 10 to 50 volts is less than 50a. EMI Filter An optional EMI filter (AFC461) will reduce the input ripple current to levels below the limits imposed by MILSTD-461 CEO3 *Output Adjust (Single Output Models Only) The output voltage of the AHV28XXS can be adjusted upward by connecting Output Adjust (Pin 3) and Output Common (Pin 4) as shown in Table 1.
Resistance, ohm Pin 3 to 4 x 390 K 145 K 63 K 22 K 0 Output Voltage Increase, % 5V 12V 15V 0 +1.0 % +2.0 % +3.1 % +4.1 % +5.0 % 0 +1.6% +3.2 % +4.9 % +6.5 % +7.9 % 0 +1.7 % +3.4 % +5.1 % +6.8 % +8.3 %
Table 1: Output Adjustment Resistor Values
(c)Lambda Advanced Analog
The information in this data sheet has been carefully checked and is believed to be accurate; however no responsibility is assumed for possible errors. These specifications are subject to change without notice.
9848
LAMBDA ADVANCED ANALOG INC.
MIL-PRF-38534 Certified ISO9001 Registered
2270 Martin Avenue Santa Clara CA 95050-2781 (408) 988-4930 FAX (408) 988-2702
8


▲Up To Search▲   

 
Price & Availability of AHV2815SFCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X