Part Number Hot Search : 
8116S RF105 30KPA51A LM853 HDK5762 KZT2222A 1732FS MP45010
Product Description
Full Text Search
 

To Download ADAM-3978 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADAM-3900 Series
ADAM-3962
DB62 Wiring Terminal for DIN-rail Mounting
Wiring Terminals for DIN-rail Mounting ADAM-3968/50
68-pin SCSI-II to Two 50-pin Box Header for DIN-rail Mounting
Features
Low cost universal DIN-rail mounting screw terminal module for DA&C cards with DB62 female connector Screw-clamp terminal blocks allow easy and reliable connections Case dimensions (W x L x H): 77.5 x 124.5 x 63.5 mm (3.1" x 4.9" x 2.5")
Features
Low cost universal DIN-rail mounting screw terminal module for PC-LabCardTM products with 68-pin SCSI-II connectors Converts one 68-pin SCSI-II connector to two 50-pin Opto-22 compatible box headers Case dimensions (W x L x H): 77.0 x 101.0 x 54.3 mm (3.0" x 4.0" x 2.1")
To Be Used With
PCI-1243U, PCI-1762
To Be Used With
PCI-1751, PCI-1753, PCI-1753E
ADAM-3968
68-pin SCSI-II Wiring Terminal for DIN-rail Mounting
ADAM-3978
DB78 Wiring Terminal for DIN-rail Mounting
Features
Low cost universal DIN-rail mounting screw terminal module for industrial applications with 68-pin SCSI-II female connector Case dimensions (W x L x H): 77.5 x 191.2 x 51 mm (3.1" x 8.4" x 2.0")
Features
Low cost universal DIN-rail mounting screw terminal module for industrial applications with DB78 female connector Case dimensions (W x L x H): 86 x 191 x 42 mm (3.39" x 7.51" x 1.65") Mounting
To Be Used With
PCI-1710/1710L, PCI-1710HG/1710HGL, PCI-1711/1711L, PCI-1712/1712L, PCI -1716/1716L, PCI-1741U, PCI-1742U, PCI-1747U, PCI-1721, PCI-1723, PCI-1751, PCI-1753/1753E, PCI-1723, PCI-1780U
To Be Used With
MIC-3753, PCI-1756
ADAM-3968/20
68-pin SCSI-II to Three 20-pin Wiring Terminal Module for DIN-rail Mounting
ADAM-39100
100-pin SCSI-II Wiring Terminal for DIN-rail Mounting
Features
Low cost universal DIN-rail mounting screw terminal module for PC-LabCardTM products with 68-pin SCSI-II connectors Converts one 68-pin SCSI-II connector to three 20-pin connectors Case dimensions (W x L x H): 77.5 x 80 x 54.3 mm (3.1" x 3.2" x 2.1")
Features
Low cost universal DIN-rail mounting screw terminal module for industrial applications with 100 pin SCSI-II female connetor Case dimensions (W x L x H): 80 x 230 x 42 mm (3.14" x 9.05" x 1.65")
To Be Used With
PCI-1755
To Be Used With
PCI-1751, PCI-1753, PCI-1753E
Signal Conditioning Modules and Terminal Boards


▲Up To Search▲   

 
Price & Availability of ADAM-3978

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X