Part Number Hot Search : 
EMICO HRA140 C4082 7D640SS 25LS256 J15CA XRT84L38 LYH1025
Product Description
Full Text Search
 

To Download A615ERU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A600ERU Series
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Key Features:
* 6W Output Power * 4:1 Input Voltage Range * 1,500 VDC Isolation * -40C to +85C Temp Range * Compact DIP Case * Single & Dual Outputs * 1.0 MH MTBF * Industry Standard Pin-Out * Low, Low Cost
Parameter Input Voltage Range (See Note 1) Input Filter Reverse Polarity Input Current Short Circuit Input Power
Conditions 24 VDC Input 48 VDC Input
Min. 9.0 18.0
Typ. 24.0 48.0
Max. 36.0 72.0 1.0 2,500
Units VDC
Capacitors A mW Units % % 0.5 1.0 50 300 0.02 % % mV P - P mV P - P % 0.01 Continuous Conditions 60 Seconds 500 VDC Single Output Dual Output Conditions Ambient Min. -40 -55 Free Air Convection RH, Non-condensing 95 % Min. 1,500 1,000 300 250 Typ. Max. +85 +125 Typ. Max. Units VDC M kHz %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Noise (20 Hz - 300 kHz) Ripple (DC - 20 MHz) Output Power Protection Temperature Coefficient Output Short Circuit 120 Conditions See Note 2 Dual Output , Balanced Loads Vin = Min to Max See Note 3 See Note 4 Min. Typ. 1.0 3.0 0.2 0.5 30 100 Max. 3.0
General
Parameter Isolation Voltage Isolation Resistance Switching Frequency
Environmental
Parameter Operating Temperature Range Storage Temperature Range Cooling Humidity Physical Case Size 1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm) Metal With Non-Conductive Base (UL94V-0) 0.49 Oz (14g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 1.0 Min. -0.7 -0.7 Typ. Max. 50.0 100.0 300 2,500 Typ. Max. Units MHours Units VDC C mW Units C C
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Case Material Weight
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
Model Selection Guide
Model Number A601ERU A602ERU A603ERU A604ERU A605ERU A606ERU A607ERU A608ERU A609ERU A611ERU A612ERU A613ERU A614ERU A615ERU A616ERU A617ERU A618ERU A619ERU Voltage (VDC) Nominal 24 24 24 24 24 24 24 24 24 48 48 48 48 48 48 48 48 48 Range 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 9.0 - 36.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 18.0 - 72.0 Input Current (mA)
www.micropowerdirect.com
Output Fuse Rating Reflected Efficiency Slow-Blow Current Ripple Voltage Current (%, Typ) (mA) (VDC) (mA, Max) (mA, Min) Full-Load No-Load Current
(mA, Typ)
278 312 304 304 301 312 304 298 294 137 156 152 147 145 156 152 149 147
20 20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
3.3 5.0 12.0 15.0 24.0 5.0 12.0 15.0 24.0 3.3 5.0 12.0 15.0 24.0 5.0 12.0 15.0 24.0
1,500 1,200 500 400 250 600 250 200 125 1,500 1,200 500 400 250 600 250 200 125
150.0 120.0 50.0 40.0 25.0 60.0 25.0 20.0 13.0 150.0 120.0 50.0 40.0 25.0 60.0 25.0 20.0 13.0
75 80 82 82 83 80 82 84 85 76 80 82 85 86 80 82 84 85
1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 750 750 750 750 750 750 750 750 750
Notes: 1. Exceeding the input range by a significant margin may damage the units. For 24V input the input voltage should not exceed 40V; for 48V models it should not exceed 80V. 2. Output accuracy for the negative output of dual output units is typically 3% (5% max.). 3. Output load regulation is specified for a load change of 10% to 100%. For 3.3V output units, the load regulation is 1.5% max. 4. When measuring output ripple, it is recommended that an external 0.33 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. 5. These units should not be operated with a load under the specified minimum. Operation at no-load will increase ripple significantly and may cause damage to the unit. 6. These converters are specified for operation without external components. However, in some applications the addition of input/output capacitors will enhance stability and reduce output ripple. Recommended capacitor values are:
Derating Curve
Input Vout Capacitor 24 VDC 100 F 3.3 VDC 48 VDC 100 F 5 VDC 12 VDC 15 VDC 24 VDC Vin
Output Capacitor 100 F 100 F 100 F 47 F 47 F
Mechanical Dimensions
For applications requiring very low output noise levels, a simple LC filter should be effective. 7. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Pin Connections
Pin 2, 3 9 11 14 16 22, 23 Single -Vin No Pin NC +Vout -Vout +Vin Dual -Vin Common -Vout +Vout Common +Vin
NC: No Connection
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
*
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of A615ERU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X