Part Number Hot Search : 
FM120 100180QC STA350BW 100D12N2 GS1535A F10UP60 CDP1822C SDB5100D
Product Description
Full Text Search
 

To Download A515ERW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A500ERW Series
Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 5W Output Power * 2:1 Input Voltage Range * 1,500 VDC Isolation * Compact DIP Case * Single & Dual Outputs * 1.0 MH MTBF * Industry Standard Pin-Out * Low Cost
Input
Parameter Input Start Voltage Input Filter Reverse Polarity Input Current Short Circuit Input Power Conditions Min. 12 VDC Input 4.5 24 VDC Input 8.0 (Pi) Filter Typ. 6.0 12.0 Max. 8.0 16.0 1.0 3,000 Max. 1.0 2.0 0.3 1.0 75 100 15 300 6.0 0.02 Units VDC
1,000 Conditions Dual Output , Balanced Loads Vin = Min to Max Iout = 20% to 100% Over Line, Load & Temp. 120 25% Load Step Change 150 2.0 0.01 Continuous (Autorecovery) Min. 1,500 1,000 Typ. Min. Typ. 0.5 0.5 0.1 0.3 50
A mW Units % % % % mV P - P mV P - P mV rms % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20 MHz) (Note 1) Ripple & Noise (20 MHz) Ripple & Noise (20 MHz) Output Power Protection Transient Recovery Time (Note 2) Transient Response Deviation Temperature Coefficient Output Short Circuit
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Conditions 60 Seconds 500 VDC 100 kHz, 1V Max. Units VDC M pF kHz Units
C C C
RoHS Compliant
380 300
500
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity Conditions Min. Typ. -40 +25 -40 -40 Free Air Convection RH, Non-condensing Ambient Case Max. +71 +90 +125 95
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
%
Physical
Case Size Case Material Weight 1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm) Non-Conductive Black Plastic (UL94-V0) 0.60 Oz (17g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 12 VDC Input 24 VDC Input 1.5mm From Case For 10 Sec All Models Min. Typ. 1.0 Typ. Max. Units MHours Units VDC
C
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Min. -0.7 -0.7 Max. 25.0 50.0 260 2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number A501ERW A502ERW A503ERW A504ERW A505ERW A511ERW A512ERW A513ERW A514ERW A515ERW Voltage (VDC) Nominal 12 12 12 12 12 24 24 24 24 24 Range 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 Input Current (mA) Full-Load 429 514 595 595 595 209 251 291 291 291 Output Reflected Efficiency Current Ripple Voltage Current (%, Typ) (VDC) (mA, Max) (mA, Min) No-Load Current
(mA, Typ)
Fuse Rating Slow-Blow (mA) 1,500 1,500 1,500 1,500 1,500 700 700 700 700 700
20 20 20 20 20 5 5 5 5 5
25 25 25 25 25 15 15 15 15 15
3.3 5.0 12.0 12.0 15.0 3.3 5.0 12.0 12.0 15.0
1,200.0 1,000.0 500.0 250.0 200.0 1,200.0 1,000.0 500.0 250.0 200.0
60.0 50.0 25.0 12.5 10.0 60.0 50.0 25.0 12.5 10.0
77 81 84 84 84 79 83 86 86 86
Notes: 1. When measuring output ripple, it is recommended that an external 0.47 F ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. For noise sensitive applications, the use of 3.3 F capacitors will reduce the output ripple. 2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. Operation at no-load will not damage these units. However, they may not meet all specifications. 4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 5. The converter should be connected to a low ac-impedance source. An input source with a highly inductive impedance may affect the stability of the converter. In applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. In this case, it is recommended that a low ESR (ESR <1.0 at 100 kHz) capacitor be mounted close to the converter. For 12V input units a 3.3 F is recommended and for 24V units a 2.2 F. 6. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Derating Curve
Mechanical Dimensions Pin Connections
Pin 2 3 9 11 14 16 22 23 Single -Vin -Vin No Pin NC +Vout -Vout +Vin +Vin Dual -Vin -Vin Common -Vout +Vout Common +Vin +Vin
NC: No Connection
Capacitive Load
Single Output F Max 6,800 Dual Output F Max 1,000
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
MicroPower Direct
www.micropowerdirect.com
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of A515ERW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X