Part Number Hot Search : 
4U016 T01KO 203907B 7503G 856183 00M25 R0866P06 K1603TE
Product Description
Full Text Search
 

To Download A13X400-1TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMP-TRAP(R)-Form 101
A13X
SEMICONDUCTOR PROTECTION FUSES
A13X Amp-trap(R) Form 101 Semiconductor Protection fuses were designed for the specific protection of diodes and other semiconductor devices rated 130VAC or less. A13X fuses are very small for their ampere ratings, especially the hockey-puck type in the higher ampere ratings.
Features / Benefits Low l2t minimizes damage to protected components on short circuit Controlled arc voltage reduces stress to circuit components during fuse clearing Choice of mounting types helps in equipment design
Ratings AC: 1-6000A 130VAC, 8kA I.R. DC: 70-2000A 100VDC,10kA I.R. 2500-3000A 100VDC, 20kA I.R. L/R=10ms
Approvals UL Recognized Component AC: Guide No. JFHR2 (1-25A, 70-2000A) DC Tested to UL Standard198L parameters (70-3000A)
HIGHLIGHTS:
Fast Acting Current Limiting 2 Low l t Indicator Options Available
APPLICATIONS: Protection of heavy duty devices such as electrochemical rectifiers
Catalog Numbering System
Amp-trap(R) Fuse Rated Volts - 130 Style Amperes* Mounting Types* Ferrule Ferrule, midget dims. (1-1/2" x 13/32") Blades, bolt-in Hockey puck, bolt-in Integral Blown-Fuse Indicator Trigger Indicator Trigger Actuator A 13 X 400 1 2 4 128
A 13 X 400 - 4 TI
Single Pole Fuse Blocks for A13X Fuses
FUSE AMPERE RATING 1-30 31-60 61-100 101-200 201-450 500-600 FUSE BLOCK CATALOG NUMBER 30311 60306J P243D P243D P243D P243G
TI TA
* For ampere ratings and types not listed, consult the factory.
D2
AMP-TRAP(R)-Form 101
A13X
AMPERE RATING 1 2 3 4 5 6 7 8 10 12 15 20 25 30 35 40 40 45 50 50 55 CATALOG NUMBER A13X1-2 A13X2-2 A13X3-2 A13X4-2 A13X5-2 A13X6-2 A13X7-2 A13X8-2 A13X10-2 A13X12-2 A13X15-2 A13X20-2 A13X25-2 A13X30-2 A13X35-1 A13X40-1 A13X40-4TI A13X45-1 A13X50-1 A13X50-4 A13X55-1 OUTLINE AMPERE FIG. RATING 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 1 1 2 1 60 70 70 80 80 90 100 100 130 130 150 150 150 200 200 250 250 300 300 300 350
SEMICONDUCTOR PROTECTION FUSES
CATALOG NUMBER A13X60-1 A13X70-4 A13X70-4TI 4A13X80-4 4A13X80-4TI A13X90-4 A13X100-4 A13X100-4TI A13X130-4 A13X130-4TI A13X150-4 A13X150-4TA A13X150-4TI A13X200-4 A13X200-4TA A13X250-4 A13X250-4TI A13X300-4 A13X300-4TA A13X300-4TI A13X350-4 OUTLINE AMPERE FIG. RATING 1 2 2 2 2 2 2 2 2 2 2 3 2 2 3 2 2 2 3 2 2 350 400 400 400 450 450 500 500 600 800 800 1000 1000 1000 1000 1000 1200 1200 1200 1500 2000 CATALOG NUMBER A13X350-4TI A13X400-4 A13X400-4TA A13X400-4TI A13X450-4 A13X450-4TA A13X500-4 A13X500-4TA A13X600-4 A13X600-4TA A13X800-4 A13X1000-4 A13X1000-4TA A13X1000-4TI A13X1000-128 A13X1000-128TA A13X1200-128 A13X1200-128TA A13X1500-128 A13X1500-128TA A13X2000-128 OUTLINE AMPERE FIG. RATING 2 2 3 2 2 3 2 3 2 3 2 2 3 2 4 5 4 5 4 5 4 2000 2500 2500 3000 3000 3500 4000 4000 5000 6000 CATALOG NUMBER A13X2000-128TA A13X2500-128 A13X2500-128TA A13X3000-128 A13X3000-128TA A13X3500-128 A13X4000-128 A13X4000-128TA A13X5000-128 A13X6000-128 OUTLINE FIG. 5 4 5 4 5 6 6 7 8 8
Standard Fuse Ampere Ratings, Catalog Numbers
D
For ampere ratings and styles not listed, call Technical Services.
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
Figure 8
Dimensions
OUTLINE REF. A13X1 to 30 A13X35 to 60 A13X70 to 450 A13X500 to 1000 A13X1000 to 2000 A13X2500 to 3000 A13X3500 to 4000 A13X5000 to 6000 MOUNTING TYPE 2 1 4, 4TA* 4, 4TA* 128 128, 128TA* 128, 128TA* 128 FIG. A 1 1 2, 3* 2, 3* 4 4, 5* 6, 7* 8 1.50 (38.1) 2.00 (50.8) 2.66 (67.6) 3.50 (88.9) 1.88 (47.8) 1.88 (47.88) 1.88 (47.88) 2.38 (60.5) B .41 (10.4) .81 (20.6) 1.13 (28.7) 1.50 (38.1) 2.00 (50.8) 3.00 (76.2) 3.50 (88.9) 5.75 (146) DIMENSIONS - INCHES (mm) C D E F 1.16 (29.5) 1.25 (31.8) 1.63 (41.4) 1.63 (41.4) 1.63 (41.4) 1.88 (47.7) 2.19 (55.6) 2.56 (65.0) 1.75 (44.5) 2.50 (63.5) 3.00 (76.2) 5.00 (127) 1.91 (48.5) 1.94 (49.3) 1.00 (25.4) 1.50 (38.1) 1.06 (27.0) 1.50 (38.1) .31 (7.9) .41 (10.4) 1.06 (27.0) 1.50 (38.1) TAP G .88 (22.4) 1.00 (25.4) H .19 (4.8) .25 (6.4) 3/8-24-1/2 Deep 1/2-20-1/2 Deep 1/2-20-1/2 Deep 1/2-20-1/2 Deep -
* Optional Trigger Actuator (TA)
D3
A13X
AMP-TRAP(R)-Form 101
Melting Time - Current Data, 130V Fuses
Melting Time - Current Data, 130V Fuses
A13X1 TO 60
A13X70 to 6000
SEMICONDUCTOR PROTECTION FUSES
Time in Seconds
Time in Seconds
D4
Current in Amperes
Current in Amperes
AMP-TRAP(R)-Form 101
A13X
Maximum Instantaneous Peak Let-Thru Amperes
SEMICONDUCTOR PROTECTION FUSES
130 VAC Fault
Peak Let-Thru Current Data - A13X1 to 6000, 130 Volts AC
Load
Fig. A
130 VAC
Fault
Load
Fig. B
I2t Data - 130 Volts AC
FUSE AMPERE RATING
1 2 3 4 5 6 7 8 10 12 15 20 25 30 35 40 45 50 55 60 70 80 90 100 130 150 200 250 300 350 400 450 500 600 800 1,000 1,200 1,500 2,000 2,500 3,000 3,500 4,000 5,000 6,000
MELTING (A2s)
.02 .10 .18 .50 .75 1.1 1.6 2.9 5.0 6.3 10 34 65 100 85 120 150 240 280 340 840 1,000 1,300 1,600 2,500 3,600 6,400 10,000 14,000 20,000 26,000 32,000 40,000 58,000 100,000 160,000 240,000 360,000 640,000 1,000,000 1,400,000 1,800,000 2,400,000 3,700,000 5,400,000
I2t DATA CLEARING AT 130V 1 FUSE 2 FUSES IN (FIG. A) SERIES (FIG. B) (A2s) (A2s)
.1 .35 .7 2 3 4 6 10 18 22 35 120 230 350 450 640 800 1,300 1,500 1,800 4,200 5,000 6,500 8,000 12,000 18,000 32,000 50,000 70,000 100,000 130,000 160,000 200,000 290,000 500,000 800,000 1,200,000 1,800,000 3,200,000 5,000,000 7,000,000 9,000,000 12,000,000 18,000,000 27,000,000 .05 .25 .5 1.5 2 3 4 7 12 15 25 80 150 230 300 420 520 840 1,000 1,200 2,100 2,500 3,300 4,000 6,300 9,000 16,000 25,000 35,000 50,000 65,000 80,000 100,000 140,000 250,000 400,000 600,000 900,000 1,600,000 2,500,000 3,500,000 4,500,000 6,000,000 9,000,000 14,000,000
D
Available Current in RMS Symmetrical Amperes
Watts Loss at Rated Current
AMPERE RATING 70 80 90 100 130 150 200 250 300 WATTS LOSS (W) 2.7 3.2 3.9 4.1 5.8 6.6 9.1 12 15 AMPERE RATING 350 400 450 500 600 800 1000 1200 1500 WATTS LOSS (W) 18 20 23 20 26 37 44 52 65 AMPERE WATTS RATING LOSS (W) 2000 2500 3000 3500 4000 4500 5000 6000 92 116 149 178 190 240 280 356
Watts Loss Correction vs. Percent Rated Current
Correction Factor for Watts Loss
Percent Rated Current D5


▲Up To Search▲   

 
Price & Availability of A13X400-1TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X