Part Number Hot Search : 
E220K EVH12390 TA7414P LD7710 GC160A24 ADC1415S 1SS187 MPSW6306
Product Description
Full Text Search
 

To Download 8863-26-100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0082266826 Active
1.27mm (.050") Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 26 Circuits, Reel 30.48m (100.0' ) Length Series RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Documents: Drawing (PDF)
Agency Certification
CSA UL LR61126 E61522
General
Product Family Series Crimp Quality Equipment Geographic Area Product Name Cable 8863 Yes Asia Ribbon
Physical
Cable Length Circuits (Loaded) Insulation Packaging Type Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Temperature Range - Operating Wire Size AWG Wire/Cable Type 30.48m (100.0' ) 26 PVC Reel 0.050 In 1.27 mm -20C to +105C 26 (7x34) Stranded, Tinned
Search Parts in this Series 8863Series Use With 70121 MX-50TM Slimline Ribbon Cable. 90584 Picoflex(R) PF-50 IDT Receptacle
Electrical
Current - Maximum per Contact Voltage - Maximum N/A 300V
Solder Process Data
Max. Cycles at Max. Process Temperature 0
Material Info
Old Part Number 8863-26-100B
Reference - Drawing Numbers
Sales Drawing SD-8863-001
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 8863-26-100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X