Part Number Hot Search : 
CHIPV6 MAX1979 203298 LM3844AN LM7912 U664B LM3S6965 1N6050
Product Description
Full Text Search
 

To Download 75343-7777 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0753437777 Active
gbx_backplane_connector_system 1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX(R) Backplane Connector System, Power Module, 24 Circuits, 1.27m (50") Gold (Au)
Documents: Drawing (PDF) Product Specification PS-75221-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75343 Backplane Tooling Manual Blade Length A 7.50mm, B 7.50mm, C 7.50mm, D 7.50mm Power Header gbx_backplane_connector_system GbX(R) N/A
image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB 24 24 Rows A, B, C & D Gray (Dark) 200 No No None High Performance Alloy (HPA) Gold 90/10 Tin Lead High Temperature Thermoplastic N/A 4 4 Vertical 0.090 In 2.28 mm Yes Yes 0.063 In 1.60 mm Tube 0.000 In 0.00 mm 0.102 In 2.60 mm 50 1.25 30 0.75 Yes
Search Parts in this Series 75343Series Mates With 75292 GbX(R) Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Module, 0622022061 GbX(R) 4 pair 3 - Up Power Module GbX(R) Single Pin 0622022090 Repair Tool GbX(R) Shield 0622022100 Removal Tool
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Yes 105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 6A 8.0 Gbps 0 No 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-562 Product Specification PS-75221-999 Sales Drawing SD-75341-001 GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 75343-7777

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X