Part Number Hot Search : 
AD849 DTC124T 0A15M FDP88 Y7C15 MSZ522 TQDV375A 224NL
Product Description
Full Text Search
 

To Download 62P22-H0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical Encoders
SERIES 62P
Low Cost, PC Mount FEATURES * Low Cost * Compact Size * PC Mount * No De-Bouncing Required * Reliable, Up to 2 Million Cycles * Choice of Detent and Pushbutton Force * Available in 16 Positions * Quadrature Output DIMENSIONS
In inches (and millimeters)
APPLICATION * Automotive Controls * White Goods * Audio
.010 TOLERANCE APPLIES TO ALL DIMENSIONS UNLESS OTHERWISE NOTED .730 (18,54) .365 (9,27) .200 (5,08) 2 PLCS. .042 (1,07) 6 PLCS. .064 (1,63) .070 (1,78) 4 PLCS. .100 (2,54) .250 2 PLCS. (6,35) .655 (16.64) 6 5 4 .100 (2,54) .250 (6,35) .403 (10,24) 6 PLCS. .201 (5,14)
.400 (10,16) .655 (16.64) .400 (10,16) .200 (5,08) .525 (13,34)
Optical and Mechanical Encoders
.403 (10,24) .109 (2,77) 4 PLCS.
321 PIN DESIGNATION
.625 (15,88)
.625 (15,88) .403 (10,24) 6 PLCS. .202 (5,14) .100 (2,54) .250 (6,35) .156.004 (3,960,1) .325 (8,26) .660.015 (16,760,38)
.403 (10,24)
.263 (6,67)
SUGGESTED HOLE LAYOUT DETAIL TOLERANCE: .002
.200 (5,08) .400 (10,16)
O.187.004 (4,750,1) O.375 (9,53) .025 X 45 CHAMFER .366 (9,29) .332 (8,43) .250 (6,35) .030 (0,76) .332 (8,43)
.250.004 (6.350,1) O.375 (9,53)
.219.002 (5,560,1)
.025 X 45 CHAMFER .366 (9,29)
.325 (8,26) .250 (6,35) .030 (0,76)
.660.0 (16,760
.220 (5,59)
.030 (0,76) .038 (0,96) 4 PLCS. .805 (20,45)
.700 (17,78)
O.059.002 (1,50,05) .335 (8,51) .080 (2,03)
.805 (20,45)
O.059.002 (1,50,05) .335 (8,51) .080 (2,03)
.030 (0,76)
.220 (5,59) .038 (0,96) 4 PLCS.
.700 (17,78)
CIRCUITRY
150 POWER (+5.0 V) GROUND 10K OUTPUT B 10K OUTPUT A PUSHBUTTON PUSHBUTTON * 4 5 6 * 3 * 1 2
*10K
EXTERNAL PULL-UP RESISTORS REQUIRED ON PIN 3 AND PIN 4 *150 EXTERNAL RESISTOR REQUIRED ON PIN 1
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois
60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com
Encoder 5
Optical Encoders
WAVEFORM AND TRUTH TABLE
POWER (+5.0 V) GROUND OUTPUT B OUTPUT A PUSHBUTTON PUSHBUTTON *10K *150 10K 10K * * 150 * 1 2 3 4 5 6
Standard Quadrature 2-bit Code
HIGH OUTPUT A LOW HIGH OUTPUT B LOW
POS. #1 POS. #2 POS. #3 POS. #4 POS. #5 POS. #6
POSITION #1 #2 #3 #4
OUTPUT A
OUTPUT B
INDICATES LOGIC HIGH CODE REPEATS EVERY FOUR POSITIONS.
EXTERNAL PULL-UP RESISTORS REQUIRED ON PIN 3 AND PIN 4 EXTERNAL RESISTOR REQUIRED ON PIN 1
SPECIFICATIONS
Electrical Ratings
Operating Voltage: 5 Vdc +/-.25 Vdc Supply Current: 30mA maximum at 5 Vdc Logic High: 3.0V minimum Logic Low: 1.0V maximum Logic Rise and Fall: less than 30 ms
Mechanical Ratings
Operating Torque: H: 1.4 in-oz +/- 0.6 in-oz initial L: 0.6 in-oz +/- 0.3 in-oz initial N: 0.5 in-oz initial Rotational Life: H&L: 500,000 cycles N: 2 million cycles (1 cycle = 360 degree rotation and return) Shaft Push Out Force: 20 lbs minimum Operating Speed: 100 RPM maximum Axial Shaft Play: .010 maximum
Test 2: 100g for 6mS, Sawtooth, 9.7 ft/s
Materials and Finishes
Code/Pushbutton Housing: Thermoplastic Shaft: Thermoplastic Code/Detent Rotor: Reinforced Thermoplastic Bushing: Thermoplastic Terminal Pins: Brass, Tin plated Detent Spring: Stainless Steel Dome: Stainless Steel Pushbutton Contact: Nickel plated brass Phototransistor: Planar Silicon Detent Balls: .0625 dia. Stainless Steel Infrared Emitter: Gallium Aluminum Arsenide Label: White Thermal Transfer Cast Film. Adhesive Coated Bracket: Stainless Steel, Tin plated
Pushbutton Switch Ratings
Rating: 5.0 Vdc at 10mA resistive Contact Resistance: less than 10 ohms (TTL or CMOS compatible) Voltage Breakdown: 250 Vac between mutually insulated parts Contact Bounce: less than 4 ms at make and less than 10 ms at break Actuation Life: 3,000,000 operations Actuation Force: 6: 600 +/- 200 grams 4: 450 +/- 150 grams Shaft Travel: .015 .010 inch
Optical and Mechanical Encoders
Environmental Ratings
Operating Temperature Range: -40C to 85C Storage Temperature Range: -55C to 100C Relative Humidity: 90-95% at 40C for 96 hours Vibration Resistance: Harmonic motion with Amplitude of 15g, within a varied 10 to 2000 Hz frequency for 12 hours per MIL-STD-202, Method 204 Mechanical Shock Resistance: Test 1: Tested at 100g for 6mS, half sine, 12.3 ft/s.
ORDERING INFORMATION
Series Angle of Throw: 22-16 Position (22)
62PXX-XXX
Rotational Torque: N - Non-detent L - Low torque H - High torque Pushbutton Force: 0 - No Pushbutton 4 - 450 grams 6 - 600 grams
Shaft Option: Blank - Standard O.187 Shaft S - O.250 Shaft Sleeve
Encoder 6
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois
60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com


▲Up To Search▲   

 
Price & Availability of 62P22-H0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X