Part Number Hot Search : 
M100S LM64C391 P30N6 IWS524Z MAT03AH D2061 SGM8631 87C196CB
Product Description
Full Text Search
 

To Download 54333-5001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0543335001 Active
crc_compact_robotic_connectors CRCTM Shielded Rectangular I/O Receptacle Assembly Set, Wire-to-Wire, Female Terminal, Signal, 50 Circuits, Polarization Type Standard
Documents: Drawing (PDF) Product Specification PS-51238-016 (PDF)
Product Specification PS-51238-017 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only I/O Connectors 54333 Wire-to-Wire Kit crc_compact_robotic_connectors CRCTM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Application Component Type Overview Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 50 50 Black, Gray 100 Socket Yes Yes Stainless Steel, Steel n/a Polycarbonate, Polyester 10 Vertical Bag No 0.118 In 3.00 mm 0.118 In 3.00 mm Yes 1 No -40C to +105C Crimp or Compression No
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 54333Series Mates With 55836-5001 CRCTM Shielded Rectangular I/ O Plug Assembly Set
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 7A Full Shield Yes 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51238-016, PS-51238-017 SD-54333-005
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 54333-5001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X