Part Number Hot Search : 
AS1000 681KD20 CJL3407 N4150 FX6SMH06 NCP5393A CM8662 HCT374
Product Description
Full Text Search
 

To Download 53324-0560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0533240560 Active
2.00mm (.079") Pitch Mi llTM System Wire-to-Board Header, Single Row, Vertical, Leadfree, 5 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51090-016 (PDF)
Product Specification PS-52484-021 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name PCB Headers 53324 Wire-to-Board Mi IITM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 5 5 Natural 30 No 94V-0 No No None Yes Brass Tin Tin Nylon 1 Vertical 0.138 In 3.50 mm Yes Yes 0.062 In 1.60 mm Tray 0.079 In 2.00 mm 40 1.00 40 1.00 Yes Fully No No -40C to +105C
Search Parts in this Series 53324Series Mates With 52484 Wire-to-Board IDT Recpetacle., 51090 Crimp Terminal
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 125V
Material Info Reference - Drawing Numbers
Product Specification PS-51090-016, PS-52484-021, RPS-51090-001, RPS-51090-017, RPS-51090-022, RPS-52484-022, RPS-52484-025, RPS-52484-026, RPS-53324-001 SD-53324-003
Sales Drawing
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 53324-0560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X