Part Number Hot Search : 
LM2931 AAT3697 PRMA4 NLAS6234 31304 5216165 4738A 0E0DE
Product Description
Full Text Search
 

To Download 5031085010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5031085010 Active
slimstack_mm016_pitch 0.40mm (.016") Pitch SlimStackTM Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.50mm (.059") Stacking Height, Without Solder Tabs, 50 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-503105-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 503108 Board-to-Board slimstack_mm016_pitch SlimStackTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style No 50 Black 30 No 0.059 In 1.50 mm Phosphor Bronze Gold Gold 2 Vertical No None Embossed Tape on Reel 0.016 In 0.40 mm No No No -30C to +75C Surface Mount
Search Parts in this Series 503108Series Mates With 503105 PCB Receptacle
Electrical
Current - Maximum per Contact Voltage - Maximum 0.3A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-503108-001 PS-503105-001, RPS-503105-002, RPS-503105-003 SD-503108-001, SD-503108-002
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5031085010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X