Part Number Hot Search : 
E6DW48R5 0201F FN3151 6833CLZ TB019 15SMC12 76MHZ SMCJ100
Product Description
Full Text Search
 

To Download 5016471000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5016471000 Active
igrid 2.00mm (.079") Pitch iGridTM Wire-to-Board Crimp Terminal, Female, 22-26 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-501646-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 501647 Yes igrid iGridTM
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Packaging Type Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Receptacle Copper Alloy Tin Reel Crimp or Compression 0.95-1.50 (.037-.059") 22, 24, 26 0.124-0.34
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification PS-501646-001, RPS-501646-001, RPS-501646-002, RPS-501646-003, RPS-501646-004, RPS-501646-005, RPS-501646-006, RPS-501646-007 SD-501647-001 Search Parts in this Series 501647Series Mates With 501645 Vertical Header . 501676 Right Angle Header Use With 501646 Receptacle Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Extraction 0638131500 Tool Hand Crimp Tool 0638192300 for 2.00mm(.079") Pitch iGridTM Wire-toBoard Terminals
Sales Drawing
T2 Terminator 0638587000 Tooling Die FineAdjustTM 0638687000 Applicator Japan Description Product # Applicator for M211A 5780213000 Bench Press, 22-26 AWG, for 501647 and 501648 Crimp Terminal Side-Feed Applicator 5780213200 for Fully-Auto Machine, 22-26 AWG, for 501647 and 501648 Crimp Terminal
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5016471000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X