|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0082285521 Active 1.27mm (.050") Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Topcoat, 21 Circuits, Reel 30.48m (100.0' ) Length Series RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Documents: Drawing (PDF) Agency Certification CSA UL LR61126 E61522 General Product Family Series Crimp Quality Equipment Geographic Area Product Name Cable 40158 Yes Asia Ribbon Physical Cable Length Circuits (Loaded) Circuits (maximum) Insulation Packaging Type Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Temperature Range - Operating Wire Size AWG Wire/Cable Type 30.48m (100.0' ) 21 21 PVC Reel 0.050 In 1.27 mm -20C to +105C 28 (7x36) Stranded, Topcoat Search Parts in this Series 40158Series Use With 70121 MX-50TM Slimline Ribbon Cable. 90584 Picoflex(R) PF-50 IDT Receptacle Electrical Current - Maximum per Contact Voltage - Maximum N/A 300V Material Info Old Part Number 40158-21-100B Reference - Drawing Numbers Sales Drawing SD-40158-001 This document was generated on 03/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 40158-21-100B |