Part Number Hot Search : 
MSK604 PCA9550D 2SA720 74279 FAN8200D DLG3416 Q2006RH4 2SB14
Product Description
Full Text Search
 

To Download 36538-0016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0365380016 Active
mlx 6.35mm (.250") Pitch MLXTM Power Connector Header, Vertical, with Compliant Polarizing Peg, 15 Circuits, Unreinforced Polyester 94V-0, White
Documents: 3D Model Drawing (PDF)
Product Specification PSX-42002-0001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 36538 Wire-to-Board mlx MLXTM EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 15 15 With Compliant Polarizing Peg Natural 50 No No No None Yes Phosphor Bronze Tin-Lead Polyester 5 Vertical Yes Yes 0.062 In 1.57 mm Bag 0.250 In 6.35 mm 0.250 In 6.35 mm 20 0.51 Yes Yes Fully No No -55C to +105C Through Hole
Search Parts in this Series 36538Series
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PSX-42002-0001 SD-36538-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 36538-0016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X