Part Number Hot Search : 
EN6387B NTE1881 EG01CV KDEC12 CLL4692 PNZ155 VM73LFS 74LS0
Product Description
Full Text Search
 

To Download 35507-1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0355071500 Active
sherlock 2.00mm (.079") Pitch SherlockTM Wire-to-Board Housing, Natural, 15 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-35507-001 (PDF)
Product Specification PS-35507-002 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 35507 sherlock SherlockTM
Physical
Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 15 15 Natural 94V-0 Female No None Yes Polyester 1 Bag No 0.079 In 2.00 mm Yes No -40C to +105C
Search Parts in this Series 35507Series Mates With SherlockTM Wire-to-Board Header 35362 , 35363 Use With 2.00mm (.079") Pitch Crimp Terminal 50212 , 10440
Electrical
Current - Maximum per Contact 2A
Material Info Reference - Drawing Numbers
Product Specification PS-35507-001, PS-35507-002, RPS-35507-003, RPS-35507-004, RPS-35507-005, RPS-35507-009, RPS-35507-010, RPS-35507-011 SD-35507-001
Sales Drawing
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 35507-1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X