|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 1300061700 Active minichange_products Mini-Change(R) A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 0.91m (3.0' ) Length, Cable Type STOOW Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series LR6837 E152210 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Comments Connector End A Connector End B IP Rating NEMA Rating Overview Product Name Type Industrial Cordsets 130006 A-Size (7/8" - 16 UN-2B) Mini-Change(R) Pigtail IP67 NEMA 6 minichange_products Mini-Change(R) Single Ended Physical Cable Diameter Cable Length Color - Cable Jacket Coupling Style Gender Keyway LED Indicator Material - Cable Jacket Material - Connector Body Material - Contact Material - Coupling Nut Material - Plating Mating Orientation Poles Temperature Range - Operating Wire Size AWG Wire/Cable Type 13.72mm (.540") 0.91m (3.0' ) Yellow Threaded Male-Pigtail Single No PVC PVC Brass Black Epoxy Coated Zinc Gold 90 to Straight 6 -20C to +105C 16 STOOW Search Parts in this Series 130006Series Electrical Current - Maximum per Contact Voltage - Maximum 8A 600V Material Info Old Part Number 106003A01F030 Reference - Drawing Numbers Sales Drawing SD-130006-035 This document was generated on 05/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 1300061700 |