|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 1300061247 Active minichange_products Mini-Change(R) A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21' ) Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series LR6837 E152210 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Comments Connector End A Connector End B IP Rating NEMA Rating Overview Product Name Type Industrial Cordsets 130006 A-Size (7/8" - 16 UN-2B) Mini-Change(R) Pigtail IP67 NEMA 6 minichange_products Mini-Change(R) Single Ended Physical Cable Diameter Cable Length Color - Cable Jacket Coupling Style Gender Keyway LED Indicator Material - Cable Jacket Material - Connector Body Material - Contact Material - Coupling Nut Material - Plating Mating Orientation Poles Temperature Range - Operating Wire Size AWG Wire/Cable Type 12.70mm (.500") 15.0m (49.21' ) Yellow Threaded Female-Pigtail Single No PVC PVC Copper Black Epoxy Coated Zinc Gold over Nickel Straight 5 -20C to +105C 16 STOOW Search Parts in this Series 130006Series Electrical Current - Maximum per Contact Voltage - Maximum 8A 600V Material Info Old Part Number 105000A02F150 Reference - Drawing Numbers Sales Drawing SD-130006-021 This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION 13 12 11 10 9 8 7 6 5 4 3 2 1 J MATERIAL OLD PART NUMBER NUMBER FINISHED LENGTH J I I H H G G F F E E D D C ITEM COMPONENT MATERIAL FINISH C B DESCRIPTION GENERAL TOLERANCES (UNLESS SPECIFIED) DIMENSION STYLE SCALE DESIGN UNITS IN/MM DRAWN BY DATE CHECKED BY DATE 1:1 TITLE INCH THIRD ANGLE PROJECTION B =0 C mm INCH =0 4 PLACES ----.005 3 PLACES --.010 2 PLACES 0.13 0.25 .020 1 PLACE ANGULAR 1/2 APPROVED BY DATE molex MINI-CHANGE 5P FP CORDSET AUTO 16/5 AWG PVC AUTO MOLEX INCORPORATED SHEET NO. A REV A 13 12 11 10 9 8 DRAFT WHERE APPLICABLE MUST REMAIN WITHIN DIMENSIONS 7 6 5 MATERIAL NO. DOCUMENT NO. SEE CHART SIZE A SD-130006-021 3 2 1 C THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION 4 |
Price & Availability of 130006-1247 |