|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF) 0510471000 Active picoblade 1.25mm (.049") Pitch PicoBladeTM Wire-to-Wire Plug Housing, 10 Circuits Product Specification PS-51021-009 (PDF) RoHS Certificate of Compliance (PDF) Series Crimp Housings 51047 Yes picoblade PicoBladeTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series MolexKits Overview Product Name Physical Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 10 Natural Male No Yes Polyester 1 Bag No 0.049 In 1.25 mm No -40C to +85C Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing SPK-51047-001 PS-51021-009, RPS-51021-033, RPS-51047-001 SD-51047-**00 Search Parts in this Series 51047Series Mates With 51021 housing Use With 50125 Crimp Terminal, 50133 Crimp Terminal This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0510471000 |