Part Number Hot Search : 
SC5100 47C443N T62M0002 MAX8680 120CA 4410N 31040 RD33F
Product Description
Full Text Search
 

To Download 0473913002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0473913002 Active
external_serial_ata 1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount, Right Angle, Unmating Height 5.35mm (.211"), 0.38m (15")Gold(Au) Plating, 7 Circuits, with Vacuum Pick-Up Tape, Lead Free
Documents: Drawing (PDF) Product Specification PS-47082-001 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Comments Component Type Overview Product Name Type I/O Connectors 47391 Wire-to-Board Without Flange Plug, Receptacle external_serial_ata External Serial ATA N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 7 7 Black Plug Yes Yes Gold Tin 1 Right Angle Yes Yes 0.051 In 1.30 mm Embossed Tape on Reel Yes 0.050 In 1.27 mm 0.050 In 1.27 mm 15 0.38 50 1.27 Yes Yes 1 -35C to +85C Surface Mount No
Search Parts in this Series 47391Series Mates With 68782 External Serial ATA Receptacle Cable
Electrical
Current - Maximum per Contact 1.5A
Grounding to Panel Shielded Voltage - Maximum
Yes Yes 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47379-001 PS-47082-001 SD-47391-300
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0473913002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X