|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0430250208 Active microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Receptacle Housing, Single Row, 2 Circuits, Halogen Free, Glow Wire Compatible Documents: 3D Model Drawing (PDF) Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Comments Overview Product Name Crimp Housings 43025 Polarized to Mating Part microfit_30 Micro-Fit 3.0TM Physical Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 2 2 Black 94V-0 Female Yes None Yes Polyester 2 Bag No 0.118 In 3.00 mm Yes No -40C to +105C Search Parts in this Series 43025Series Mates With Micro-Fit 3.0TM Plug Housing 43020. MicroFit 3.0TM Header 43045. Micro-Fit 3.0TM Test Plug 44242 Use With Micro-Fit 3.0TM Crimp Terminal 43030 Electrical Current - Maximum per Contact 5A Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary PK-43025-001 PS-43045 SD-43025-001 TS-43045-001 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0430250208 |