Part Number Hot Search : 
22E0430 BLP6060A R101G LTC2321 MC35001B LM117 230CC P6SMB15A
Product Description
Full Text Search
 

To Download 0330014002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0330014002 Active
mx150_sealed_connector_system MX150TM Female Terminal, Silver (Ag) Plating, 18-20 AWG, Right Reel Payoff, Small Polarization Rib, Contact Material Thickness 0.30mm (.012")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 33001 Right Reel Payoff, Small Polarization Rib Yes mx150_sealed_connector_system MX150TM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female High Performance Alloy (HPA) Silver Tin Reel 30.4 0.76 100 2.5 Crimp or Compression 2.60mm (.102") max. 18, 20 0.75, 1.00
Electrical
Current - Maximum per Contact Voltage - Maximum 22A 250V
Search Parts in this Series 33001Series Use With 33472 Dual Row Housing. 33476 Hybrid Housing. 33471 Single Row Housing
Material Info Reference - Drawing Numbers
Sales Drawing SD-33012-002
Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Extraction 0638131500 Tool Hand Crimp Tool, 0638116000 18-22AWG Hand Crimp Tool, 0638116100 Metric 1.00 and 1.50 Hand Crimp Tool, 0638116200 Metric 0.05 and 0.75
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0330014002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X