Part Number Hot Search : 
ZB2BV6 MT4D5 2N524 F4102R HSIP168 2SD25 SMF120A 00BZX
Product Description
Full Text Search
 

To Download 0038002392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0038002392 Active
kk 2.54mm (.100") Pitch KK(R) Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 2 Circuit
Documents: Drawing (PDF) Product Specification PS-99020-0088 (PDF)
Product Specification PSX-7690S (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name IDT and Solder Connectors 7690 Version H Yes kk KK(R)
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Wire Size AWG 2 Natural 25 94V-2 Female No Yes Brass Tin Tin Nylon 1 Bag No 0.100 In 2.54 mm 40 1.00 40 1.00 0C to +75C 24 Stranded, 26 Solid, 26 Stranded Topcoat
Search Parts in this Series 7690Series Mates With Molex KK(R) 2.54mm (.100") pitch headers and 0.64mm (.025") pins
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 7690SC02H
Reference - Drawing Numbers
Product Specification PS-99020-0088, PSX-7690S
Sales Drawing
SDA-7690S-*N*
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0038002392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X