Part Number Hot Search : 
M48Z59Y FR102 5KE91 05A19 LX3044 0EP16 1N414 GMPSA14
Product Description
Full Text Search
 

To Download XRP7713 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Programmable Power Technology
2010
www.exar.com
Exar's Power XR Digital Power Solutions
Exar's PowerXR ICs integrate the best of both worlds; the low cost and flexibility of digital power control as well as the robust power capabilities of high performance analog power switches. PowerXR products reduce development time from weeks to hours, enabling a significant time-to-market advantage for system design engineers. Additionally, Exar's Digital Power StudioTM is an easy to use software environment, empowering engineers to create complex sequencing schemes and power systems, and modify voltage, current or other parameters in seconds.
Exar's PowerXR Family Feature
(re)configurability / Flexibility
Advantage
* Digitally (re)configurable SoC power supply solution
Benefit
* * * Reduces design effort by using simple GUI instead of changing hardware Reduces risk by enabling customer to repair/ upgrade power supply when already at end-customer location Use common platform across multiple customer designs Replaces cumbersome discrete solutions, reduces footprint and cost of passive components
Complete, Feature-Rich Power SoC Solution
* *
Power SoC Solution replaces up to 13 discrete ICs in 6x6 mm package Usable across a wide range of Vin, and broad cross-section of embedded processors, ASICs, or SOCs. Rapid development, easy to use Enables fast, simple design of complex power solution
*
Digital Power StudioTM
* *
* *
Accelerates time to market from first meeting to production in as little as 2 weeks Enable wide range of design engineers to leverage their level of expertise for optimal design
Small SoC power supply solution with 4 power controllers, 1 LDO and all power management on a single chip. Power SoC Solution replaces up to 13 discrete ICs in 6x6 mm package. Excellent Efficiency Up to 93% efficiency on 4 combined voltage rails.
Efficiency
Digitally (re)configurable SOC power supply solution Useable across a wide range of Vin, and broad cross-section of embedded processors, ASICs, or SOCs. Digital Power StudioTM enables fast, simple design of complex power solution.
XRP7714 4-Channel Efficiency
100% 95% 90% 85% 80% 75% 70% 65% 60% 55% 50% 1 2 3 4 5 6
Vin = 5V Vout = 1 , 1.2, 1.8, 2.5V Iout = 5A max.
The Power XR Product Family
The PowerXR family is comprised of five Pluse-Width Modulated (PWM) step-down DC-DC controllers with a built-in LDO for standby power and GPIOs. The XRP7704, XRP7708, XRP7713, XRP7714, and XRP7740 devices provide a complete power management solution in one IC and are fully programmable via the included IC serial interface. Independent Digital Pulse-Width Modulator (DPWM) channels regulate output voltages and provide all required protection functions such as current limiting and overvoltage protection.
2
Part Number
Channels
Output Current
Operating Voltage Min. Max.
Min. Quiescent Output Current Voltage
Frequency
Package Features
XRP7713
3
3 x 5A
4.75V
25V
0.9V
9mA
Prog. 0.3MHz to 1.5MHz Prog. 0.3MHz to 1.5MHz Prog. 0.3MHz to 1.5MHz Prog. 0.3MHz to 1.5MHz Prog. 0.3MHz to 1.5MHz
TQFN-32
DPWM Controller IC (re)configurable Built-in 3.3V/5V LDO - Integrated Drivers Full protection DPWM Controller IC (re)configurable Built-in 3.3V/5V LDO - Integrated Drivers Full protection DPWM Controller IC (re)configurable Built-in 3.3V/5V LDO - Integrated Drivers Full protection DPWM Controller IC (re)configurable Built-in 3.3V/5V LDO - Integrated Drivers Full protection DPWM Controller IC (re)configurable Built-in 3.3V/5V LDO - Integrated Drivers Full protection
XRP7714
4
5A
4.75V
25V
0.9V
9mA
TQFN-40
XRP7704
4
4 x 5A
6.5V
20V
0.9V
9mA
TQFN-40
XRP7708
4
2 x 5A 2 x 8A
6.5V
20V
0.9V
9mA
TQFN-40
XRP7740
4
2 x 5A 2 x 15A
6.5V
20V
0.9V
9mA
TQFN-40
Applications
* * * * * Consumer - Set-Top Box (STB), IP Camera, Plasma Display Panel (PDP) Computing - Server, Storage Systems Industrial - Automatic Test Equipment, Point of Sale Medical Equipment Networking and Telecommunications Equipment, Ethernet Adapter cards
Vin
PowerXR Architecture Overview
Internal LDO
Vin1
DPWM Switching Controller #1
FET Driver
Vout1t
Power XR Family Features
* * * * * * * * * * * * * Three to four switching buck (step-down) controllers each with internal FET drivers Output voltages programmable from 0.9V to 5.1V Up to 6 (re)configurable GPIO pins Fully programmable via IC interface Independent Digital Pulse Width Modulator (DPWM) channels with five coefficient PID control High Integration: elimination of external circuits and components required for compensation, parameter adjustment and interface Programmable DPWM frequency range (300 kHz to 1.5 MHz) enables efficiency and component size optimization Complete power monitoring and reporting Independently controlled start-up delay and ramp for each regulator Independently controlled soft-stop delay and ramp for each regulator with a programmable stop voltage Over-temperature protection (OTP) and Under Voltage Lockout (UVLO); per-channel over-current protection (OCP) and over-voltage protection (OVP) Built-in LDO (configurable to 3.3V or 5V) with overcurrent protection Non-volatile memory for system
Vin2
DPWM Switching Controller #2
FET Driver
Vout2
Vin3
DPWM Switching Controller #3
FET Driver
Vout3
Vin4
DPWM Switching Controller #4
FET Driver
Vout4
Soft Start/Stop Voltage Ramp and Timing Control
GPIO
GPIO Ports
Vref
Configurable LDO Linear Voltage Regulator
LDO
Under Voltage Lockout
PowerGood Monitor
OverTemp Monitor
Fault Handling
IC
IC Interface
Configuration Registers
OTP Memory
3
Exar's Digital Power StudioTM
Exar's Digital Power Studio (DPSTM) interactive design tool enables you to create a complete 5 channel optimized power supply design with complex sequencing and many advanced power management features all with a few clicks of the mouse. Download the latest DPS from ww.exar.com/DigitalPower to start and finish your design today.
XRP7740 Application (Vin = 12V, Iout = 3A-15A, Vout = 0.9V-2.5V)
PCI 12V Avcc 1.0V Vcc Aux 2.5V PCI 3.3V
XRP7740
Sync Sync
DDR 1.5V Avtt 1.2V Vcc Int 1.0V PHY 1.8V
PCI 3.3V
XRP7740
PHY 0.9V SFP 3.3V
Core
Config Flash
I/O VccR VccT Core I/O
SFP+
DDR3 1Gbx16
PHY 1042
VccR VccT
FPGA
Data[63:0]
Address, Controller
SFP+
Vtt Reg
4
Evaluation Boa rds
Evaluation boards for all PowerXR family of devices are available along with their user manual. Actual 3-Channel Power Supply Solution
XRP7714EVB
XRP7740EVB
XCM
XPM
Technical Resources
Visit www.exar.com/digitalpower to learn more about PowerXR products, development tools and support. Datasheets * XRP7704 Datasheet * XRP7708 Datasheet * XRP7713 Datasheet * XRP7714 Datasheet * XRP7740 Datasheet Digital Power Studio Software * ExarDigitalPowerStudio_setup.zip Evaluation Boards * XRP7704EVB * XRP7708EVB * XRP7714EVB * XRP7740EVB * XRP77XX-XCM (Exar Configuration Module) * XRP77XX-XPM (Exar Programming Module) * XRP77XX Gerber Files User Guides * Digital Power StudioTM Quick Start Guide * XPM Operator Manual * XCM Operator Manual Articles/White Paper * Programmable Power Systems Now Essential for Advanced Processors * 17 Ways Field Programmable PS Reduce Risk Technical Email Support * digital.power@exar.com
Power XR in the News
The XRP7704 and XRP7740 were recognized as one of the Top 100 new products of 2009 by EDN (Electronic Design Magazine)
5
www.exar.com
E X A R C O R P O R AT I O N
48720 Kato Road Fremont, CA 94538 U.S.A.
X R P W R X R B R O - 0 410
T. +1.510.668.7000 F. +1.510.668.7001
E X A R I S A T R A D E M A R K O F E X A R C O R P O R AT I O N . A L L OT H E R T R A D E M A R K S A N D R E G I S T E R E D T R A D E M A R K S A R E P R O P E R T Y O F T H E I R R E S P E C T I V E O W N E R S . (c) 2 010 E X A R C O R P O R AT I O N


▲Up To Search▲   

 
Price & Availability of XRP7713

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X