Part Number Hot Search : 
AM27S07 H53326 AD7660 IMX25 SM200 TA0230A BA6906F1 42042
Product Description
Full Text Search
 

To Download VX-015-1C23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Snap Action Switch
VX
Miniature Snap Action Switch
* Compact snap action switch with low force operation * Wide variation extends from microload to 5 A switching current, with shapes identical to those of the V-series Miniature Basic Snap Action Switch. * Internal hinge lever mechanism assures outstanding contact reliability * RoHS Compliant
Ordering Information
Actuator Pin plunger A Terminal Style OF max. 5A 25 gf 50 gf 25 gf 50 gf 50 gf VX-5-1A2 VX-5-1A3 VX-5-1C22 VX-5-1C23 VX-51-1A3 VX-51-1C23 VX-52-1A3 30 gf VX-52-1C23 VX-53-1A3 20 gf VX-53-1C23 VX-54-1A3 30 gf VX-54-1C23 VX-55-1A3 60 gf VX-55-1C23 VX-56-1A3 30 gf VX-56-1C23 VX-01-1A2 VX-01-1A3 VX-01-1C22 VX-01-1C23 VX-011-1A3 VX-011-1C23 VX-012-1A3 VX-012-1C23 VX-013-1A3 VX-013-1C23 VX-014-1A3 VX-014-1C23 VX-015-1A3 VX-015-1C23 VX-016-1A3 VX-016-1C23 Rated current 0.1 A
C2 Short hinge lever A C2 Hinge lever A C2 Long hinge lever A C2 Simulated roller lever A C2 Short hinge roller lever A C2 Hinge roller lever A C2
Model Number Legend VX 12
1.
345
2. 3. Actuator None: Pin plunger 1: Short hinge lever 2: Hinge lever 3: Long hinge lever 4. 4: Simulated roller lever 5: Short hinge roller lever 6: Hinge roller lever Contact Form 1: SPDT 2: SPST-NC 3: SPST-NO 5. Maximum Operating Force 2: 25 gf 3: 50 gf
Note: These OF values are for the pin plunger models.
Ratings 5: 5 A at 250 VAC 01: 0.1 A at 30 VDC
Terminals A: Solder terminals C2: Quick-connect terminals (#187)
Snap Action Switch
VX
135
Specifications
Characteristics
Item Operating speed Operating frequency Contact resistance Insulation resistance Dielectric strength (see note 2) VX-5 VX-01 0.1 mm to 1 m/s (pin plunger models) Mechanical: 600 operations per minute Electrical: 30 operations per minute 30 m max. 50 m max. 100 M min. at 500 VDC 1,000 VAC, 50/60 Hz for 1 minute between terminals of same polarity 1,500 VAC, 50/60 Hz for 1 minute between current-carrying metal parts and ground and between each terminal and non-current-carrying metal parts Malfunction: 10 to 55 Hz, 1.5 mm double amplitude Destruction: 400 m/s2 (approx. 40G) max. Malfunction: 100 m/s2 (approx. 10G) max IEC IP40 Class I 175 -25C to 80C (at 60% RH max.) with no icing 85% max (for 5C to 35C) 50,000,000 operations min. (60 ops/minute) 10,000,000 operations min. (60 ops/minute) 500,000 operations min. (30 ops/minute) 1,000,000 operations min. (30 ops/minute) Approx. 6.2 g (pin plunger models)
Vibration resistance (see note 3) Shock resistance (see note 3) Degree of protection Degree of protection against electric shock Proof tracking index Ambient operating temperature Ambient operating humidity Service life Mechanical Electrical Weight
Note: 1. Data shown are of initial value. 2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate. 3. For the pin plunger models, the above values apply for use at the free position and total travel position. For lever models, they apply at the total travel position. Contact separation time is within 1 ms.
Ratings (reference values)
Type 5A Rated voltage 250 VAC 125 VAC 8 VDC 30 VDC 125 VDC 250 VDC 125 VAC 8 VDC 30 VDC Resistive load NC NO 5 5 5 5 0.4 0.3 0.1 0.1 0.1 Lamp load NC --0.5 3 3 0.1 0.05 ------NO Inductive load NC NO --4 4 4 0.4 0.2 -------
0.1 A
Note: 1. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 milliseconds max. (DC). 2. Lamp load has an inrush current of 10 times the steady-state current 3. The electrical rating applies under the following test conditions: Ambient Temperature = 202C, Ambient Humidity = 655%, Operating frequency = 30 operations/minute
Approved Standards
UL Recognized (File No. E41515) CSA Certified (File No. LR21642)
Rated Voltage 125 VAC 250 VAC 30 VDC VX-5 5A 5A --VX-01 0.1 A --0.1 A
Contact Specifications
Item Specification Material Gap (standard value) Inrush current Minimum applicable load (see note) VX-5 Rivet Silver alloy 0.5 mm NC: 15A max. NO: --160 mA at 5 VDC VX-01 Crossbar Gold alloy
---
EN61058-1 - - VDE approval (File No. 124761)
Rated Voltage 125 VAC 250 VAC VX-5 5A 5A VX-01 0.1 A ---
1 mA at 5 VDC
Testing conditions: 5E4 (50,000 operations), T105 (0C to 105C)
Note: Minimum applicable loads are indicated by N standard reference values. This value represents the failure rate at a 60% (60) reliability level (JIS C5003). The equation 60=0.5 x 10-6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability level of 60%
136
Snap Action Switch
VX
Engineering Data
Mechanical service life
VX-5
Ambient temperature: 202C Ambient humidity: 655% Without load Operating frequency: 600 operations/min
VX-01
Ambient temperature: 202C Ambient humidity: 655% Without load Operating frequency: 600 operations/min
Number of operations (x10 6)
Number of operations (x10 6)
200 100 50
200 100 50
Full stroke Rated value of OT 10
10 Full stroke Rated value of OT
0
0.2 0.4
0.6
0.8
1.0
1.2
1.4 (1.6) 1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 (1.6) 1.8
Overtravel (mm)
Overtravel (mm)
Electrical service life
VX-5
5 2 1 0.5 0.3 Ambient temperature: 202C Ambient humidity: 655% Without load Operating frequency: 60 operations/min cos = 1, 250 VAC
VX-01 Number of operations (x10 6)
Ambient temperature: 202C Ambient humidity: 655% Without load Operating frequency: 60 operations/min cos = 1, 250 VAC
Number of operations (x10 6)
10 5
125 VAC, 30 VDC 2 1 0.5 0.3
0.1
0
0.5 1
2
3
4
56
7
8
9 10 11 12
0.1 0 0.01 0.02 0.05 0.08 0.1
Switching current (A)
Switching current (A)
Mounting
Panel Mounting
All switches may be panel mounted using M3 mounting screws with plane washers or spring washers to securely mount the switch. Tighten the screws to a torque of 0.39 to 0.59 N*m.
Two, 3.1-dia. mounting holes or M3 screw holes
10.3 0.1
Contact Form
SPDT
NC NO COM COM
SPST-NC
NC
SPST-NO
NO COM
22.2 0.1
Snap Action Switch
VX
137
Dimensions
Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions 2. The following illustrates the SPDT contact form Solder terminals (A)
(5.5) (6.5) 2.9 t=0.5 (10) Three, solder terminals
6.35 3.2 (see note) 4.750.1 2.4 dia. 1.6 dia.
#187 Quick-connect terminals (C2)
(5.5) (6.5) 2.9 t=0.5 (10) Three, quick-connect terminals (#187)
6.35 3.2 4.750.1 1.6-dia. terminal hole
Note:
The length to the center of the 1.6-dia. holes.
Dimensions and Operating Characteristics
Note: 1. 2. 3. 4.
Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions The following illustrations and dimensions are for solder terminal models. Refer to "Terminals" for models with quick-connect terminals (#187). The @ in the model number is for the terminal code. (A = Solder Terminal, C2 = #187 quick-connect terminal) The operating characteristics are for operation in the A direction( )
PT 20.20.25 2.8 OP 2.8 10.30.1 15.9 18.8 3.1 -0.03 dia. holes
+0.13
Pin Plunger Models
VX-5-1 VX-5-1 VX-01-1 VX-01-1 2 3 2 3
A
4.2 2.8
Characteristics OF max. RF min. PT max. OT min.
VX-5-1@2 VX-01-1@2 25 gf 3 gf
VX-5-1@3 VX-01-1@3 50 gf 5 gf
1.2 mm 1.0 mm 0.3 mm 14.7 0.4 mm
3.1 -0.03
+0.13
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
MD max. OP
Short Hinge Lever Models
VX-51-1 3 VX-011-1 3
PT 2.8 OP 10.30.1
t = 0.5 (stainless-steel lever) A 22.1 8.1 3.1 -0.03 dia. holes
+0.13
4.3 2.8
Characteristics OF max. RF min. PT max. OT min. MD max. OP
VX-51-1@3
VX-011-1@3
50 gf (reference value) 4 gf (reference value) 1.6 mm 0.8 mm 0.5 mm 15.2 0.5 mm
15.9 18.8
3.1 -0.03
+0.13
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
Note: The reference value applies for cases when the installation direction is such that the lever weight is not applied to the plunger
Hinge Lever Models
VX-52-1 3 VX-012-1 3
PT 2.8 OP A
t = 0.5 (stainless-steel lever) 35.60.8 8.1 3.1 -0.03 dia. holes 2.8
+0.13
4.3
Characteristics OF max. RF min. PT max.
VX-52-1@3
VX-012-1@3 ---
30 gf 4.0 mm 1.6 mm 0.8 mm 15.2 1.2 mm
10.30.1
15.9 18.8
OT min. MD max. OP
+0.13 3.1 -0.03
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
138
Snap Action Switch
VX
Note: 1. 2. 3. 4.
Unless otherwise specified, all units are in millimeters and a tolerance of 0.4 mm applies to all dimensions The following illustrations and dimensions are for solder terminal models. Refer to "Terminals" for models with quick-connect terminals (#187). The @ in the model number is for the terminal code. (A = Solder Terminal, C2 = #187 quick-connect terminal) The operating characteristics are for operation in the A direction( )
t = 0.5 (stainless-steel lever) A PT 2.8 OP 10.30.1 15.9 18.8
+0.13
Long Hinge Lever Models
VX-53-1 3 VX-013-1 3
59.40.8 8.1 3.1 -0.03 dia. holes
+0.13
4.3 2.8
Characteristics OF max. RF min. PT max. OT min. MD max. OP
VX-53-1@3
VX-013-1@3 ---
20 gf 9.0 mm 3.2 mm 2.0 mm 15.2 2.6 mm
3.1 -0.03
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
Simulated Roller Lever Models
VX-54-1 3 VX-014-1 3
PT 3.5R A
Characteristics
t = 0.5 (stainless-steel lever) 32.60.8 8.1 3.1 -0.03 dia. holes 2.8
+0.13
VX-54-1@3
VX-014-1@3
OF max.
4.3
30 gf 2 gf 4.0 mm 1.6 mm 0.8 mm 18.7 1.2 mm
RF min. PT max. OT min. MD max. OP
2.8 OP 10.30.1 15.9 18.8
3.1 -0.03
+0.13
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
Short Hinge Roller Lever Models
VX-55-1 3 VX-015-1 3
PT t = 0.5 (stainless-steel lever) A 20.1 8.1 OP 2.8 10.30.1 15.9 18.8 4.8 dia. x 4.8 (oilless polyacetar resin roller) 3.1 -0.03 dia. holes
+0.13
Characteristics OF max. RF min. PT max. OT min. MD max. OP
VX-55-1@3
VX-015-1@3
5.1
60 gf (reference value) 4 gf (reference value) 1.6 mm 0.8 mm 0.5 mm 20.7 0.6 mm
3.1 -0.03
+0.13
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
Note: The reference value applies for cases when the installation direction is such that the lever weight is not applied to the plunger
Hinge Roller Lever Models
VX-56-1 3 VX-016-1 3
PT t = 0.5 (stainless-steel lever) A 34.00.8 8.1 2.8 OP 10.30.1 15.9 18.8
+0.13
4.8 dia. x 4.8 (oilless polyacetar resin roller) 3.1 -0.03 dia. holes
+0.13
Characteristics OF max. RF min. PT max. OT min. MD max. OP
VX-56-1@3
VX-016-1@3 ---
5.1
30 gf 4.0 mm 1.6 mm 0.8 mm 20.7 1.2 mm
3.1 -0.03
3.40.15 dia. 22.20.1 27.8 37.80.8
1.6 2.8 (10)
10.3 Three, solder terminals
Snap Action Switch
VX
139
Precautions
Correct Use
Mounting Direction
For a switch with an actuator, mount the switch in a direction where the actuator weight will not be applied to the switch. Since the switch is designed for a small load, its resetting force is small. Therefore, resetting failure may occur if unnecessary load is applied to the switch.
Cautions
Handling
Be careful not to drop the switch. Doing so may cause damage to the switch's internal components because it is designed for a small load.
Solder Terminal Connection
Quickly finish the soldering of the lead wire to its terminal. Use a soldering iron rated at 60W and preferably complete the soldering within 5 seconds. Excess wattage or prolonged heating can deteriorate the characteristics of the switch.
Operation
Keep the operation control completely separate from the actuator of the switch, and push it down fully when starting operation. Do not displace the operating position of the actuator when machining. Consult OMRON in advance if the operating speed is to be extremely slow, or if the pushbutton is to be set somewhere between the free position and operating position. Mount pin pushbutton switches so that stroke of the pushbutton and the stroke of the operating control overlap on a vertical line. The stroke of the switch, after operation, should be set to 60- 90% that of standard OT (MIN operation).
Insulation Distance
When mounting, make sure there is sufficient insulation distance between the switch and its mounting panel. If it is insufficient, install an insulation guard or separator. Always install an insulation guard or separator when mounting the microswitch on a metallic body. Contact your OMRON representative for information about insulation guards and separators.
Using Microloads
Using a model for ordinary loads to switch microloads may result in faulty operation. Instead, use the models that are designed for microloads and that operate in the following range;
Application Environment
Do not use the Switch in locations that are subject to toxic gas, silicon, excessive dust, excessive dirt, high temperatures, high humidity, sudden temperature changes, water splashes, or oil splashes. Otherwise, damage resulting by faulty contact of the Switch contacts, corrosion, or other causes, or other functional faults may occur. Depending on environmental conditions, the switch should be rechecked about 3 to 6 months after it has been assembled.
Voltage (V)
30
0.16mA
26mA 100mA
24 Operating range for micro load models VX-01
Operating range for generalload models VX-5
12 Inoperable range 5 0 0.1 1 10 100 1,000 1mA 100mA 160mA
Current (mA)
However, even when using microload models within the operating range shown above, if inrush current or inductive voltage spikes occur when the contact is opened or closed, it may increase contact wear and so decrease the service life. Therefore, insert a contact protection circuit where necessary.
140
Snap Action Switch
VX
Omron Electronic Components, LLC
Terms and Conditions of Sales I. GENERAL 1. Definitions: The words used herein are defined as follows. (a) Terms: These terms and conditions (b) Seller: Omron Electronic Components LLC and its subsidiaries (c) Buyer: The buyer of Products, including any end user in section III through VI (d) Products: Products and/or services of Seller (e) Including: Including without limitation 2. Offer; Acceptance: These Terms are deemed part of all quotations, acknowledgments, invoices, purchase orders and other documents, whether electronic or in writing, relating to the sale of Products by Seller. Seller hereby objects to any Terms proposed in Buyer's purchase order or other documents which are inconsistent with, or in addition to, these Terms. 3. Distributor: Any distributor shall inform its customer of the contents after and including section III of these Terms. II. SALES 1. Prices; Payment: All prices stated are current, subject to change without notice by Seller. Buyer agrees to pay the price in effect at the time the purchase order is accepted by Seller. Payments for Products received are due net 30 days unless otherwise stated in the invoice. Buyer shall have no right to set off any amounts against the amount owing in respect of this invoice. 2. Discounts: Cash discounts, if any, will apply only on the net amount of invoices sent to Buyer after deducting transportation charges, taxes and duties, and will be allowed only if (a) the invoice is paid according to Seller's payment terms and (b) Buyer has no past due amounts owing to Seller. 3. Interest: Seller, at its option, may charge Buyer 1.5% interest per month or the maximum legal rate, whichever is less, on any balance not paid within the stated terms. 4. Orders: Seller will accept no order less than 200 U.S. dollars net billing. 5. Currencies: If the prices quoted herein are in a currency other than U.S. dollars, Buyer shall make remittance to Seller at the then current exchange rate most favorable to Seller; provided that if remittance is not made when due, Buyer will convert the amount to U.S. dollars at the then current exchange rate most favorable to Seller available during the period between the due date and the date remittance is actually made. 6. Governmental Approvals: Buyer shall be responsible for all costs involved in obtaining any government approvals regarding the importation or sale of the Products. 7. Taxes: All taxes, duties and other governmental charges (other than general real property and income taxes), including any interest or penalties thereon, imposed directly or indirectly on Seller or required to be collected directly or indirectly by Seller for the manufacture, production, sale, delivery, importation, consumption or use of the Products sold hereunder (including customs duties and sales, excise, use, turnover and license taxes) shall be charged to and remitted by Buyer to Seller. 8. Financial: If the financial position of Buyer at any time becomes unsatisfactory to Seller, Seller reserves the right to stop shipments or require satisfactory security or payment in advance. If Buyer fails to make payment or otherwise comply with these Terms or any related agreement, Seller may (without liability and in addition to other remedies) cancel any unshipped portion of Products sold hereunder and stop any Products in transit until Buyer pays all amounts, including amounts payable hereunder, whether or not then due, which are owing to it by Buyer. Buyer shall in any event remain liable for all unpaid accounts. 9. Cancellation; Etc: Orders are not subject to rescheduling or cancellation unless Buyer indemnifies Seller fully against all costs or expenses arising in connection therewith. 10. Force Majeure: Seller shall not be liable for any delay or failure in delivery resulting from causes beyond its control, including earthquakes, fires, floods, strikes or other labor disputes, shortage of labor or materials, accidents to machinery, acts of sabotage, riots, delay in or lack of transportation or the requirements of any government authority. 11. Shipping; Delivery: Unless otherwise expressly agreed in writing by Seller: (a) All sales and shipments of Products shall be FOB shipping point (unless otherwise stated in writing by Seller), at which point title to and all risk of loss of the Products shall pass from Seller to Buyer, provided that Seller shall retain a security interest in the Products until the full purchase price is paid by Buyer; (b) Delivery and shipping dates are estimates only; and (c) Seller will package Products as it deems proper for protection against normal handling and extra charges apply to special conditions. 12. Claims: Any claim by Buyer against Seller for shortage or damage to the Products occurring before delivery to the carrier or any claim related to pricing or other charges must be presented in detail in writing to Seller within 30 days of receipt of shipment. III. PRECAUTIONS 1. Suitability: IT IS THE BUYER'S SOLE RESPOINSIBILITY TO ENSURE THAT ANY OMRON PRODUCT IS FIT AND SUFFICIENT FOR USE IN A MOTORIZED VEHICLE APPLICATION. BUYER SHALL BE SOLELY RESPONSIBLE FOR DETERMINING APPROPRIATENESS OF THE PARTICULAR PRODUCT WITH RESPECT TO THE BUYER'S APPLICATION INCLUDING (A) ELECTRICAL OR ELECTRONIC COMPONENTS, (B) CIRCUITS, (C) SYSTEM ASSEMBLIES, (D) END PRODUCT, (E) SYSTEM, (F) MATERIALS OR SUBSTANCES OR (G) OPERATING ENVIRONMENT. Buyer acknowledges that it alone has determined that the Products will meet their requirements of the intended use in all cases. Buyer must know and observe all prohibitions of use applicable to the Product/s. 2. Use with Attention: The followings are some examples of applications for which particular attention must be given. This is not intended to be an exhaustive list of all possible use of any Product, nor to imply that any use listed may be suitable for any Product: (a) Outdoor use, use involving potential chemical contamination or electrical interference.
(b) Use in consumer Products or any use in significant quantities. (c) Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (d) Systems, machines, and equipment that could present a risk to life or property. 3. Prohibited Use: NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM. 4. Motorized Vehicle Application: USE OF ANY PRODUCT/S FOR A MOTORIZED VEHICLE APPLICATION MUST BE EXPRESSLY STATED IN THE SPECIFICATION BY SELLER. 5. Programmable Products: Seller shall not be responsible for the Buyer's programming of a programmable Product. IV. WARRANTY AND LIMITATION 1. Warranty: Seller's exclusive warranty is that the Products will be free from defects in materials and workmanship for a period of twelve months from the date of sale by Seller (or such other period expressed in writing by Seller). SELLER MAKES NO WARRANTY OR REPRESENTATION, EXPRESS OR IMPLIED, ABOUT ALL OTHER WARRANTIES, NON-INFRINGEMENT, MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OF THE PRODUCTS. 2. Buyer Remedy: Seller's sole obligation hereunder shall be to replace (in the form originally shipped with Buyer responsible for labor charges for removal or replacement thereof) the non-complying Product or, at Seller's election, to repay or credit Buyer an amount equal to the purchase price of the Product; provided that there shall be no liability for Seller or its affiliates unless Seller's analysis confirms that the Products were correctly handled, stored, installed and maintained and not subject to contamination, abuse, misuse or inappropriate modification. Return of any Products by Buyer must be approved in writing by Seller before shipment. 3. Limitation on Liability: SELLER AND ITS AFFILIATES SHALL NOT BE LIABLE FOR SPECIAL, INDIRECT, INCIDENTAL OR CONSEQUENTIAL DAMAGES, LOSS OF PROFITS OR PRODUCTION OR COMMERCIAL LOSS IN ANY WAY CONNECTED WITH THE PRODUCTS, WHETHER SUCH CLAIM IS BASED IN CONTRACT, WARRANTY, NEGLIGENCE OR STRICT LIABILITY. FURTHER, IN NO EVENT SHALL LIABILITY OF SELLER OR ITS AFFILITATES EXCEED THE INDIVIDUAL PRICE OF THE PRODUCT ON WHICH LIABILITY IS ASSERTED. 4. Indemnities: Buyer shall indemnify and hold harmless Seller, its affiliates and its employees from and against all liabilities, losses, claims, costs and expenses (including attorney's fees and expenses) related to any claim, investigation, litigation or proceeding (whether or not Seller is a party) which arises or is alleged to arise from Buyer's acts or omissions under these Terms or in any way with respect to the Products. V. INFORMATION; ETC. 1. Intellectual Property: The intellectual property embodied in the Products is the exclusive property of Seller and its affiliates and Buyer shall not attempt to duplicate it in any way without the written permission of Seller. Buyer (at its own expense) shall indemnify and hold harmless Seller and defend or settle any action brought against Seller to the extent that it is based on a claim that any Product made to Buyer specifications infringed intellectual property rights of another party. 2. Property; Confidentiality: Notwithstanding any charges to Buyer for engineering or tooling, all engineering and tooling shall remain the exclusive property of Seller. All information and materials supplied by Seller to Buyer relating to the Products are confidential and proprietary, and Buyer shall limit distribution thereof to its trusted employees and strictly prevent disclosure to any third party. 3. Performance Data: Performance data is provided as a guide in determining suitability and does not constitute a warranty. It may represent the result of Seller's test conditions, and the users must correlate it to actual application requirements. 4. Change In Specifications: Product specifications and descriptions may be changed at any time based on improvements or other reasons. It is Seller's practice to change part numbers when published ratings or features are changed, or when significant engineering changes are made. However, some specifications of the Product may be changed without any notice. 5. Errors And Omissions: The information on Seller's website or in other documentation has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors or omissions. 6. Export Controls: Buyer shall comply with all applicable laws, regulations and licenses regarding (a) export of the Products or information provided by Seller; (b) sale of Products to forbidden or other proscribed persons or organizations; (c) disclosure to noncitizens of regulated technology or information. VI. MISCELLANEOUS 1. Waiver: No failure or delay by Seller in exercising any right and no course of dealing between Buyer and Seller shall operate as a waiver of rights by Seller. 2. Assignment: Buyer may not assign its rights hereunder without Seller's written consent. 3. Law: These Terms are governed by Illinois law (without regard to conflict of laws). Federal and state courts in Cook County, Illinois have exclusive jurisdiction for any dispute hereunder. 4. Amendment: These Terms constitute the entire agreement between Buyer and Seller relating to the Products, and no provision may be changed or waived unless in writing signed by the parties. 5. Severability: If any provision hereof is rendered ineffective or invalid, such provision shall not invalidate any other provision.
Snap Action Switch
VX
Certain Precautions on Specifications and Use
1. Suitability for Use. Seller shall not be responsible for conformity with any standards, codes or regulations which apply to the combination of the Product in Buyer's application or use of the Product. At Buyer's request, Seller will provide applicable third party certification documents identifying ratings and limitations of use which apply to the Product. This information by itself is not sufficient for a complete determination of the suitability of the Product in combination with the end product, machine, system, or other application or use. Buyer shall be solely responsible for determining appropriateness of the particular Product with respect to Buyer's application, product or system. Buyer shall take application responsibility in all cases but the following is a nonexhaustive list of applications for which particular attention must be given: (i) Outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document. (ii) Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject to separate industry or government regulations. (iii) Use in consumer products or any use in significant quantities. (iv) Systems, machines and equipment that could present a risk to life or property. Please know and observe all prohibitions of use applicable to this product. NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT THE OMRON PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM. 2. Programmable Products. Seller shall not be responsible for the user's programming of a programmable product, or any consequence thereof. 3. Performance Data. Performance data given in this publication is provided as a guide for the user in determining suitability and does not constitute a warranty. It may represent the result of Seller's test conditions, and the users must correlate it to actual application requirements. Actual performance is subject to Seller's Warranty and Limitations of Liability. 4. Change in Specifications. Product specifications and accessories may be changed at any time based on improvements and other reasons. It is our practice to change part numbers when published ratings or features are changed, or when significant construction changes are made. However, some specifications of the Product may be changed without any notice. When in doubt, special part numbers may be assigned to fix or establish key specifications for your application. Please consult with your Seller representative at any time to confirm actual specifications of purchased Product. 5. Errors and Omissions. The information in this publication has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical or proofreading errors, or omissions. 6. RoHS Compliance. Where indicated, our products currently comply, to the best of our knowledge as of the date of this publication, with the requirements of the European Union's Directive on the Restriction of certain Hazardous Substances ("RoHS"), although the requirements of RoHS do not take effect until July 2006. These requirements may be subject to change. Please consult our website for current information.
Complete "Terms and Conditions of Sale" for product purchase and use are on Omron's website at http://www.components.omron.com - under the "About Us" tab, in the Legal Matters section. ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
OMRON ELECTRONIC COMPONENTS LLC
55 E. Commerce Drive, Suite B Schaumburg, IL 60173
OMRON ON-LINE
Global - http://www.omron.com USA - http://www.components.omron.com
847-882-2288
Cat. No. X303-E-1 11/09 Specifications subject to change without notice Printed in USA
Snap Action Switch
VX


▲Up To Search▲   

 
Price & Availability of VX-015-1C23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X