Part Number Hot Search : 
MSK0033B B3020 NTD106B S101D02 TB627 ACT88 MTP8N10E SSM210PT
Product Description
Full Text Search
 

To Download UF4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF4001 thru UF4007
Axial Lead Ultra Fast Rectifiers
P b Lead(Pb)-Free
Features:
*Low forward voltage drop *High current capability *High reliability *High surge current capability *High speed switching
REVERSE VOLTAGE 50-1000 VOLTS FORWARD CURRENT 1.0 AMPERE
Mechanical Data:
*Case: Molded plastic *Epoxy: UL 94V-0 rate ame retardant *Lead: Axial leads, solderable per *MIL-STD-202, method 208 guranteed *Polarity: Color band denotes cathode en *Mounting position: Any *Weight: 0.34grams
DO-41
DO-41 Outline Dimensions
Axial Device (Through-Hole)
WEITRON
http://www.weitron.com.tw
1/3
09-Aug-07
UF4001 thru UF4007
Maximum Rating
Characteristic
Maximum repetitive peak reverse voltage @ IT = 5A Maximum RMS voltage Maximum DC blocking voltage Maximum average forward recti ed current @ Ta = 55C Maximum Instantaneous Forward Voltage at Speci ed Current Maximum DC Reverse Current Maximum Reverse Recovery Time Operating and Storage temperature range
Symbol
VRRM VRMS VDC IF VF IR Trr Tj, TSTG
UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007
Uuits
V V V A
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
1.0 5.0 50 -55 to +150
1.7
V A
75
nS C
WEITRON
http://www.weitron.com.tw
2/3
09-Aug-07
UF4001 thru UF4007
RATINGAND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, (A) 1.0 AMBIEN Single phase half wave 20 1 Resistive or Inductive load 0.8 55 1
0.6 0.4 0.2 0.0 25 50 75 100 125 150 Ambient Temperature , ()
30
Average Forward Current, (A)
Peak Forward Surge Current (A)
1
20
30 23.8 16.8 12.5 9 5.5 4
Pulse width 8.3 ms single half-sine-wave
125
0
2 5 10 20 50 100
10
0 1 10 Number of Cycles at 60 Hz 100
Fig. 1 - Forward Current Derating Curve
INSTANTANEOUS FORWARD CURRENT ,(A)
10
Fig. 2 - Peak Forward Surge Current
100 Tj = 25 f = 1MHz
0.72 0.75 0.8 1 0.9 10.1 1.1 1.2 0.85
0.01 0.88 0.01 UF4001 to UF4004 0.2 0.52 1.05 2.6 5 8 10
0.6
1
19 14 10 8.1 7.3 6.7 6.5
1 2 5 10 20 50 100
33 24 13.2 11.4 10.6 10.2
0.95 1 1. 1 1.22 1.4 1.5 1.6
0.8
0.095 0.18 0.4 0.7 1.22 1.55 1.8
1 TJ = 25 Pulse Width = 300us 1.2 1.4 1.6 UF4005 to UF4007
Capacitance ,(pF)
0.04
0.9
0.032
2 5 10
10 0 2
16UF40001 to UF4004 .5
50 100
UF4005 to UF4007
1.25 0.01
1 1 10 Reverse Voltage,(V) 100
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
Fig. 3 - Typical Forward Characteristics
FIG.4 - Typical Junction Capacitance
WEITRON
http://www.weitron.com.tw
3/3
09-Aug-07


▲Up To Search▲   

 
Price & Availability of UF4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X