Part Number Hot Search : 
ST415KA 9F200 MC9S12 ELECT ST415KA LM98620 166BG FR6D02
Product Description
Full Text Search
 

To Download TS04B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 METALLIZED POLYESTER FILM CAPACITOR - AXIAL
AXIAL LEAD, METALLIZE POLYSTER FILM - FLAT OVAL SHAPE
Suntan(R)
TS04B
OPERATING TEMPERATURE CAPACITANCE RANGE CAPACITANCE TOLERANCE RATED VOLTAGE WITHSLAND VOLAGE DISSIPATION FACTOR
FEATU R E S TS04B is constructed with metallized polyester film as medium and electricode, wrapped and sealed with flame-resistance plastic and epoxy resin, with high reliability, high-temperature-resistance, small volume, large capacity and good self-healing property. Mainly used in instruments and the DC & AC circuit of the household equipment and the fractional frequency circuit of acoustics system.
SPECIFICATIONS
-40 TO + 105 0.01F ~ 68F J (5%), K (10%) 100V, 250V, 400V, 630V(DC) 1.6VR 2s (1.5VR 5s) C 1F 0.013 10KHz 1F10F 0.010 1HKz C0.33F VR100V(10V)7500M VR>100V 15000 M C>0.33F VR100V(10V) 2500S VR>100V 500S
INSULATION RESISTANCE
CAP 103 223 333 473 683 104 224 334 474 684 105 225 335 405 475 565 685 825 106 156 226 336 476 686 0.01 0.022 0.033 0.047 0.068 0.1 0.22 0.33 0.47 0.68 1.0 2.2 3.3 4.0 4.7 5.6 6.8 8.2 10.0 15.0 22.0 33.0 47.0 68.0
L
16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 16.0 21.0 21.0 26.0 26.0 31.0 31.0 31.0 31.0 31.0 31.0 46.0 46.0 56.0 56.0 56.0
100VDC T H
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 5.0 7.0 8.0 9.5 8.0 9.0 10.0 11.0 12.5 14.5 15.0 17.5 19.0 24.5 29.0 8.0 8.5 8.5 8.5 8.5 8.5 8.5 9.0 10.0 9.0 11.0 12.0 16.0 15.0 15.5 17.0 18.5 19.0 21.0 22.0 25.0 27.0 31.0 35.0
d
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
L
16.0 16.0 16.0 16.0 16.0 16.0 21.0 16.0 16.0 21.0 26.0 26.0 26.0 32.0 32.0 32.0 37.5 37.5 37.5 47.5 47.5 57.5 56.0 61.0
250VDC T H
5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.0 8.5 7.5 7.0 11.5 14.0 13.5 13.5 15.0 14.0 15.5 16.5 17.5 21.0 23.5 32.0 37.5 8.0 8.5 8.5 8.5 8.5 8.5 9.0 11.0 13.0 12.0 12.0 15.5 18.5 18.0 19.5 21.0 22.0 23.5 26.5 27.0 32.5 34.5 39.0 45.0
d
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
L
16.0 16.0 16.0 16.0 21.0 21.0 16.0 21.0 26.0 26.0 32.0 37.5 37.5 37.5 37.5 47.5 57.5 57.5 57.5 57.5 67.5 ----
400VDC T H
5.0 5.0 5.0 5.0 5.0 5.0 7.5 6.5 6.5 7.5 7.5 10.5 13.0 14.0 15.0 13.5 13.0 14.5 16.0 20.0 22.0 ---8.0 8.5 8.5 8.5 8.5 8.5 11.5 11.5 11.0 12.5 14.0 17.0 20.5 22.0 24.5 23.0 22.5 24.0 27.0 31.0 33.0 ----
d
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 ----
L
16.0 16.0 21.0 21.0 21.0 16.0 21.0 21.0 26.0 32.0 32.0 37.5 47.5 47.5 47.5 57.5 57.5 57.5 57.5 67.5 -----
630VDC T H
5.0 5.0 5.0 5.0 6.0 7.0 7.5 8.0 7.5 8.0 9.5 13.5 17.0 15.5 17.5 16.5 18.5 20.5 23.0 22.5 ----8.0 8.5 9.0 9.0 11.0 10.5 11.5 14.5 15.5 16.0 18.5 21.5 26.5 23.5 25.0 24.5 26.5 28.5 30.5 33.5 -----
d
0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 -----
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan(R) Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


▲Up To Search▲   

 
Price & Availability of TS04B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X