Part Number Hot Search : 
MC283 MUN5213 MUN5213 QESM042 KTK7132E CRD44600 ES51955 ES51955
Product Description
Full Text Search
 

To Download SWF121500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SWF121500(12V150AH)
Outer dimensions (mm)
551 109
288
Terminal Type (mm)
5 v 11 12 S2 ( 1w
00 15 Ah ) 12 Sw v1 50 (12
h 0) 0A 50
18
M8 16
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 150 Ah 288 mm (11.34 inches) 288 mm (11.34 inches) 551 mm (21.7 inches) 109 mm (4.29 inches)
Capacity(%)
Curves of cycle life(25 )
120 100 80 60 40 20
100%DOD
50%DOD
30%DOD
Idis=0.17C 5h Ich=0.10C 10h
Idis=0.17C 2.5h Ich=0.10C 5.0h
Idis=0.17C 1.5h Ich=0.10C 3.0h
49 Kg (108.3 lbs)
0 200 800 600 400 Number of cycles(cycles) 1000 1200 1400
3
1600
Characteristics
Capacity 25 (77 ) 10 hour rate(15 A) 5 hour rate(24 A) 1 hour rate(90 A) 150 AH 120AH 90 AH 3.8 m Approx Approx
3.8 m
Discharge Curves 25 (77 )
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.6 9.0 8.4 7.8 316A 1 2 4 6 8 10 204060 2 4 6 8 10 20 40 (h) (Min) 150A 75A 30A 15A
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 )
102% 100% 85% 65% 91% 82% 64%
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
T46 Initial Charging Current less than 60A Voltage 14.10-14.40V Voltage 13.50-13.80V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 )
Time 5min
A W A W A W A W A W
R
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
9.60V 10.20V 10.50V 10.80V 11.10V
R


▲Up To Search▲   

 
Price & Availability of SWF121500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X