Part Number Hot Search : 
DV2805 BH3540A 250C1 SKY77542 PF5102 STUK018 TDA1574 BCM570
Product Description
Full Text Search
 

To Download SR400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M I N IS
Specification
SCIROCCO
SR400 . SR410 . SR420
All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content. #356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Pulse rated porcelain socket or 75W/600V thermoplastic compact fluorescent socket. - One-piece molded silicone gasket with memory retention. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. - All stainless steel hardware. - All Moving and removable parts are sealed with a memory retention silicone gasket. 1- Cast aluminum ballast housing, with built-in hinge mechanism. 2- Set of two cast aluminum clamp retainers. 3- SR400: White translucent acrylic diffuser 4" X 12" dia. SR410: Solid aluminum light shield. SR420: perforated aluminum light shield. 4- Thermal shock and heat resistant borosilicate frosted heavy glass diffuser, with a prismatic linear inner glass structure. 5- One piece cast aluminum star ribbed cage
1
2
3
4 5
Photometry
7 1/2"
12"
Note: SR400-410-420 series are modular luminaires offered with an array of standard or optional 16" attachments, to meet multiple installation requirements. Please specify desired mounting accessory with model number. (See pages 101/ 102) Weight & EPA
E.P.A: 0.7 sq./ft
90
SR400
30
60
SR410
SR420
Separate updated technical specification sheets with related models and light sources with I.E.S formatted photometry are available on www.luminis.com.
Please refer to pages 101 /102 & 103 for additional details. Options
Mounting 3ft. black power cord (3/18-300v with suspension cable. SPW: 3ft. white power cord (3/18-300v with suspension cable. STM60: 60" lg.suspension stem. STM80: 80" lg.suspension stem. STC: Safety cable. SW45: 45 hang straight swivel. TCB: 3ft. extended black spiral power cord. Accessories PC5: High impact diffuser. Max.50W Electrical EM42S: 1 lamp (26/32/42W) FS: Fuse PH1: 120/277V photo cell. PH2: 347V photo cell. QS: Standby lamp socket. QRS: H.I.D. lamp restrike SPB: Note: EM optional battery test switch and pilot lamp are installed remotely. (See pages 101/ 102) PH1 & PH2 are installed with luminaire when specified with C.F.L. sources. For H.I.D sources PH1 or PH2 are installed with pole only. (see options APA/APS/ACA3/APC)
Certification
E.T.L Wet location
Max. weight: 17 lbs.
Model#
Mounting
Light source selection
Voltage
Finish
SR400 SR410 SR420
ACA3 ACW3 APA APC APS S T W
MH (ED17) MH (ED17) M50 M70 M100 M150 M175 HPS (ED17) H50 H70 H100 H150
CF (Gx24q) Single lamp F132 F142 F157 CF (Gx24q) Two lamp F226 F232 F242
120 V Standard factory (Refer to color chart) prewired (If no voltage Standard selection is specified) WHT:Snow white For other voltages, please specify with BKT: Jet black catalog number. BZT: Bronze H.I.D. GRT: Titanium gray DGT: Gun metal 208 V Note: 50W.HPS CHT: Champagne 240 V is available MST: Matte silver 277 V with GNT: Forest green 120/277V 347 V only. Optional colors CS: Custom color Compact fluorescent RAL: RAL# color smart ballast 120/277 347 V (To specify)
(Lamps by others)
Luminaries may be altered for improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
Page 92
L U M IN I S
Pole mount
MOUNTING ACCESSORIES
Wall mount
SCIROCCO
T
Wall mount.
APC
Side pole mount.
SR100
SR150
ACA3
Side pole mount.
ACW3
Wall mount.
SR200
SR300 APA
Side pole mount.
W SR340 SR350 APS
Post top Wall mount. Except SR600 series
WA
Wall mount SR600 series.
Ceiling mount
S SR400 SR400SD
Ceiling stem mount.
Compatible poles listing.
Post side mount with APA attachment accessory
Mounting style 4"O.D. PAA410-APA PAA412-APA PAA414-APA PAA416-APA PAA418-APA PAA420-APA PAA410-APC PAA412-APC PAA414-APC PAA416-APC PAA418-APC PAA420-APC PAA410-A PAA412-A PAA414-A PAA416-A PAA418-A PAA420-A 5"O.D. PAA510-APA PAA512-APA PAA514-APA PAA516-APA PAA518-APA PAA520-APA PAA510-APC PAA512-APC PAA514-APC PAA516-APC PAA518-APC PAA520-APC PAA510-A1 PAA512-A1 PAA514-A1 PAA516-A1 PAA518-A1 PAA520-A1 4"O.D. PCA12-APA PCA14-APA PCA16-APA 4"O.D. PXD10-APA PXD12-APA PXD14-APA PXD16-APA PXD18-APA PXD20-APA PXD10-APC PXD12-APC PXD14-APC PXD16-APC PXD18-APC PXD20-APC PXD10-A PXD12-A PXD14-A PXD16-A PXD18-A PXD20-A Pole height 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft
SR600
* Note: 36" extension with ACA3 attachment 24" extension with APC & APA attachment OAL pole height 12-14 or 16ft.
APA
Post side mount with APC attachment accessory
PCA12-APC PCA14-APC PCA16-APC
* Note
APC PXD pole style PCA pole style PCA pole style PAA pole style
Post side mount with APS attachment accessory
PCA10-A PCA12-A PCA14-A PCA16-A
APS
60"
Post side mount with ACA3 attachment accessory
PAA414-ACA PAA514-ACA PCA14-ACA PXD14-ACA 14 ft PAA416-ACA PAA516-ACA PCA16-ACA PXD16-ACA 16 ft PAA418-ACA PAA518-ACA PXD18-ACA 18 ft PAA420-ACA PAA520-ACA PXD20-ACA 20 ft For poles details and specification, please refer to pages 140 to 144
ACA3
Luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
June.2007
Page 101
L U M IN I S
MOUNTING ACCESSORIES
SCIROCCO
36" 14" 23"
7"
28 1/2"
5" SR600 16"
Series 15"
15"
SR600
Series 0"
-S
15 swivel ceiling mount with 1/2" dia.X36"lg aluminum stem. luminaire top adaptor allowing to cut stem to length on site.(Mounts over a standard 4" octagonal box with 3 1/2" C/C holes) 29"
W -1 5/8" Dia. shepherd aluminum
arm wall mount, with a cast aluminum wall cover and galvanized steel mounting plate. WA- For SR600 series with double wall cast mounting plate
APA -1 5/8" Dia. shepherd
aluminum side pole mount. (EPA: 0.15)
APS -1 5/8" Dia. shepherd
aluminum post top mount, with a cast aluminum tenon to fit with a 3 3/4" I.D. pole. (EPA: 0.15)
E 4 1/2" 4" 32" SR600
Series 36 " 3"
17 3/4"
Power supply
11" SR600
Power supply
4 5/8" 5 5/8"
Series=36 "
5 1/8"
ACA3 -1" x 3" extruded aluminum Davit arm pole
mounting adaptor designed to fit with 4 to 5" dia. poles.1/2" dia.X 45 standard natural stainless steel rod support. (EPA: 0.7)
ACW3 -1" x 3" extruded aluminum Davit arm wall
mounting adaptor with cast aluminum covers and galvanized steel mounting plates. 1/2" dia.X 45 standard natural stainless steel rod support.
T -1" x 3" extruded aluminum wall
mounting straight adaptor with cast aluminum cover and galvanized steel mounting plate.
OptIon "T " F SR100 SR150 SR200 SR350 SR300 SR400SD SR410SD SR400 SR410 SR600 E 22 1/2" 17" 24 1/2" 18 1/2" 25"
OptIon "APC " F 21 1/2" 16" 23 1/2" 18 1/2" 24"
APC -1" x 3" extruded
aluminum side pole mounting straight adaptor (EPA: 0.12)
Above listed dimensions may vary upon minor design changes. For critical conditions, please consult factory.
Luminaries may be altered for improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
June.2007
Page 102
L U M IN I S
Slope ceiling adaptor
MOUNTING ACCESSORIES
SCIROCCO
Please specify selected option as a suffix to the specified model number. Some options may not be compatible when used in the same luminaire. This information is indicated when it is applicable.
Longer suspension stem
Option
STM60 STM80 36" lg.X5/8" O.D. suspension stem. 60" lg.X5/8" O.D. suspension stem. 80" lg. X5/8" O.D. suspension stem.
Option: SW45
45 hang straight ball swivel for 5/8" dia. suspension stem.
SW45 Suspension power cord
Note: cable size and type may change at factory discretion upon availability, to accommodate required wiring with selected option.
Stems can be cut on site and rethreaded externally (Tap size 1/4-18)
For other factory cut to size length add suffix -STM with desired length to catalog# max.120"
Spiral power cord Option: SPW (White) SPB (Black)
3/18 X 36"lg. power cord with adjustable aircraft cable. SPB Black power cable only with options EM42 / EM42S QS / DS/ DS2
Option: TCW (White) TCB (Black)
3/18 Spiral power cord Max. 277V Standard extended length: 3ft. Not applicable when using options EM42 / EM42S QS / DS/ DS2
Aluminum hood Option: FH
One piece solid aluminum reflector hood.All painted same color as luminaire. Replaces slotted standard hood.
Safety suspension cable Option: STC
Safety aircraft suspension cable, for applications with earthquake regulations. Cables extends 18" beyond canopy. (Secured to building structure)
Pier mount adaptor Option: PM
Impact resistant diffuser
Options : Add selected suffix to catalog number
Option: PC5
Pier mount or short wall perimeter mounting adaptor plate. Fits with SR500 series
High impact white translucent U.V. stabilized acrylic diffuser. Max. 50W H.I.D. or 2x32w C.F.L
Quartz lamp restrike Option: QRS
Quartz restrike standby lamp kit max.100W DC bayonet type
Light photo sensor Option:
PH1 -120V PH2 - 277 / 347V PH1 & PH2 Photo electric sensors, are installed with luminaire when specified with C.F.L. sources. For H.I.D sources PH1 or PH2 are installed with pole only. (see options APA/APS/ACA3/APC)
Emergency battery pack
For 57w & 70w: Consult factory
EM42
One lamp: 26w: 450 Lmns.. 32w: 575 Lmns. 42w: 750 Lmns.
For SR700 series only
Please refer to page 16 for more details
Quartz lamp restrike Option: QS
Quartz lamp socket for external 120V emergency power input. Separate 120V dedicated wiring is included. max.100 W DC bayonet type. (Lamp is not included.) Not Applicable with CFL lamps.
Fuse
Option
FS Ballast protection fuse Available with H.I.D. Post mount luminaires: luminaires only FS installed with pole.
Note: FS option fuse is factory calibrated and installed with selected wattage.
All other types: FS is installed with luminaire. EM42S wiring
BLK WHT AC ballast
Emergency battery back-up EM42 / EM42S
One lamp:
EM42 wiring
HOT
Note: EM42 option is supplied with integral test switch and pilot light. EM42S is supplied with additional wiring for external remotely installed test switch and pilot light. Please refer to luminaire specification sheet option listing.
26w: 450 Lmns.. Time: 90 Mnts EM Ballast wiring 32w: 575 Lmns. 120/277V / T 0 C diagram for 120V 42w: 750 Lmns. factory connection. Note: Use of Emergency battery, requires periodic and regular testing to ensure correct operation. (please refer to manufacturer's instructions. COM For 57w & 70w: (Remote installation only) Consult factory
Luminaries may be altered for improvements or discontinued without prior notice.
WHT
EM ballast
Black/120V (Factory wired) Orange/277V (Cap unused lead.)
Single pole test switch (Breaking the connection) Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999 Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Page 103


▲Up To Search▲   

 
Price & Availability of SR400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X