Part Number Hot Search : 
LTC13 4805S 331MP 4004B 42500 0401N85 D2463 74HCT37
Product Description
Full Text Search
 

To Download SR230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTTKY BARRIER RECTIFIER
SR220 THRU SR2100
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
20 to 100 Volts 2.0 Ampere
Fast switching Low forward voltage Low power loss for high efficiency High surge capability High temperature soldering guaranteed 250/10 seconds,0.375"(9.5mm)lead length
DO-204AC(DO-15)
1.0(25.4) MIN.
.034(0.9) .028(0.7)
DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Lead: solderable per MIL-STD-202E Method 208C Polarity :Color band denoted cathode end Mounting position: Any Weight: 0.014ounce, 0.39 gram
.300(7.6) .230(5.8) .140(3.6) .104(2.6) 1.0(25.4) MIN. DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ TSTG 0.55 SR220 SR230 SR240 SR250 SR260 SR280 SR2100 UNIT 20 30 40 50 60 80 100 Volts 14 21 28 35 42 56 70 Volts 20 30 40 50 60 80 100 Volts 2.0 60 0.70 0.5 10 200 20 (-55 to +150) (-55 to +150) 0.85 Amps Amps Volts A pF
/W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length ,(NOTE 1) T L =100 Peak Forward Surge Current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @2.0A Maximum DC Reverse Current at rated TA = 25 DC blocking voltage per element(Note1) T = 100 A Typical Junction Capacitance (NOTE 3) Typical Thermal Resistance (NOTE 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Pulse test:300s pulse width,1% duty cycle 2. Thermal Resistance from junction to ambient P.C.B. mounted with 0.375"(9.5mm)lead length with 1.5"x1.5"(38x38mm) copper pads 3. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
Web Site: WWW.PS-PFS.COM
SCHOTTTKY BARRIER RECTIFIER
SR220 THRU SR2100
VOLTAGE RANGE CURRENT
20 to 100 Volts 2.0 Ampere
R ATIN G AN D C H R AC TER ISTIC C UR VES SR202 TH R U SR210
FIG .1-TYPIC AL FO RWARD CURRENT DERATING CURVE
2.2 70
FIG .2-M AXIM UM NON-REPETITIVE PEAK FO RWARD SURG E CURRENT PEAK FORWARD SURGE
AVERAGE FORWARD CURRENT,
2.0
60
CURRENT, (A)
8.3m s Single H alf Sine-W ave (JEDEC Method) T j =Tjmax 40
1.8
(A)
1.6
1.4
Sing le P hase
1.2
Half W ave 6 0Hz R esistive or In du ctive L oad 0.37 5(9.5 m m ) L ead Le ngth
20
1 C ycle 100 125 150 175 0 1 2 4 6 8 10 20 40 60 80 100
0 0 25 50 75
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG .3-TYPICAL INSTANTANEO US FO RWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
20
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10 SR202-204 SR 2 05-210
INSTANTANEOUS FORWARD CURRENT,
10
SR202-204 SR205-210
T J =125 C 1.0
1 .0
(A)
(A)
0.1 T J =75 C
TJ = 25 C
0 .1
PULSE W ID T H =300 s D UTY C Y CLE 1%
0.01
T J =25 C 0.001
0 .01 0.4 0 .6 0 .8 1 .0 1.2 1 .4 1.6 1 .8
0
20
30
40
50
60
80
100
INSTANTANEO US FO RWARD VO LTAG E,(V)
PERCENT OF RATED PEAK REVERSE VOLTAG E,(% )
FIG .5-TYPIC AL JUNC TIO N CAPACITANCE
1000
JUNCTION CAPACITANCE,(pF)
T J =25 C f=1M H z Vsig=50m V
100
10 0.1 1.0 10 100
REVERSE VO LTAGE,(V)
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of SR230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X