Part Number Hot Search : 
D2396 ESD3V PCA9546A MFL2815D CDP1824E PSA92 PSA92 1RB1WGU
Product Description
Full Text Search
 

To Download SMDA05C-706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Description
The SMDAxxC-7 series of transient voltage suppressors are designed to protect components which are connected to data and transmission lines from voltage surges caused by electrostatic discharge (ESD), electrical fast transients (EFT), and lightning. TVS diodes are characterized by their high surge capability, low operating and clamping voltages, and fast response time. This makes them ideal for use as board level protection of sensitive semiconductor components. The SMDAxxC-7 is designed to provide transient suppression on multiple data lines and I/O ports. The low profile SO-8 design allows the user to protect up to seven data and I/O lines with one package. The SMDAxxC-7 TVS diode array will meet the surge requirements of IEC 61000-4-2 (Formerly IEC 801-2), Level 4, "Human Body Model" for air and contact discharge.
Bidirectional TVS Array for Protection of Seven Lines
Features
Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) 12A (8/20s) Small SO-8 surface mount package Protects seven I/O lines Working voltages: 5V, 12V, 15V and 24V Low leakage current Low operating and clamping voltages Solid-state silicon avalanche technology
Mechanical Characteristics
JEDEC SO-8 package Molding compound flammability rating: UL 94V-0 Marking : Part number, date code, logo Packaging : Tube or Tape and Reel per EIA 481
Applications
RS-232 and RS-422 Data Lines Microprocessor Based Equipment LAN/WAN Equipment Notebooks, Desktops, and Servers Instrumentation Peripherals Set Top Box Serial and Parallel Ports
Schematic and PIN Configuration
SO-8 (Top View)
Revision 8/15/06 1 www.semtech.com
SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Absolute Maximum Rating
R ating Peak Pulse Power (tp = 8/20s) Lead Soldering Temperature Operating Temperature Storage Temperature Symbol Pp k TL TJ TSTG Value 300 260 (10 sec.) -55 to +125 -55 to +150 Units Watts C C C
Electrical Characteristics
SMDA05C-7 Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Maximum Peak Pulse Current Junction Capacitance Symbol VRWM V BR IR VC IP P Cj It = 1mA VRWM = 5V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Between I/O Pins and Ground VR = 0V, f = 1MHz 6 20 9.8 17 350 Conditions Minimum Typical Maximum 5 Units V V A V A pF
SMDA12C-7 Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbol VRWM V BR IR VC IP P Cj It = 1mA VRWM = 12V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Between I/O Pins and Ground VR = 0V, f = 1MHz 13.3 1 19 12 120 Conditions Minimum Typical Maximum 12 Units V V A V A pF
2004 Semtech Corp.
2
www.semtech.com
SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Electrical Characteristics (Continued)
SMDA15C-7 Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Maximum Peak Pulse Current Junction Capacitance Symbol VRWM V BR IR VC IP P Cj It = 1mA VRWM = 15V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Between I/O Pins and Ground VR = 0V, f = 1MHz 16.7 1 24 10 75 Conditions Minimum Typical Maximum 15 Units V V A V A pF
SMDA24C-7 Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Maximum Peak Pulse Current Junction Capacitance Symbol VRWM V BR IR VC IP P Cj It = 1mA VRWM = 24V, T=25C IPP = 1A, tp = 8/20s tp = 8/20s Between I/O Pins and Ground VR = 0V, f = 1MHz 26.7 1 43 5 50 Conditions Minimum Typical Maximum 24 Units V V A V A pF
2004 Semtech Corp.
3
www.semtech.com
SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10 Peak Pulse Power - PPk (kW)
Power Derating Curve
110 100 90 % of Rated Power or I PP 80 70 60 50 40 30 20 10
1
0.1
0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000
0 0 25 50 75 100 125 150 Ambient Temperature - TA (oC)
Pulse Waveform
110 100 90 80 Percent of IPP 70 60 50 40 30 20 10 0 0 5 10 15 Time (s) 20 25 30 td = IPP/2 e
-t
Waveform Parameters: tr = 8s td = 20s
ESD Pulse Waveform (IEC 61000-4-2)
Level
IEC 61000-4-2 Discharge Parameters
First Peak Current (A ) 1 2 3 4 7.5 15 22.5 30 Peak Current at 30 ns (A ) 4 8 12 16 Peak Current at 60 ns (A ) 8 4 6 8 Test Test Voltage Voltage (Contact (A ir Discharge) Discharge) (kV) ( kV ) 2 4 6 8 2 4 8 15
2004 Semtech Corp.
4
www.semtech.com
SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Applications Information
Device Connection for Protection of Seven Data Lines The SMDAxxC-7 is designed to protect up to 7 data or I/O lines. They are bidirectional devices and may be used on lines where the signal polarities are above and below ground. The SMDAxxC-7 TVS arrays employ a monolithic structure. Therefore, the working voltage (VRWM) and breakdown voltage (VBR) specifications apply to the differential voltage between any two data line pins. For example, the SMDA24C-7 is designed for a maximum voltage excursion of 12V between any two data lines. The device is connected as follows: Pins 1, 2, 3, 4, 5, 6 and 7 are connected to the lines that are to be protected. Pin 8 is connected to ground. The ground connections should be made directly to the ground plane for best results. The path length is kept as short as possible to reduce the effects of parasitic inductance in the board traces. Circuit Board Layout Recommendations for Suppression of ESD. Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: Place the TVS near the input terminals or connectors to restrict transient coupling. Minimize the path length between the TVS and the protected line. Minimize all conductive loops including power and ground loops. The ESD transient return path to ground should be kept as short as possible. Never run critical signals near board edges. Use ground planes whenever possible. Connection Diagram
DATA IN DATA OUT
Circuit Diagram
8
7
6
5
1
2
3
4
DATA IN
DATA OUT
2004 Semtech Corp.
5
www.semtech.com
SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Outline Drawing - SO-8
A N 2X E/2 E1 E 1 ccc C 2X N/2 TIPS 2 e/2 B D aaa C SEATING PLANE A2 A C bxN bbb A1 C A-B D SIDE VIEW GAGE PLANE 0.25 e D
h h
H
DIM
c
A A1 A2 b c D E1 E e h L L1 N 01 aaa bbb ccc
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.053 .069 .010 .004 .065 .049 .012 .020 .010 .007 .189 .193 .197 .150 .154 .157 .236 BSC .050 BSC .010 .020 .016 .028 .041 (.041) 8 8 0 .004 .010 .008 1.35 1.75 0.10 0.25 1.25 1.65 0.31 0.51 0.17 0.25 4.80 4.90 5.00 3.80 3.90 4.00 6.00 BSC 1.27 BSC 0.25 0.50 0.40 0.72 1.04 (1.04) 8 0 8 0.10 0.25 0.20
L (L1) DETAIL
01
A
SEE DETAIL
A
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 4. REFERENCE JEDEC STD MS-012, VARIATION AA.
Land Pattern - SO-8
X
DIM
(C) G Z C G P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.205) .118 .050 .024 .087 .291 (5.20) 3.00 1.27 0.60 2.20 7.40
Y P
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
2. REFERENCE IPC-SM-782A, RLP NO. 300A.
2004 Semtech Corp.
6
www.semtech.com
SMDA05C-7 THRU SMDA24C-7
PROTECTION PRODUCTS Ordering Information
Part Number SMDA05C-7.TB SMDA12C-7.TB SMDA15C-7.TB SMDA24C-7.TB SMDA05C-7.TBT SMDA12C-7.TBT SMDA15C-7.TBT SMDA24C-7.TBT SMDA05C-7 SMDA12C-7 SMDA15C-7 SMDA24C-7 SMDA05C-7.T SMDA12C-7.T SMDA15C-7.T SMDA24C-7.T Lead Finish SnPb SnPb SnPb SnPb Pb Free Pb Free Pb Free Pb Free SnPb SnPb SnPb SnPb Pb Free Pb Free Pb Free Pb Free Qty per Reel 500 500 500 500 500 500 500 500 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube Reel Size 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch N/A N/A N/A N/A N/A N/A N/A N/A
Note: Lead-free devices are RoHS/WEEE Compliant
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2004 Semtech Corp. 7 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SMDA05C-706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X