Part Number Hot Search : 
BZT6V2 MCS434D 74HCT04A BZT6V2 2SK3482 HI7188 2SK3482 L74HC
Product Description
Full Text Search
 

To Download S2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S2A ... S2Y
S2A ... S2Y
Surface Mount Si-Rectifiers Si-Gleichrichter fur die Oberflachenmontage Version 2005-06-21 Nominal Current - Nennstrom
5.4
0.2 0.5
2A 50...2000 V ~ SMB ~ DO-214AA 0.1 g
2.2
2.1
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.1
+ 0.1
3.7
Type Typ
5
0.5
Dimensions - Mae [mm]
Maximum ratings Type Typ S2A S2B S2D S2G S2J S2K S2M S2T S2W S2X S2Y Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000 TT = 100C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t
2
0.1
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000 2A 10 A 1) 50/55 A 12 A2s -50...+150C -50...+150C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TS
Tj
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/
(c) Diotec Semiconductor AG
1
S2A ... S2Y Characteristics Forward voltage - Durchlass-Spannung Leakage current Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss Tj = 25C Tj = 25C Tj = 100C IF = 2 A VR = VRRM VR = VRRM VF IR IR RthA RthT Kennwerte < 1.15 V < 5 A < 100 A < 50 K/W 1) < 15 K/W
120 [%] 100
102 [A] 10
Tj = 125C
80
Tj = 25C
60
1
40 10 20 IFAV 0 0 TT 50 100 150 [C] IF 10
-2 -1
50a-(1a-1.1v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current vs. temp. of the terminals Zul. Richtstrom in Abh. v. d. Temp. der Terminals
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
10
2
[A]
10
iF
1
1
10
10
2
[n]
10
3
Peak forward surge current versus number of cycles at 50 Hz Durchla-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of S2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X