|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PDM-63-12G 0 POWER DIVIDERS / COMBINERS 6 to 18 GHz / 8-Way / Excellent Phase & Ampli. Bal. / Low Insertion Loss / High Output Isol. / SMA PRINCIPAL SPECIFICATIONS Model Number PDM-63-12G Freq. Range, GHz 6 - 18 Coupling, Insertion dB, Loss, dB, Nom. Max. -- 7.8 1.3 Phase Amplitude Balance, Balance, Max. dB, Max. 10 1.0 Isolation, dB, Min. 16 CW Input Power, Max., with VSWRout 1.2:1 2.0:1 30W 10W 1W GENERAL SPECIFICATIONS General Notes: 1. The PDM-63-12G provides six way in-phase division of microwave signals in the 6 to 18 GHz frequency band. This unit is one of a series of true n-way dividers. Impedance: VSWR, Input: VSWR, Output: Weight, nominal: Operating Temperature: 50 nom. 1.5:1 max. 1.6:1 max. 4.6 oz. (130 g) -- 55 to +95C Package Outline NOTES: 1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters. 22Apr96 For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531 |
Price & Availability of PDM-63-12G |