Part Number Hot Search : 
00203 15700 7805A C1455 SJ2155 03150 CW7808 SB5045
Product Description
Full Text Search
 

To Download MM4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LL4148/MM4148
SMALL SIGNAL SWITCHING DIODE
MINI MELF
FEATURES
Silicon epitaxial planar diode Fast switching diodes 500mw power dissipation High temperature soldering guaranteed 250 C/10S at terminals
0.063(1.6) 0.055(1.4) DIA.
0.020(0.5) 0.012(0.3) 0.146(3.7) 0.130(3.3)
0.020(0.5) 0.012(0.3)
MECHANICAL DATA
Case: MINI MELF glass sealed envelope. Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.002 ounce, 0.05 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
LL4148/MM4148
UNITS VOLTS VOLTS mAmps
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 10mA Maximum DC reverse current TA=25 C VR=75V at rated DC blocking voltage TA=100 C VR=20V Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Operating junction and storage temperature range NOTES: 1.Test condition:IF=10mA,IR=10mA,Irr=1mA,VR=6V,RL=100W. 2.Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
VRRM VRMS I(AV)
100 75 150
IFSM VF IR trr CJ TJ,TSTG
500 1.0 5.0 50 4.0 4.0 -65 to +200
mAmps Volts uA ns pF C
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES LL4148/MM4148
FIG. 2-REVERSE CURRENT VERSUS CONTINUOUS REVERSE VOLTAGE (TYPICAL VALUES)
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1
FIG. 1-ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE P,POWER DISSIPATION,MILLIWATTS
800 700 600 500 400 300 200 100 0 0 100 200 C
0.1
0.01
0.001
TJ=25 C
AMBIENT TEMPERATURE, C
0.0001 40 60 80 100 120
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 3-FORWARD CHARACTERISTICS
16
INSTANTANEOUS FORWARD CURRENT,MILLIAMPERES
FIG. 4-RELATIVE CAPACTANCE VERSUS REVERSE VOLTAGE
Ctot(vR) RELATIVE CAPACTANCE Ctot(0v)
14 12 10 8 6 4 2 0 0 1 2V
1.2
1.0
0.8
0.6
INSTANTANEOUS FORWARD VOLEAGE, V0LTS
0.4 0 5 10V
REVERSE VOLTAGE,VOLTS.
FIG. 5-ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
IFRM,PEAK FORWARD CURRENT,AMPERES
100 n=tp/T V=tp/T T=1/fp
tp
10
IFRM
n=0 0.1 0.2
T
1
0.5
0.1 0.01 0.1 1 10 100 1000ms
tp,PULSE DURATION,ms
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of MM4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X