Part Number Hot Search : 
AQG12112 FR102 TA8083 855737 C68HC908 IRF640NP 48M033 DLS3C1
Product Description
Full Text Search
 

To Download MLESD12A-1206A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MLESD12A-1206A4
Features
* ESD protection for high speed data lines to IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV IEC61000-4-2 ESD air discharge typical 15KV, max 25KV Multilayer structure Surface mount Extremely low capacitance Very low leakage current Fast response time Bi-directional ESD protection Lead free solder termination The best ESD protection for high frequency, low voltage applications
Multilayer Polymer
ESD Suppressor
1206
A B
* * * * * * * *
Application
* * * * * * * High Definition Multi-Media Interface (HDMI) Digital Visual Interface (DVI) Display Port Interface Unified Display Interface (UDI) MDDI Ports Gigabit Ethernet USB2.0 and IEEE1394 interface
D E
C
Suggested Solder Pad Layout
F G K H J
* Caution: This component is designed for signal line protection only, not intended to be used under bias, not for application with a power line.
Environmental Specifications
* * * * * * Operation temperature: -40~90 Moisture Resistance, Steady state: MIL-STD-833,Method 1004.7, 85% RH,85 ,1000hrs Thermal Shock: MIL-STD-202,Method 107G,-55 to150 ,30 min cycle,10 cycles. Vibration: MIL-STD-202F, Method 201A, (10 to 55 to 10HZ, 1 min. cycle, 2hrs each in X-Y-Z) Chemical Resistance: ASTM D-543, 4hrs @40 , 3 solutions(H2O,
detergent solution, deluxer )
I
DIMENSIONS
Solder leach resistance and terminal adhesion: Per EIA-576 test
DIM A B C D E F G H I J K
INCHES MIN MAX .059 .067 .138 .147 .013 .017 .033 .041 .020 .025 .021 . 026 .010 .014 .082 . 091 .126 .134 .025 . 030 .027 . 032
MM
MIN 1.50 3.52 0.33 0.83 0.52 0.55 0.25 2.10 3.20 0.65 0.70
MAX 1.70 3.72 0.43 1.03 0.62 0.65 0.35 2.30 3.40 0.75 0.80
NOTE
Electrical Diagram
Revision: 1
www.mccsemi.com
1 of 4
2009/01/01
MLESD12A-1206A4
Electrical Characteristics
Electrical Characteristics Conditions
MCC
Micro Commercial Components
TM
Parameter
Symbol
Min
Typ
Max
Units
Continuous operating voltage
VDC
---
---
---
12
V
Trigger voltage
VT
IEC61000-4-2 8KV contact discharge
---
300
---
V
Clamping voltage
VC
IEC61000-4-2 8KV contact discharge
---
20
---
V
Leakage current
IL
12V VDC
---
0.10
10
nA
Capacitance
CP
VR = 0V, f = 1MHz
---
0.15
0.3
pF
Operating Temperature
---
---
-40
---
90
Storage Temperature
ESD pulse withstand Notes:
--Pulses
--IEC61000-4-2 8KV contact discharge
-55
2000
-----
150
-----
1, Trigger and clamping voltage measure per IEC 61000-4-2, 8KV direct discharge method
Typical MLESD clamping for +8KV pulse per IEC61000-4-2
Revision: 1
www.mccsemi.com
2 of 4
2009/01/01
MLESD12A-1206A4
MC C
Micro Commercial Components
TM
Design Recommendations for Dual USB2.0
MLESD12A-1206A4
Design Recommendations for I/O Port
MLESD12A-1206A4
Revision: 1
www.mccsemi.com
3 of 4
2009/01/01
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
Revision: 1
www.mccsemi.com
4 of 4
2009/01/01
3


▲Up To Search▲   

 
Price & Availability of MLESD12A-1206A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X