Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download MBR1035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1035 ~ MBR1060
PRV : 35~60 Volts Io : 10 Amperes
FEATURES :
* Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering : 250C/10 seconds, 0.25" (6.35mm) from case * Pb / RoHS Free
SCHOTTKY BARRIER RECTIFIER DIODES
TO-220AC
0.154(3.91)DIA. 0.415(10.54)MAX. 0.148(3.74) 0.113(2.87) 0.103(2.62) 0.635(16.13) 0.625(15.87) 1 PIN 1 CASE PIN 2 0.205(520) 0.195(4.95) 0.037(0.94) 0.027(0.68) 0.022(0.56) 0.014(0.36) 2 0.160(4.06) 0.140(3.56) 0.560(14.22) 0.530(13.46) 0.055(1.39) 0.045(1.14) 0.185(4.70) 0.175(4.44)
0.145(3.68) 0.135(3.43) 0.350(8.89) 0.330(8.39)
0.603(15.32) 0.573(14.55)
MECHANICAL DATA :
* Case : JEDEC TO-220AC molded plastic body * Terminals: Plated leads, solderable per MIL-STD-750 Method 2026 * Polarity: As marked * Mounting Position: Any * Weight : 2.24 grams (Approximately)
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS
Maximum Recurrent Peak Reverse Voltage Maximum Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (See Fig. 1) Peak Forward Surg Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage (Note 1) at I F = 10 A, TC = 25 C at I F = 10 A, TC = 125 C Maximum Average Reverse Current at Rate Peak Reverse Voltage Typical Thermal Resistance Operating Junction Temperature Range Storage Temperature Range Note :
(1) Pulse test : 300 s pluse width, 1% duty cycle
( Tc = 25 C unless otherwise noted)
SYMBOL MBR1035 MBR1045 MBR1050 MBR1060 UNIT
VRRM VRWM VDC IF(AV) IFSM 35 35 35 45 45 45 10 150 50 50 50 60 60 60 V V V A A
VF
0.57
0.80 0.70 0.10 15 2.0 -65 to + 150 -65 to + 175
V
T C = 25 C T C = 125 C
IR RJC TJ TSTG
mA C/W C C
Page 1 of 2
Rev. 01 : February 22, 2006
RATING AND CHARACTERISTIC CURVES ( MBR1035 ~ MBR1060 )
FIG.1 - FORWARD CURRENT DERATING CURVE
10
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
8
PEAK FORWARD SURGE CURRENT, (A)
AVERAGE FORWARD CURRENT, (A)
120
6
MBR1035 & MBR1045 MBR1050 & MBR1060
90
4
60 TJ =TJmax 8.3 ms single half sine-wave (JEDEC Method) 1 2 4 6 10 20 40 60 100
2 Resistive or Inductive Load 0 0 25 50 75 100 125 150
30
0
CASE TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 Pluse Width = 300 s 1% Duty Cycle
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10 TJ = 125 C
INSTANTANEOUS FORWARD CURRENT, (A)
10
INSTANTANEOUS REVERSE CURRENT, (mA)
TJ = 25 C
1.0
MBR1035 & MBR1045 MBR1050 & MBR1060 0.1
MBR1035 & MBR1045 1.0 MBR1050 & MBR1060
0.1
0.01 TJ = 25 C
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.001
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Page 1 of 2
Rev. 01 : February 22, 2006


▲Up To Search▲   

 
Price & Availability of MBR1035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X