Part Number Hot Search : 
7175C 07400 RF1353D NTM2369 RT040 MAX189 TA8508 PA424
Product Description
Full Text Search
 

To Download MBR1035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10A SCHOTTKY BARRIER RECTITIER MBR1035 - MBR1060
10A Schottky Barrier Rectifier
Features
* Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guarding for over voltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed: 250 C/10 seconds, 0.25'' (6.35mm) from case
TO-220AC
Mechanical Data
Case: Terminals: Polarity Mounting Position: Mounting Torque: Weight: JEDEC TO-220AC, molded plastic body Plated leads, solderable per MIL-STD-750,Method 2026 As marked Any 10 in-lbs maximum 0.08 ounce, 2.24 grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current per leg Operating Junction Temperature Range Storage Temperature Range MBR1035 35 35 MBR1045 45 45 10 MBR1050 50 50 MBR1060 60 60 Unit V V A See Fig.1 8.3ms single half sinewave superimposed on rated load (JEDEC method) Conditions
VRRM VDC IF(AV) IFSM TJ TSTG
150 -65 to +150 -65 to +150
A C C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-247-2232 Fax: (800)-TAITFA (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2007-10-26 Page 1 of 4
10A Schottky Barrier Rectifier MBR1035 - MBR1060
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Instantaneous Forward Voltage per leg (Note 1) Maximum Instantaneous Reverse Current at rated DC Blocking Voltage Maximum Thermal Resistance from Junction to Case MBR1035 0.57 0.10 15 2.0 MBR1045 MBR1050 MBR1060 Unit V mA C/W Conditions IF=10A Tc=25 C IF=10A Tc=125 C Tc=25 C Tc=125C 0.80 0.70
VF IR R-JC
Note 1: Pulse test: 300 s pulse width, 1 % duty cycle
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
IF(AV) Average Forward Current (A)
Fig.2- Max. Non-Repetitive Peak Forward Surge Current
Instantaneous Forward current (A)
Case Temperature Tc (C) Fig.3- Typical Forward Characteristics
IF Instantaneous Forward Current (A) Instantaneous Reverse Current (mA)
Number of Cycles at 60Hz Fig.4- Typical Reverse Characteristics
Instantaneous Forward Voltage (V) www.taitroncomponents.com
Percent of Rated Peak Reverse Voltage (%) Rev. A/AH 2007-10-26 Page 2 of 4
10A Schottky Barrier Rectifier MBR1035 - MBR1060
Fig.5- Typical Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Dimensions in inches (mm)
TO-220AC
Rev. A/AH 2007-10-26 www.taitroncomponents.com Page 3 of 4
10A Schottky Barrier Rectifier MBR1035 - MBR1060
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2007-10-26 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of MBR1035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X