Part Number Hot Search : 
A3064 X9C503DM ST12LP AC03D 20KP72A 636S6I 12800 HT674007
Product Description
Full Text Search
 

To Download MBR0540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR0540
SCHOTTKY BARRIER RECTIFIERS
Features * Low forward voltage drop * High conductance
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
SQ Top View Marking Code: "SQ" Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Repetitive Reverse Voltage Reverse Voltage Average Rectified Forward Current Non-Repetitive Peak Forward Surge Current (Half Wave, Single Phase, 60 Hz) Thermal Resistance Junction to Lead
1) 2)
Symbol VRRM VR IF(AV) IFSM RJL RJA TJ Tstg
Value 40 40 500 5.5 118 206 - 65 to + 125 - 65 to + 150
Unit V V mA A
O
C/W C/W
O
Thermal Resistance Junction to Ambient Operating Junction Temperature Range Storage Temperature Range
1) 2)
O
C C
O
Device mounted on FR-4 PCB 0.013 mm. 1 inch" pad size (1 X 0.5 inch for each lead ) on FR4 board.
Characteristics at Ta = 25 OC
Parameter Forward Voltage at IF = 0.5 A at IF = 1 A at IF = 0.5 A, Ta = 100 OC at IF = 1 A, Ta = 100 OC Reverse Leakage Current at VR = 20 V at VR = 40 V at VR = 20 V, Ta = 100 OC at VR = 40 V, Ta = 100 OC Symbol Max. 0.51 0.62 0.46 0.61 10 20 5 13 Unit
VF
V
IR
A A mA mA
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 26/01/2007
MBR0540
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 26/01/2007
MBR0540
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-123
ALL ROUND
c
HE
D
A
E
bp
UNIT mm
A 1.15 1.05
bp 0.6 0.5
c 0.135 0.127
A
D 2.7 2.6 E 1.65 1.55 HE 3.9 3.7 v 0.2
5
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 26/01/2007


▲Up To Search▲   

 
Price & Availability of MBR0540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X