Part Number Hot Search : 
4V20T AAT1140 AN1489 33HWUMNR NCE4953 EUP2573 AAT1140 IT2403SA
Product Description
Full Text Search
 

To Download LXO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LXO OSCILLATOR
10 kHz to 2.1 MHz
TM
Low Power Crystal Oscillator
DESCRIPTION
The LXO oscillator has the highest accuracy and stability of all STATEK oscillators. The design consists of a CMOScompatible hybrid circuit, packaged in a hermetically-sealed metal DIP. Permanent, precision tuning of the oscillator is accomplished by laser trimming the crystal after it has been hermetically sealed in a ceramic package and connected to the oscillator circuit. This method of fine tuning allows for very tight calibration tolerance and eliminates the need for a trimming capacitor, a major source of long-term frequency drift. The specifications and characteristics of the LXO vary with frequency. The characteristics of the 32.768 kHz model are presented in this data sheet.
z MH .0 0-2 LX
PACKAGE DIMENSIONS
FEATURES
Low power consumption Low aging CMOS compatible Double hermetically sealed package Full military testing available 5V operation standard 2.5V to 15V operation also available
E
F
G H J A I
PIN NO.1
D
PIN NO.7
B
APPLICATIONS
C
Industrial, Computer & Communications General purpose clock oscillator Data Logger Remote sensor Liquid level sensing Medical test and diagnostics Military Portable field communication Military high speed modem Flight recorder
PIN NO.14
PIN NO.8
DIM A B C D E F G H I J
inches 0.810 MAX. 0.510 MAX.
_ 0.300 + 0.005 _ 0.600 + 0.005
mm 20.57 MAX. 12.95 MAX.
_ 7.62 + 0.13 _ 15.24 + 0.13
0.430 TYP. 0.240 MAX. 0.040 TYP. 0.150 MIN. 0.018 0.002 0.070 TYP.
+ _
10.92 TYP. 6.10 MAX. 1.02 TYP. 3.81 MIN.
_ 0.46 + 0.05
1.78 TYP.
* Position of bumps for reference only
10110 - Rev D
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
IS O
90
01
SPECIFICATIONS: LXO 32.768 kHz
ABSOLUTE MAXIMUM RATINGS
Specifications are typical at 25 C unless otherwise noted. Specifications are subject to change without notice. Supply Voltage (VDD) Calibration Tolerance1 (at 5V)
_ 5V + 10% (standard) (2.5V to 15V available) + _ + _ + _
O
Supply Voltage VDD Storage Temperature
-0.3V to 7V -55OC to +125OC
ELECTRICAL CHARACTERISTICS
LXO-32.768 kHz
10 ppm (0.001%) 25 ppm (0.0025%) 100 ppm (0.01%) Typ. MAX. Typ. MAX. (0.0025%) (0.004%) (0.007%) (0.01%)
All parameters are measured at ambient temperature with a 10M and 10pF load at 5V.
SYMBOL PARAMETER VOH VOL *tr *tf IDD Output Voltage Hi Output Voltage Lo Rise Time Fall Time Supply Current Duty Cycle 40 MIN. 4.8 TYP. MAX. UNIT 4.95 0.05 0.16 0.46 45 50 0.2 1 1 60 60 V V
Frequency Stability
2
0OC to +50OC -20OC to+70OC Voltage Coefficient Current Consumption Aging Shock, survival
+ _
25 ppm + _ 40 ppm + _ 70 ppm + _ 100 ppm
+ _ + _
sec. sec. A
%
1 ppm/V Typ. 3 ppm/V MAX. 1 ppm/year Typ. 3 ppm/year MAX.
* Models with faster rise and fall time available, contact factory.
See below
+ _ + _
PIN CONNECTIONS
1000 g peak, 1ms,1/2 sine + _ 3 ppm MAX. Vibration, survival 10 g RMS, 10-2000 Hz + _ 3 ppm MAX. Frequency Change vs.10% Output Load Change + _ 1 ppm MAX. Operating Temperature -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military)
1. Tighter tolerances available 2. Does not include calibration tolerance. (Positive variations small compared to negative variations.) TYPICAL CURRENT CONSUMPTION,
Pin 1 7 8 14
Connection NC Ground Output VDD
PACKAGING
LXO
-Tube Pack
OUTPUT WAVE FORM
LXO-32.768 kHz
100 CURRENT (u A) 80 60 40 20 10 2 3 4 5 6 7
VDD VOH
90%* 10%*
VOL 0
tr
tf
* Of VDD
VD D (VOLTS)
HOW TO ORDER LXO CRYSTAL OSCILLATORS LXO S "S" if special or custom design. Blank if Std. 32.768K Frequency K = kHz M = MHz , 10 Calibration Tolerance @ 25OC (in ppm) /
I
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
*Other calibrations available: indicate your requirement in ppm.
10110 - Rev D
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
IS O
90
01


▲Up To Search▲   

 
Price & Availability of LXO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X