Part Number Hot Search : 
C245M K4032 100PF 00506 NJM2549 MV21006 1N58012 SD1006
Product Description
Full Text Search
 

To Download LSGL3333-H0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
ROUND TYPE LED LAMPS
Pb
Lead-Free Parts
LSGL3333/H0
DATA SHEET
DOC. NO : REV. DATE : :
QW0905- LSGL3333/H0 A 20 - Mar. - 2009
DCC
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSGL3333/H0 Page 1/5
Package Dimensions
5.0 5.9
7.6
8.6
1.5MAX
1/4
0.5 TYP
25.0MIN
1.0MIN
2.54TYP
+Note : 1.All dimension are in millimeter tolerance is O 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
Directivity Radiation
0X -30X 30X
-60X
60X
100% 75% 50%
25%
0
25% 50% 75% 100%
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSGL3333/H0 Page 2/5
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Symbol SGL Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Electrostatic Discharge( * ) Operating Temperature Storage Temperature IF IFP PD Ir ESD Topr Tstg 30 100 120 50 500 -20 ~ +80 -30 ~ +100 mA mA mW UNIT
g A
V
J J
Electricity or power surge will the Use of conductive wrist band or anti-electrosatic * Static is recommended when handingdamageLED.LED.devices, aequipment and machinery must be properly glove these All grounded.
Typical Electrical & Optical Characteristics (Ta=25 J )
PART NO
MATERIAL
COLOR
Forward Peak Peak Spectral voltage wave wave halfwidth @20mA(V) length length f nm f Pnm f Dnm
Viewing angle @20mA(mcd) 2c 1/2 (deg)
Luminous intensity
Emitted LSGL3333/H0 InGaN/SiC
Lens 502 505 30
Typ. Max. Min. Typ. 3.5 4.2 550 900 38
Green Water Clear
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSGL3333/H0 Page 3/5
Typical Electro-Optical Characteristics Curve
SGL CHIP
Fig.1 Forward current vs. Forward Voltage
25
Fig.2 Relative Intensity vs. Forward Current
1.5
Forward Current(mA)
20 10 15 5 0 1.5 2.0 2.5 3.0 3.5 4.0
Relative Intensity Normalize @20mA
1.0
0.5
0.0 0 5 10 15 20 25
Forward Voltage(V) Fig.3 Forward Current vs. Ambient Temp
40
Forward Current(mA) Fig.4 Relative Intensity vs. Ambient Temp Relative Luminous Intensity(a.u.)
2.0
Forward Current(mA)
30
1.5
20
1.0
10
0.5 0.0 25 30 35 40 45 50 55 60 65 70
0 0 20 40 60 80 100
Ambient Temperature Ta(J )
Ambient Temperature Ta(J )
Fig.5 Relative Intensity vs. Wavelength
1.0
Relative Intensity@20mA
0.5
0.0 300 400 500 600
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSGL3333/H0 Page 4/5
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350C Max Soldering Time:3 Seconds Max(One time only) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120 C Max Preheat time: 60seconds Max Ramp-up 2 C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:260 C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp(C) 260 C3sec Max
260X
5 /sec max
120X
2 /sec max Preheat 60 Seconds Max
25X 0X0
50
100
150
Time(sec)
Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LSGL3333/H0 Page 5/5
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 J O 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 J O 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65J O 5J 2.RH=90 %~95% 3.t=240hrs O 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J &-40JO (10min) (10min) 2.total 10 cycles
5J
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 JO 5J 2.Dwell time= 10 O 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 JO 5J 2.Dwell time=5 O 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LSGL3333-H0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X