Part Number Hot Search : 
MAX1229 AK4383VT DDTA143 WW060900 2SC23 AN217 1N4717 CLM2815
Product Description
Full Text Search
 

To Download LL4148L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
LL4148L
Pb
RoHS
COMPLIANCE
500mW Hermetically Sealed Glass Fast Switching Diodes
SOD80C
Features
Small hermetically sealed glass SMD package High switching speed: max. 4 ns Continuous reverse voltage: Max. 75V Repetitive peak reverse voltage: Max. 100V Repetitive peak forward current: Max. 450mA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Repetitive Peak Reverse Voltage Continuous Reverse Voltage Continuous Forward Current Fig. 2, (Note 1) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current Square wave: TJ=25oC Prior to surge: see Fig. 4 t=1us t=1ms t=1s Total Power Dissipation Tamb=25oC, (Note 1) Operating Junction Temperature Storage Temperature Range
Symbol VRRM VR IF IFRM
IFSM Ptot
Value
100 75 200 450
Units V V mA mA A mW O C O C Units
V nA uA uA pF nS V
TJ TSTG Min
0.62

4 1 0.5 500 200 -65 to + 200
Electrical Characteristics
Type Number
Forward Voltage See Fig. 3 IF=5.0mA IF= 10mA IF =100mA Reverse Leakage Current VR=20V see Fig. 5 VR=20V Tj=150oC VR=20V Tj=100oC VF 0.72 1.0 1.0 25 50 3 4.0 4.0 2.5
Symbol
Max
IR Cj trr Vfr

Junction Capacitance VR=0, f=1.0MHz Reverse Recovery Time (Note 2) Forward Recovery Voltage IF=50mA, tr=20ns
Notes: 1. Device Mounted on an FR4 printed-circuit board. 2. Reverse Recovery Test Conditions: IF=10mA, IR=60mA, RL=100, IRR=1mA
Version: A08
RATINGS AND CHARACTERISTIC CURVES (LL4148L)
handbook, halfpage
300
MBG451
handbook, halfpage
600
MBG464
IF (mA) 200
IF (mA) 400
(1) (2) (3)
100
200
0 0 100 Tamb (oC) 200
0 0 (1) Tj = 175 C; typical values. (2) Tj = 25 C; typical values. (3) Tj = 25 C; maximum values. 1 VF (V) 2
Device mounted on an FR4 printed-circuit board.
Fig.2
Maximum permissible continuous forward current as a function of ambient temperature.
Fig.3
Forward current as a function of forward voltage.
102 handbook, full pagewidth IFSM (A)
MBG704
10
1
10-1 1 10
102
103
tp (s)
104
Based on square wave currents. Tj = 25 C prior to surge.
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Version: A08
RATINGS AND CHARACTERISTIC CURVES (LL4148L)
103 handbook, halfpage IR (A)
MGD006
MGD004
handbook, halfpage
1.2
10
2
Cd (pF) 1.0
(1) (2) (3)
10 0.8 1
10-1
0.6
10-2 0 100 Tj (oC) 200
0.4 0 10 VR (V) 20
(1) VR = 75 V; maximum values. (2) VR = 75 V; typical values. (3) VR = 20 V; typical values.
f = 1 MHz; Tj = 25 C.
Fig.5
Reverse current as a function of junction temperature.
Fig.6
Diode capacitance as a function of reverse voltage; typical values.
Version: A08


▲Up To Search▲   

 
Price & Availability of LL4148L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X