Part Number Hot Search : 
2SC398 FAS216U IRN50 HMBT6427 ITR8403 1600B FFCR55S0 VB326
Product Description
Full Text Search
 

To Download ISL6217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S IGN DES NEW CT FOR RODU D NDE TE P MME BSTITU 17A Sheet O Data REC EE SU ISL62 S NOT
(R)
ISL6217
December 2006 FN9089.3
Precision Multi-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV+ TM TM
The ISL6217 Multi-Phase Buck PWM control IC, with integrated half bridge gate drivers, provides a precision voltage regulation system for advanced Pentium" IV microprocessors in notebook computers. Two-phase operation eases the thermal management issues and load demand of Intel's latest high performance processors. This control IC also features both input voltage feed-forward and average current mode control for excellent dynamic response, "Loss-less" current sensing using MOSFET RDS(ON) and user selectable switching frequencies from 250kHz to 1MHz per phase. The ISL6217 includes a 6-bit digital-to-analog converter (DAC) that dynamically adjusts the CORE PWM output voltage from 0.700V to 1.708V in 16mV steps and conforms to the Intel IMVP-IVTM and IMVP-IV+TM mobile VID specification. The ISL6217 also has logic inputs to select Active, Deep Sleep and Deeper Sleep modes of operation. A precision reference, remote sensing and proprietary architecture, with integrated processor-mode compensated "Droop", provide excellent static and dynamic CORE voltage regulation. To improve efficiency at light loading, the ISL6217 can be configured to run in single phase PWM in ACTIVE, DEEP or DEEPER SLEEP modes of operation. Another feature of this IC controller is the PGOOD monitor circuit that is held low until CORE voltage increases, during its soft-start sequence, to within 12% of the "Boot" voltage. This PGOOD signal is masked during VID changes. Output Overcurrent, Overvoltage and Undervoltage are monitored and result in the converter latching off and PGOOD signal being held low. The Overvoltage and Undervoltage thresholds are 112% and 84% of the VID, Deep or Deeper Sleep setpoint, respectively. Overcurrent protection features a 32 cycle Overcurrent shutdown. PGOOD, Overvoltage, Undervoltage and Overcurrent provide monitoring and protection for the microprocessor and power system. The ISL6217 IC is available in a 38 lead TSSOP.
Features
* IMVP-IVTM and IMVP-IV+TM Compliant CORE Regulator * Single and/or Two-phase Power Conversion * "Loss-less" Current sensing for improved efficiency and reduced board area - Optional Discrete Precision Current Sense Resistor * Internal Gate-Drive and Boot-Strap Diodes * Precision CORE Voltage Regulation - 0.8% system accuracy over temperature * 6-Bit Microprocessor Voltage Identification Input * Programmable "Droop" and CORE Voltage Slew Rate to comply with IMVP-IVTM and IMVP-IV+TM specification * Direct Interface with System Logic (STP_CPU# and DPRSLPVR) for Deep and Deeper Sleep modes of operation * Easily Programmable voltage setpoints for Initial "Boot", Deep Sleep and Deeper Sleep Modes * Excellent Dynamic Response - Combined Voltage Feed-Forward and Average Current Mode Control * Overvoltage, Undervoltage and Overcurrent Protection * Power-Good Output with internal blanking during VID and mode changes * User programmable Switching Frequency of 250kHz 1MHz per phase * Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER ISL6217CV ISL6217CV-T ISL6217CVZ (Note 1) ISL6217CVZ-T (Note 1) ISL6217CVZA (Note 1) ISL6217CVZA-T (Note 1) NOTES: 1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. (Pb-free) (Pb-free) -10 to 85 38 Ld TSSOP (Pb-free) 38 Ld TSSOP Tape and Reel M38.173 M38.173 TEMP (C) -10 to 85 PACKAGE 38 Ld TSSOP PKG. DWG. # M38.173 M38.173 M38.173 M38.173
38 Ld TSSOP Tape and Reel -10 to 85 38 Ld TSSOP (Pb-free) 38 Ld TSSOP Tape and Reel
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143|Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners
ISL6217
Pinout
ISL6217 (38 LEAD TSSOP) TOP VIEW
VDD 1 DACOUT 2 DSV 3 FSET 4 PWRCH 5 EN 6 DRSEN 7 DSEN# 8 VID0 9 VID1 10 VID2 11 VID3 12 VID4 13 VID5 14 PGOOD 15 EA+ 16 COMP 17 FB 18 SOFT 19 ISL6217 TSSOP 38 VBAT 37 ISEN1 36 PHASE1 35 UG1 34 BOOT1 33 VSSP1 32 LG1 31 VDDP 30 LG2 29 VSSP2 28 BOOT2 27 UG2 26 PHASE2 25 ISEN2 24 VSEN 23 DRSV 22 STV 21 OCSET 20 VSS
2
ISL6217 Block Diagram
VSEN PGOOD EN 1.3V + POWER-ON RESET(POR) VDD
+ OVP CONTROL AND FAULT LOGIC + CLOCK AND SAWTOOTH GENERATOR HIGH-IMPEDANCE STATE 112% RISING 102% FALLING 88% RISING 84% FALLING + UV + VBAT 1.75V FS
+ PWM -
PWM1
HIGH-IMPEDANCE STATE
-
+ PWM VDDP PWM2
PWRCH
32 COUNT CLOCK CYCLE DACOUT SOFT EA+ VID0 VID1 VID2 VID3 VID4 VID5 COMP FB OCSET 1.75V + IDROOP VID D/A + E/A VSOFT SOFT START
BOOT1 UG1
PWM1
PHASE LOGIC
PHASE1 VDDP LG1
PWM2
PHASE LOGIC VDDP
VSSP1
BOOT2 UG2 CHANNEL CURRENT BALANCE PWRCH PHASE2
VDDP
0.435
IOCSET + OC
LG2 VSSP2
-2A
1 2N
8A
STV DSV MUX DRSV VCORE REF
SAMPLE & HOLD CHANNEL CURRENT SENSE
ISEN1
32 COUNT CLOCK CYCLE
ISEN2
DSEN# DRSEN
VSS
PWRCH
3
ISL6217 Typical Application - 2-Phase Converter
Figure 1 shows a 2-Phase Synchronous Buck Converter circuit used to provide "CORE" voltage regulation for the Intel Pentium" IV mobile processor using IMVP-IVTM and IMVP-IV+TM voltage positioning. The ISL6217 PWM controller can be configured for two or one channel operation, and the ISL6217 can change the number of power channels in operation, dynamically. The number of channels of operation can be changed through the PWRCH pin. The ISL6217 can be configured for two
+5VDC +5VDC
channel operation in "Active" mode and one channel operation in "Deep" and "Deeper Sleep" modes through logic connections to the PWRCH pin. The following configuration uses two channel operation in "Active" mode and one channel operation in "Deep" and "Deeper Sleep" modes. The circuit shows pin connections for the ISL6217 PWM controller in the 38 lead TSSOP package.
Vbattery
VDD DACOUT DSV FSET PWRCH
VBAT ISEN1 PHASE1 UG1 BOOT1 VSSP1 LG1
VR_ON DPRSLPVR STP_CPU#
EN DRSEN DSEN# VID0 VID1
ISL6217 TSSOP
VDDP LG2 VSSP2 BOOT2 UG2 PHASE2 ISEN2 VSEN DRSV STV OCSET VSS
VID
VID2 VID3 VID4 VID5
PWRGD
PGOOD EA+ COMP FB SOFT
+Vcc_core
FIGURE 1.
TYPICAL APPLICATION CIRCUIT FOR ISL6217 MULTIPHASE PWM CONTROLLER
4
ISL6217
Absolute Voltage Ratings
Supply Voltage, VDD, VDDP .....................................-0.3-+7V Battery Voltage, VBAT.................................................... +30V Boot1,2 and UGATE1,2 .................................................. +35V Phase1,2 and ISEN1,2 ................................................... +30V Boot1,2 with respect to Phase1,2 .................................. +6.5V UGATE1,2 ................... (Phase1,2 - 0.3V) to (Boot1,2 + 0.3V) PHASE 1,2 Voltage..............GND- 0.3V (DC) to VBOOT + 0.3V ...........GND - 5V (<100ns Pulse Width, 10J) to VBOOT + 0.3V ALL OTHER PINS ............................... -0.3V to (VDD + 0.3V)
Thermal Information
Thermal Resistance (Typical, Note 1) JA ( C/W) TSSOP Package (Note 1) ................................................ 72 o Maximum Operating Junction Temperature ..................125 C o o Maximum Storage Temperature Range ..........-65 C to 150 C o Maximum Lead Temperature (Soldering 10s) ...............300 C
o
Recommended Operating Conditions
Supply Voltage, VDD, VDDP ....................................+5V 5% Battery Voltage, VBAT........................................+5.6V to 25V Ambient Temperature ....................................... -10C to 85C Junction Temperature..................................... -10C to 125C
CAUTION: Stress above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTE: 1) JA is measured with the component mounted on a high effective thermal conductivity test board in free air. Operating Conditions: VDD = 5V, TA = -10C to 85C, Unless Otherwise Specified TEST CONDITIONS MIN TYP MAX UNITS
Electrical Specifications
PARAMETER INPUT POWER SUPPLY
EN = 3.3V, DSEN# = 0, DRSEN = 0, PWRCH = 0 Input Supply Current, I(VDD) EN = 0V VDD Rising VDD Falling REFERENCE AND DAC System Accuracy DAC (VID0 - VID5) Input Low Voltage DAC (VID0 - VID5) Input High Voltage Maximum Output Voltage Minimum Output Voltage CHANNEL GENERATOR Frequency, FSW Adjustment Range ERROR AMPLIFIER DC Gain Gain-Bandwidth Product Slew Rate ISEN Full Scale Input Current Overcurrent Threshold Soft Start Current Droop Current GATE DRIVER ROCSET =124K SOFT = 0V ISEN = 32A CL = 20pF CL = 20pF RFset = 243K, 1% Percent system deviation from programmed VID Codes @ 1.356 DAC Programming Input Low Threshold Voltage DAC Programming Input High Threshold Voltage
4.35 4.05
1.4 1 4.45 4.20
4.5 4.40
mA A V V
POR (Power-On Reset) Threshold
-0.8 0.7 -
1.708 0.70
0.8 0.3 -
% V V V V
225 0.25
250 -
275 1.0
kHz MHz
-
100 18 4.0
-
dB MHz V/s
26.5
32 64 31 28
29.5
A A A A
5
ISL6217
Electrical Specifications
PARAMETER UGATE Source Resistance UGATE Source Current UGATE Sink Resistance UGATE Sink Current LGATE Source Resistance LGATE Source Current LGATE Sink Resistance LGATE Sink Current BOOTSTRAP DIODE Forward Voltage POWER GOOD MONITOR PGOOD Sense Current PGOOD pull down MOSFET rDSON Undervoltage Threshold (Vsen/Vref) Undervoltage Threshold (Vsen/Vref) PGOOD Low Output Voltage LOGIC THRESHOLD EN, DSEN#, DRSEN Low EN, DSEN#, DRSEN High PROTECTION Overvoltage Threshold (Vsen/Vref) VSEN Rising 112.0 % 2 1 V V (See Figure 10) 2.43 56 63 82 mA % % V VDDP = 5V, Forward Bias Current = 10mA 0.58 0.68 0.76 V Operating Conditions: VDD = 5V, TA = -10C to 85C, Unless Otherwise Specified TEST CONDITIONS 500mA Source Current VUGATE-PHASE = 2.5V 500mA Sink Current VUGATE-PHASE = 2.5V 500mA Source Current VLGATE = 2.5V 500mA Sink Current VLGATE = 2.5V MIN TYP 1 2 1 2 1 2 0.5 4 MAX 1.5 1.5 1.5 0.8 UNITS A A A A
VSEN Rising VSEN Falling IPGOOD = 4mA
-
85.0 84.0 0.26
0.4
6
ISL6217 Functional Pin Description
VDD 1 38 VBAT 37 ISEN1 36 PHASE1 35 UG1 34 BOOT1 33 VSSP1 32 LG1 31 VDDP 30 LG2 ISL6217 TSSOP 29 VSSP2 28 BOOT2 27 UG2 26 PHASE2 25 ISEN2 24 VSEN 23 DRSV 22 STV 21 OCSET 20 VSS DACOUT 2 DSV 3
COMP - This pin provides connection to the error amplifier output. FB - This pin is connected to the inverting input of the error amplifier. EA+ - This pin is connected to the non-inverting input of the error amplifier and is used for setting the "Droop" voltage. STV - The voltage on this pin sets the initial start-up or "Boot" voltage. SOFT - This pin programs the slew rate of VID changes, Deep Sleep and Deeper Sleep transitions and soft-start after initializing. This pin is connected to ground via a capacitor, and to EA+ through an external "Droop" resistor. DSEN# - This pin connects to system logic "STP_CPU#" and enables Deep Sleep mode of operation. Deep Sleep is enabled when a logic LOW signal is detected on this pin. DRSEN - This pin connects to system logic "DPRSLPVR" and enables Deeper Sleep mode of operation when a logic HIGH is detected on this pin. VBAT - Voltage on this pin provides feed-forward battery information which adjusts the oscillator ramp amplitude. FSET - A resistor from this pin to ground programs the switching frequency. ISEN1, ISEN2 - These pins are used as current sense inputs from the individual converter channel phase nodes. DACOUT - This pin provides access to the output of the Digital-to-Analog Converter. DSV - The voltage on this pin provides the setpoint for output voltage during Deep Sleep Mode of operation. DRSV - The voltage on this pin provides the setpoint for output voltage during Deeper Sleep Mode of operation. VID0, VID1, VID2, VID3, VID4, VID5 - These pins are used as inputs to the 6-bit Digital-to-Analog converter (DAC). VID0 is the least significant bit and VID5 is the most significant bit. UG1, UG2 - These pins are the gate-drive outputs to the high side MOSFETs for channels 1 and 2, respectively. LG1, LG2 - These pins are the gate-drive outputs to the low side MOSFETs for channels 1 and 2, respectively. BOOT1, BOOT2 - These pins are connected to the bootstrap capacitors, for upper gate-drive, for channels 1 and 2, respectively. PHASE1, PHASE2 - These pins are connected to the phase nodes of channels 1 and 2, respectively. VSSP1, VSSP2 - These pins are connected to the power ground of channels 1 and 2, respectively. VSS - This pin provides connection for signal ground.
FSET 4 PWRCH 5 EN 6
DRSEN 7 DSEN# 8 VID0 9 VID1 10 VID2 11 VID3 12 VID4 13 VID5 14 PGOOD 15 EA+ 16 COMP 17 FB 18 SOFT 19
VDD - This pin is used to connect +5V to the IC to supply all power necessary to operate the chip. The IC starts to operate when the voltage on this pin exceeds the rising POR threshold and shuts down when the voltage on this pin drops below the falling POR threshold. VDDP - This pin provides a low-esr bypass connection to the internal gate drivers for the +5V source. PGOOD - This pin is used as an input and an output and is tied to the Vccp and Vcc_mch PGOOD signals. During start-up, this pin is recognized as an input and prevents further slewing of the output voltage from the "Boot" level until PGOOD from Vccp and Vcc_mch is enabled High. After start-up, this pin has an open drain output used to indicate the status of the CORE output voltage. This pin is pulled low when the system output is outside of the regulation limits. PGOOD includes a timer for power-on delay. EN - This pin is connected to the system signal VR_ON and provides the enable/disable function for the PWM controller. PWRCH - This pin selects the number of power channels. A HIGH logic level on this pin enables 2 channel operation, and a LOW logic signal enables single channel operation. OCSET - A resistor from this pin to ground sets the overcurrent protection threshold. VSEN - This pin is used for remote sensing of the microprocessor CORE voltage.
7
ISL6217
VID
< 3ms
Capture VID Code
VR_ON / EN
V BOOT V VID -12% >10us t2
V CC-CORE
t1
PGOOD PGOOD
Vccp / Vcc_mch
3ms to 12ms
Vcc_core
TIMING DIAGRAM SHOWING VR_ON, VCC_CORE AND PGOOD FOR VCC_CORE, VCCP AND VCC_MCH
FIGURE 2.
Operation
Initialization
Once the +5VDC supply voltage, as connected to the ISL6217 VDD pin, reaches the Power-On Reset (POR) rising threshold, the PWM drive signals are held in "highimpedance state" or high impedance mode. This results in both high and low side MOSFETs being held low. Once the supply voltage exceeds the POR rising threshold, the controller will respond to a logic level high on the EN pin and initiate the soft-start interval. If the supply voltage drops below the POR falling threshold, POR shutdown is triggered and the PWM signals are again driven to "highimpedance state". The system signal, VR_ON is directly connected to the EN pin of the ISL6217. Once the voltage on the EN pin rises above 2.0V, the chip is enabled and soft-start begins. The EN pin of the ISL6217 is also used to reset the ISL6217, for cases when an undervoltage or overcurrent fault condition has latched the IC off. A toggling of the state of this pin to a level below 1.0V will re-enable the IC. For the case of an overvoltage fault, the VDD pin must be reset. During start-up, the ISL6217 regulates to the voltage on the STV pin. This is referred to as the "Boot" voltage and is labeled VBOOT in Figure 2. Once power good signals are received from the Vccp and Vcc_mch regulators, the ISL6217 will capture the VID code and regulate to this command voltage within 3ms to 12ms. The PGOOD pin of the ISL6217 is both an input and an output and is further described in the "Fault Protection" section of this document.
EN pin voltage is above the threshold of 2.0V, a soft-start interval is initiated (Refer to Figures 2 and 3). The voltage on the EA+ pin is the reference voltage for the regulator. The voltage on the EA+ pin is equal to the voltage on the SOFT pin minus the "Droop" resistor voltage, VDROOP. During start-up, when the voltage on SOFT is less than the "Boot" voltage VBOOT, a small 30A current source, I1, is used to slowly ramp up the voltage on the soft-start Capacitor CSOFT. This slowly ramps up the reference voltage for the controller, and therefore, controls the slew rate of the output voltage. The STV pin is externally programmable and sets the start-up, or "Boot" voltage, VBOOT. The programming of this voltage level is explained in the "STV, DSV and DRSV" section of this document. The ISL6217 PGOOD pin is both an input and an output. The system signal, IMVP4_PWRGD, is connected to power good signals from the Vccp and Vcc_mch supplies. The Intersil ISL6227, Dual Voltage Regulator is an ideal choice for the Vccp and Vcc_mch supplies. Once the output voltage is within the "Boot" level regulation limits and a logic high PGOOD signal from the Vccp and Vccp_mch regulators is received, the ISL6217 is enabled to capture the VID code and regulate to that command voltage (Refer to Figure 2 and Figure 3). A second current source, I2, is added to I1, after the initial start-up transition. I2 is approximately 100A, and raises the total SOFT pin sinking and sourcing current to 130A. This increased current is used to increase the slew rate of the reference to meet all Active, Deep and Deeper Sleep slew rate requirements of the Intel IMVP-IVTM and IMVP-IV+TM specification.
Soft-Start Interval
Once VDD rises above the POR rising threshold and the 8
ISL6217
ISL6217
250 FSET Resistor Value (kOhms) 200 150 100 50 0 250
I
1
I
2 Error Amplifier
IDROOP +
SOFT R DROOP + V DROOP C SOFT EA+
500
750
1000
Channel Switching Frequency, Fsw, ( ) FIGURE 4.
CHANNEL SWITCHING FREQUENCY VS. RFSET
FIGURE 3.
SOFT-START TRACKING CIRCUITRY SHOWING INTERNAL CURRENT SOURCES AND "DROOP" FOR ACTIVE, DEEP AND DEEPER SLEEP MODES OF OPERATION
PWRCH pin
A HIGH logic level on this pin enables two channel operation and a LOW logic signal enables single channel operation. By tying this pin to the STP_CPU# system signal, (DSEN# pin on ISL6217) single channel operation will be invoked during the light loading of both Deep and Deeper Sleep. If single channel operation is desired only during Deeper Sleep, the inversion of system signal DPRSLPVR can be connected to this pin. The aggressive gate-drive capability of ISL6217, coupled with the single channel operation feature results in superior efficiency performance over both light and heavy loads.
The "Droop" current source, IDROOP, is proportional to load current. This current source is used to reduce the reference voltage on EA+ by the voltage drop across the "Droop" resistor. A more in-depth explanation of "Droop", and the sizing of this resistor, can be found in the "Droop Compensation" section of this document. The choice of value for soft start capacitor is determined by the maximum slew rate required for the application. An example calculation is shown below. Using the combined I1 and I2 current sources on the SOFT pin as 130mA, and the worst case slew rate of (10mV/s), the SOFT capacitor is calculated as follows:
I 1s CSOFT = SOURCE = 130A x = 0.013F 0.012F SlewRate 10mV
Frequency Setting
Both channel switching frequencies are set up by a resistor from the FSET pin to ground. The choice of FSET resistance for a desired switching frequency can be approximated using Figure 4. The switching frequency is designed to operate between 250kHz and 1MHz per phase.
(EQ. 1)
Gate-Drive Signals
The ISL6217 provides internal gate-drive for a two channel, Synchronous Buck, Core Regulator. During two channel mode of operation, the PWM drive signals are switched 180 out of phase to reduce ripple current delivered from the DC rail and to the load. The ISL6217 was designed with a 4 amp, low-side gate current sinkability, and a 2 amp low-side gate current source ability, to efficiently drive the latest, highperformance MOSFETs. This feature will provide the system designer with flexibility in MOSFET selection, as well as optimum efficiency during Active mode of operation.
CORE Voltage Programming
The voltage identification pins (VID0, VID1, VID2, VID3, VID4 and VID5) set the DAC output voltage. These pins do not have internal pull-up or pull-down capability. These pins will recognize 1.0V, 3.3V, or 5.0V CMOS logic. Table 1 shows the command voltage, VDAC for the 6 bit VID codes. The IC responds to VID code changes as shown in Figure 5. PGOOD is masked between these transitions.
9
ISL6217
Table 1. VID5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 IMPV-IV VID CODES VID4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 VID3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 VID2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 VID1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 VID0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VDAC 1.708 1.692 1.676 1.660 1.644 1.628 1.612 1.596 1.580 1.564 1.548 1.532 1.516 1.500 1.484 1.468 1.452 1.436 1.420 1.404 1.388 1.372 1.356 1.340 1.324 1.308 1.292 1.276 1.260 1.244 1.228 1.212 1.196 1.180 1.164 1.148 1.132 1.116 1.100 1.084 1.068 1.052 1 0 0 1 0 0 1 1 Active Deep Sleep Deeper Sleep Deeper Sleep VID DSV DRSV DRSV Table 1. VID5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 IMPV-IV VID CODES VID4 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VID3 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 VID2 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 VID0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VDAC 1.036 1.020 1.004 0.988 0.972 0.956 0.940 0.924 0.908 0.892 0.876 0.860 0.844 0.828 0.812 0.796 0.780 0.764 0.748 0.732 0.716 0.700
Active, Deep Sleep and Deeper Sleep Modes
The ISL6217 Multi-Phase Controller is designed to control the CORE output voltage as per the IMVP-IVTM and and IMVP-IV+TM specifications for Active, Deep Sleep, and Deeper Sleep Modes of Operation. After initial start-up, a logic high signal on DSEN# and a logic low signal on DRSEN signals the ISL6217 to operate in Active mode (Refer to Table 2). This mode will recognize VID code changes and regulate the output voltage to these command voltages
Table 2. OUTPUT VOLTAGE AS A FUNCTION OF DSEN# AND DRSEN LOGIC STATES DRSEN DPRSLPVR MODE OF OPERATION OUTPUT VOLTAGE
DSEN# STP_CPU#
10
ISL6217
VID[0..5] Current VID Code < 600ns V CC_CORE Current Voltage Level New Voltage Level New VID Code
PGOOD
FIGURE 5.
HIGH
PLOT SHOWING TIMING OF VID CODE CHANGES AND CORE VOLTAGE SLEWING AS WELL AS PGOOD MASKING
VID[0..5] STP_CPU# (DSEN#)
VID Code remains the same
VID Command Voltage V CC_CORE VDeep Sleep
FIGURE 6.
<30us
CORE VOLTAGE SLEWING TO 98.8% OF PROGRAMMED VID VOLTAGE FOR A LOGIC LEVEL LOW ON DSEN
VID[0..5] STP_CPU# (DSEN#) DPRSLPVR (DRSEN) V CC_CORE V Deep Sleep V Deeper Sleep
FIGURE 7.
VID Code remains the same
Deeper Sleep Mode
Short DPRSLP causes VCC-CORE to ramp up
VCORE RESPONSE FOR DEEPER SLEEP COMMAND
A logic low signal present on STPCPU# (pin DSEN#), with a logic low signal on DPRSLPVR (pin DRSEN), signals the ISL6217 to reduce the CORE output voltage to the Deep Sleep level, the voltage on the DSV pin. A logic high on DPRSLPVR, (pin DRSEN) with a logic low signal on STPCPU# (pin DSEN#), signals the ISL6217 controller to further reduce the CORE output voltage to the Deeper Sleep level, which is the voltage on the DRSV pin. Deep Sleep and Deeper Sleep voltage levels are programmable and are explained in the "STV, DSV and DRSV" section of this document.
entering and exiting Deep Sleep Mode and Deeper Sleep Mode. This is controlled by the system signals STPCPU# and DPRSLPVR. ISL6217 pins DSEN#, (Deep Sleep Enable #) and DRSEN, (Deeper Sleep Enable), are connected to these 2 signals, respectively. When DSEN# is logic high, and DRSEN is logic low, the controller will operate in Active Mode and regulate the output voltage to the VID commanded DAC voltage, minus the voltage "Droop" as determined by the load current. Voltage "Droop" is the reduction of output voltage proportional to output current. When a logic low is detected at the DSEN# and DRSEN pins, the controller will regulate the output voltage to the voltage seen on the DSV pin minus "Droop". If the PWRCH pin is connected to the DSEN# pin then the controller will also switch to single channel operation.
Deep Sleep Enable-DSEN# and Deeper Sleep Enable - DRSEN
Table 2 shows logic states controlling modes of operation. Figure 6 and Figure 7 shows the timing for transitions 11
ISL6217
When DSEN# is logic low and DRSEN is logic high the controller will operate in Deeper Sleep mode. The ISL6217 will then regulate to the voltage at the DRSV pin minus "Droop". If the PWRCH pin is connected to the DSEN# pin, then the controller will also automatically switch to single channel operation. If the PWRCH pin is connected to an inverted DPRSLPVR system signal, then the controller will automatically switch to single channel operation during Deeper Sleep mode only. Deep and Deeper Sleep voltage levels are programmable and explained in the "STV, DSV and DRSV" section of this document.
low and the DRSEN pin is low as shown in Figure 6 and Figure 7. Once in Deep Sleep Mode, the controller will regulate to the voltage seen on the DSV pin minus "Droop".
Deeper Sleep Voltage - DRSV
The Deeper Sleep voltage, DRSV, is programmed by an external voltage divider network from the 1.75V reference on the OCSET pin (Refer to Figure 8). In Deeper Sleep mode the ISL6217 controller will regulate the output voltage to the voltage present on the DRSV pin minus "Droop". The IC enters Deeper Sleep mode when DRSEN is high and DSEN# is low, as shown in Figure 7.
STV, DSV and DRSV
Start-up "Boot" Voltage - STV
The start-up or "Boot" voltage is programmed by an external resistor divider network from the OCSET pin (Refer to Figure 8). Internally, a 1.75V reference voltage is output on the OCSET pin. The start-up voltage is set through a voltage divider from the 1.75V reference at the OCSET pin. The voltage on the STV pin will be the voltage the controller will regulate to during the start-up sequence. Once the PGOOD pin of the ISL6217 controller is externally enabled high by the Vccp and Vcc_mch controllers, the ISL6217 will then ramp, after a 10ms delay, to the voltage commanded by the VID setting minus "Droop".
BATTERY VREF = 1.75V IOCSET 36.5K 1.200V STV DACOUT 1.21K 0.750V DRSV SOFT GND DSV 98.8% DACOUT 98.8K 49.9K ISL6217 OCSET VBAT VID COMMAND VOLTAGE
Overcurrent Setting - OCSET
The ISL6217 overcurrent protection essentially compares a user-selectable overcurrent threshold to the scaled and sampled output current. An overcurrent condition is defined when the sampled current is equal to or greater than the threshold current. A step by step process to design for the user-desired overcurrent set point is detailed next.
STEP 1: SETTING THE OVERCURRENT THRESHOLD The overcurrent threshold is represented by the DC current flowing out of the OCSET pin (See Figure 8). Since the OCSET pin is held at a constant 1.75V, the user need only populate a resistor from this pin to ground to set the desired overcurrent threshold, IOCSET. The user should pick a value of IOCSET between 10A and 15A. Once this is done, use Ohm's Law to determine the necessary resistor to place from OCSET to ground
ROCSET =
1.75 V = R1 + R2 + R3 IOCSET
(EQ. 2)
For example, if the desired overcurrent threshold is 15A, the total resistance from OCSET must equal 117k.
STEP 2: SELECTING ISEN RESISTANCE FOR DESIRED OVERCURRENT LEVEL After choosing the IOCSET level, the user must then decide what level of total output current is desired for overcurrent. Typically, this number is between 150% and 200% of the maximum operating current of the application. For example, if the max operating current is 46A, and the user chooses 150% overcurrent, the ISL6217 will shut down if the output current exceeds 46A*1.5 or 69A. According to the Block Diagram, the equation below should be used to determine RISEN once the overcurrent level, IOC, is chosen.
R1
R2
30.1K
R3
0.012F
FIGURE 8.
CONFIGURATIONS FOR BATTERY INPUT, OVERCURRENT SETTING AND START, DEEP SLEEP AND DEEPER SLEEP VOLTAGE DIVIDERS
RISEN =
0.2175 M (IOCSET + 2A ) N - 4A
IOC
r(DSON)
(EQ. 3)
Deep Sleep Voltage - DSV
The Deep Sleep voltage is programmed by an external voltage divider network from the DACOUT pin (Refer to Figure 8). The DACOUT pin is the output of the VID digitalto-analog converter. By having the Deep Sleep voltage setup from a resistor divider from DAC, the Deep Sleep voltage will be a constant percentage of the VID. Through the voltage divider network, Deep Sleep voltage is set to 98.8% of the programmed VID voltage, as per the IMVPIVTM and IMVP-IV+TM specification. The IC enters the Deep Sleep mode when the DSEN# is
12
In Equation 3, M represents the number of Low-Side MOSFETs in one channel, and N represents the number of channels. Using the examples above (IOC = 69A, IOCSET = 15A) and substituting the values M = 2, N=2, rDS(ON) = 6m, RISEN is calculated to be 1.5K.
STEP 3: THERMAL COMPENSATION FOR RDS(ON) (IF DESIRED) If PTCs are used for thermal compensation, then RISEN is found using the room temperature value of rDS(ON). If standard resistors are used for RISEN, then the "HOT" value of rDS(ON) should be used for this calculation.
MOSFET rDS(ON) sensing provides advantages in cost, efficiency, and board area. However, if more precise
ISL6217
current feedback is desired, a discrete Precision Current Sense Resistor, RPOWER, may be inserted between the SOURCE of each channel's lower MOSFET and ground. The small RISEN resistor, as described above, is then replaced with a standard 1% resistor and connected from the ISEN pin of the ISL6217 controller to the SOURCE of the lower MOSFET.
Fault Protection
The ISL6217 protects the CPU from damaging stress levels. The overcurrent trip point is integral in preventing output shorts of varying degrees from causing current spikes that would damage a CPU. The output overvoltage and Undervoltage detection features insure a safe window of operation for the CPU.
Battery Feed-Forward Compensation - VBAT
The ISL6217 incorporates Battery Voltage Feed-Forward Compensation, as shown in Figure 9. This compensation provides a constant Pulse Width Modulator Gain independent of battery voltage. An understanding of this gain is required for proper loop compensation. The Battery Voltage is connected directly to the ISL6217 by way of the VBAT pin, and the gain of the system ramp modulator is a constant 6.0.
Output Voltage Monitoring
VSEN is connected to the local CORE output voltage and is used for PGOOD, Under-Voltage and overvoltage sensing only. (Refer to "Block Diagram") . The voltage on VSEN is compared with two voltage levels which indicate an overvoltage or undervoltage condition of the output. Violating either of these conditions results in the PGOOD pin toggling low to indicate a problem with the output voltage.
C2 FB R2 C1
R1 COMP
CDCPL
VIN ERROR AMPLIFIER _ EA+ + BALANCE +
UG1 + + PWM 1 CIRCUIT COMPARATOR CURRENT SENSING CURRENT AVERAGING CURRENT SENSING ISEN2 RISEN2 +V rdson ISEN1 LG1 Q2
Q1
L01 IL1 PHASE
-
VERROR1
VDROOP RDROOP + SOFT CSOFT
IDROOP
RISEN1
IMVP-IV_ IMVP-IV+_ REFERENCE
IAVERAGE
VCORE COUT VIN PHASE RLOAD
+
BALANCE
+
-
VERROR2
+ -
UG2 PWM 2 CIRCUIT LG2 Q4
Q3
L02
COMPARATOR ISL6217
Vrdson IL2 +
FIGURE 9.
SIMPLIFIED BLOCK DIAGRAM OF THE ISL6217 VOLTAGE AND CURRENT CONTROL LOOPS FOR A TWO CHANNEL REGULATOR. THE 38 LEAD TSSOP PACKAGE IS SHOWN.
13
ISL6217
PGOOD
As previously described, the ISL6217 PGOOD pin operates as both an input and an output. During start-up, the PGOOD pin operates as an input (Refer to Figure 10).
ISL6217 RST# EN IPGT START t 3ms-12ms CPU-UP# = UV# and OV# CLK_ENABLE# IMVP4_PWRGD START PGOOD 10K PGOOD Vcc_mch ISL6227 3.3V 3.3V PGOOD Vccp 10K 1.2K 3.3V
are pulled low, which forces IMVP4_PWRGD low. PGOOD of the ISL6217 is internally disabled during all VID and Mode transitions.
Overvoltage
The VSEN voltage is compared with an internal overvoltage protection (OVP) reference, set to 112% of the VID voltage. If the VSEN voltage exceeds the OVP reference, a comparator simultaneously sets the OV latch, and pulls the PWM signal low. The drivers turn on the lower MOSFETs, shunting the converter output to ground. Once the output voltage falls below 102% of the set point, the high side and low side MOSFETs are held off. This prevents dumping of the output capacitors back through the output inductors and lower MOSFETs, which would cause a negative voltage on the CORE output. This architecture eliminates the need of a high current, Schottky diode on the output. If the overvoltage condition persists, the outputs are cycled between output low and output "off", similar to a hysteretic regulator. The OV latch is reset by cycling the VDD supply voltage to initiate a POR. Depending on the mode of operation, the overvoltage setpoint is 112% of the VID, Deep or Deeper Sleep setpoint.
SQ RQ CLR t ~ 100ns
FIGURE 10. INTERNAL PGOOD CIRCUITRY FOR THE ISL6217
CORE VOLTAGE REGULATOR
As per the IMVP-IVTM and IMVP-IV+TM specification, once the ISL6217 CORE regulator regulates to the "Boot" voltage, it waits for the PGOOD logic HIGH signals from the Vccp and Vcc_mch regulators. The Intersil ISL6227 is a perfect choice for these two supplies, as it is a dual regulator and has independent PGOOD functions for each supply. Once these two supplies are within regulation, PGOODVccp and PGOODVcc_mch will be high impedance, and will allow the PGOOD of the ISL6217 to sink approximately 2.6mA to ground through the internal MOSFET, shown in Figure 10. The ISL6217 detects this current and starts an internal PGOOD timer. The current sourced into the PGOOD pin is critical for proper start-up operation. The pullup resistor, Rpullup is sized to give a minimum of 2.6mA of current sourced into the PGOOD pin when the system is enabled and the Vccp and Vcc_mch supplies are in regulation. As given in the electrical specifications of this document, the PGOOD MOSFET rDSON is given as 82 maximum. If 3.3V is used as the supply, then the pullup resistor is given by the following equation:
RPullup = Vsource 3.3 - 0.05(3.3) - rDSON (max ) = - 82 1.2k 2.6mA 2.6mA
Undervoltage
The VSEN pin is also compared to an undervoltage (UV) reference which is set to 84% of the VID, Deep or Deeper Sleep set point, depending on the mode of operation. If the VSEN voltage is below the UV reference for more than 32 consecutive phase clock cycles, the power good monitor triggers the PGOOD pin to go low, and latches the chip off until power is reset to the chip, or the EN pin is toggled.
Overcurrent
The RISEN resistor scales the voltage sampled across the lower MOSFET and provides current feedback proportional to the output current of each active channel (Refer to Figure 9). The ISEN currents from all the active channels are averaged together to form a scaled version of the total output current, IAVERAGE. IAVERAGE is compared with an internally generated overcurrent trip threshold, which is proportional to the current sourced from the OCSET pin, IOCSET. The overcurrent trip current source is programmable and described in the "Overcurrent Setting OCSET" section of this document. If IAVERAGE exceeds the IOCSET level, an up/down counter in enabled. If IAVERAGE does not fall below IOCSET within 32 phase cycle counts, the PGOOD pin transitions low and latches the chip off. If normal operation resumes within the 32 phase cycle count window, the controller will continue to operate normally (Refer to the "Block Diagram" ).
NOTE: due to "DROOP" there is inherent current limit, since load current cannot exceed the amount that would command an output voltage lower than 84% of the VID voltage. This would result in an undervoltage shutdown, and would also cause the PGOOD pin to transition low and latch the chip off.
(EQ. 4) where Vsource is the supply minus 5% for tolerance. This will insure that approximately 2.6mA will be sourced into the PGOOD pin for worst case conditions of low supply and largest MOSFET rDSON. Once the proper level of PGOOD current is detected, the ISL6217 then captures the VID and regulates to this value. The PGOOD timer is a function of the internal clock and switching frequency. The internal PGOOD delay can be calculated as follows: Timer Delay = 3072 / FSW (EQ. 5)
The ISL6217 controller regulates the CORE output voltage to the VID command, and once the timer has expired, the PGOOD output is allowed to go high.
NOTE: the PGOOD functions of the VCC_CORE, Vccp and Vcc_mch regulators are wire OR'd together to create the system signal "IMVP4_PWRGD". If any of the supplies fall outside the regulation window, their respective PGOOD pins
14
ISL6217
Control Loops
The "Block Diagram" and Figure 9 shows a simplified diagram of the voltage regulation and current control loops for a two-phase converter. Both voltage and current feedback are used to precisely regulate voltage and tightly control output currents, IL1 and IL2, of the two power channels. The voltage loop is comprised of the Error Amplifier, Comparators, Internal Gate Drivers, and MOSFETs. The Error Amplifier drives the modulator to force the FB pin to the IMVP-IVTM and IMVP-IV+TM reference minus "Droop".
Droop Compensation
Microprocessors and other peripherals tend to change their load current demands from near no-load to full load often during operation. These same devices require minimal output voltage deviation during a load step. A high di/dt load step will cause an output voltage spike. The amplitude of the spike is dictated by the output capacitor ESR, multiplied by the load step magnitude, plus the output capacitor ESL, times the load step di/dt. A positive load step produces a negative output voltage spike and vice versa. A large number of low-series-impedance capacitors are often used to prevent the output voltage deviation from exceeding the tolerance of some devices. One widely accepted solution to this problem is output voltage "Droop", or active voltage positioning. As shown in Figure 3 and Figure 9, the average channel current is used to control the "Droop" current source, IDROOP. The "Droop" current source is a controlled current source and is proportional to output current. This current source is approximately 87% of the averaged ISEN currents. The Droop current is sourced out of the SOFT pin through the Droop resistor and returns through the EA+ pin. This creates a "Droop" voltage VDROOP, which subtracts from the IMVP-IVTM and IMVP-IV+TM reference voltage on SOFT to generate the voltage setpoint for the CORE regulator. Full load current for the Intel IMVP-IVTM and IMVP-IV+TM specification is 25 amps. ISEN currents are designed to be 32A for this load. Knowing that the Droop Current, sourced out of the SOFT pin, will be 87% of the ISEN averaged currents, a "Droop" resistor RDROOP, can be selected to provide the amount of voltage "Droop" required at full load. The selection of this resistor is explained in the following section. A choice of RISEN and rDS(ON) giving a sense current value other than 32A at full load, will require proportional adjustments in RDROOP and ROCSET. This may happen, as the PTC is not found in every possible resistance value.
Voltage Loop
The output CORE voltage feedback is applied to the Error Amplifier through the compensation network. The signal seen on the FB pin will drive the Error Amplifier output either high or low, depending on the CORE voltage. A CORE voltage level that is lower than the IMVP-IVTM and IMVP-IV+TM reference, as output from the 6 bit DAC, makes the amplifier output move towards a higher output voltage level. The amplifier output voltage is applied to the positive inputs of the comparators by the BALANCE summing networks. Out-of-phase sawtooth signals are applied to the two comparators' inverting inputs. Increasing Error Amplifier voltage results in increased Comparator output duty cycle. This increased duty cycle signal is passed through the PWM circuit to the internal gate-drive circuitry. The output of the internal gate-drive is directly connected to the gate of the MOSFETs. Increased duty cycle or ON-time for the high side MOSFET transistors results in increased output voltage, VCORE, to compensate for the low output voltage sensed.
Current Loop
The current control loop keeps the channel currents in balance. During the PWM off-time of each channel, the voltage VrDS(ON), developed across the lower MOSFET is sampled. Internally, the ISEN pin is held at virtual ground during this interval, and VrDS(ON) is impressed across the RISEN resistor. This provides current feedback proportional to the output current of each channel. The scaled output currents from all active channels are combined to create an average current reference IAVERAGE, proportional to the converter total output current. This signal is then subtracted from the individual channel scaled output currents to produce a current correction signal for each channel. The current correction signal keeps each channel output current contribution balanced relative to the other active channels. Each current correction signal is subtracted from the error amplifier output and fed to the individual channel PWM circuits. For example, assume the voltage sampled across Q4 in Figure 9 is higher than that sampled across Q2. The ISEN2 current would be higher than ISEN1. When the two reference currents are averaged, they accurately represent the total output current of the converter. The reference current IAVERAGE is then subtracted from the ISEN currents. This results in a positive offset for Channel 2 and a negative offset for Channel 1. These offsets are subtracted from the error amplifier signal and perform phase balance correction. The VERROR2 signal is reduced, while VERROR1 would be increased. The PWM circuit would then reduce the pulse width to lower the output current contribution by Channel 2, while doing the opposite to Channel 1, thereby balancing channel currents.
Selection of RDROOP
Figure 11 shows a static "Droop" load line for the 1.484V Active Mode. The ISL6217, as previously mentioned, allows the programming of the load line slope by the selection of the RDROOP resistor.
(0A,1.506V) (0A,1.484V) (0A,1.462V) (25A,1.431V) (25A,1.409V) (25A,1.387V) -3 m _ load line IOUT,NL STATIC TOLERANCE BANDS IOUT,MID IOUT,MAX
V OUT,HI VOUT,NOM VOUT,LO
NOMINAL "DROOP" LOAD LINE
FIGURE 11. IMVP-IVTM AND IMVP-IV+TM ACTIVE MODE
STATIC LOAD LINE
15
ISL6217
As per the Intel IMVP-IV and IMVP-IV+ specification, Droop = 0.003 (). Therefore, 25A of full load current equates to a 0.075V Droop output voltage from the VID setpoint (Refer to Figure 3 and Figure 9), RDROOP can be selected based on RISEN which is calculated through Equation 3, R(DSON), and Droop as per the Block Diagram or the following equation: R R DROOP = 2.3 (Droop ) ISEN ( ) r(DSON) M (EQ. 6)
TM TM
levels must be supplied by the output capacitance. Minimizing the response time can minimize the output capacitance required. The channel ripple can be reasonably approximated by the following equation:
V - VOUT VOUT * ICH = IN FSW * L VIN
(EQ. 7)
The total output ripple current can be approximated from the curves in Figure 12. They provide the total ripple current as a function of duty cycle and number of active channels, normalized to the parameter KNORM at zero duty cycle, K NORM = VOUT L * FSW (EQ. 8)
Component Selection Guidelines
OUTPUT CAPACITOR SELECTION Output capacitors are required to filter the output inductor current ripple and supply the transient load current. The filtering requirements are a function of the channel switching frequency and the output ripple current. The load transient requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current.
Where L is the channel inductor value.
The microprocessor used for IMVP-IVTM and IMVP-IV+TM will produce transient load rates as high as 30A/ns. High frequency, ceramic capacitors are used to supply the initial transient current and slow the rate-of-change seen by the bulk capacitors. Bulk filter capacitor values are generally determined by the ESR (Effective Series Resistance) and voltage rating requirements rather than actual capacitance requirements. To meet the stringent requirements of IMVP-IVTM and IMVP-IV+TM, (15) 2.2mF, 0612 "Flip Chip" high frequency, ceramic capacitors are placed very close to the Processor power pins, with care being taken not to add inductance in the circuit board traces that could cancel the usefulness of these low inductance components. Specialized low-ESR capacitors, intended for switching regulator applications, are recommended for the bulk capacitors. The bulk capacitors ESR and ESL determine the output ripple voltage and the initial voltage drop following a high slew-rate transient edge. Recommended are at least (4) 4V, 220mF Sanyo Sp-Cap capacitors in parallel, or (5) 330mF SP-Cap style capacitors. These capacitors provide an equivalent ESR of less than 3mOhms. These components should be laid out very close to the load. As the sense trace for VSEN may be long and routed close to switching nodes, a 1.0mF ceramic decoupling capacitor is located between VSEN and ground at the ISL6217.
FIGURE 12. OUTPUT RIPPLE CURRENT MULTIPLIER VS
DUTY CYCLE
Find the intersection of the active channel curve and duty cycle for your particular application. The resulting ripple current multiplier from the y-axis is then multiplied by the normalization factor KNORM, to determine the total output ripple current for the given application. I TOTAL = K NORM * K CM (EQ. 9)
Output Inductor Selection
The output inductor is selected to meet the voltage ripple requirements and minimize the converter response time to a load transient. In a multi-phase converter topology, the ripple current of one active channel partially cancels with the other active channels to reduce the overall ripple current. The reduction in total output ripple current results in a lower overall output voltage ripple. The inductor selected for the power channels determines the channel ripple current. Increasing the value of inductance reduces the total output ripple current and total output voltage ripple; however, increasing the inductance value will slow the converter response time to a load transient. One of the parameters limiting the converter response time to a load transient is the time required to slew the inductor current from its initial current level to the transient current level. During this interval, the difference between the two 16
Input Capacitor Selection Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use ceramic capacitors for the high frequency decoupling, and bulk capacitors to supply the RMS current. Small ceramic capacitors must be placed very close to the upper MOSFET to suppress the voltage induced in the parasitic circuit impedances.
Two important parameters to consider when selecting the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select a bulk capacitor with voltage, and current ratings above the maximum input voltage and the largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. The RMS current requirement for a converter design can be approximated with the aid of Figure 13. Follow the curve for the number of active channels in the converter design. Next determine the worst case duty cycle
ISL6217
for the converter and find the intersection of this value and the active channel curve. The worst case duty cycle is defined as the maximum operating CORE output voltage divided by the minimum operating battery voltage. Find the corresponding y-axis value, which is the current multiplier. Multiply the total full load output current, not the channel value, by the current multiplier value found, and the result is the RMS input current which must be supported by the input capacitors.
MOSFET Selection and Considerations
For the Intel IMVP-IVTM and IMVP-IV+TM application, which requires up to 25 amps of current, it is suggested that 2 channel operation with (3) MOSFETs per channel be implemented. This configuration would be: (1) High Switching Frequency, Low Gate Charge MOSFET for the Upper, and (2) Low rDSON MOSFETs for the Lowers. In high-current PWM applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components: conduction loss and switching loss. These losses are distributed between the upper and lower MOSFETs according to duty cycle of the converter. Refer to the PUPPER and PLOWER equations below. The conduction losses are the main component of power dissipation for the lower MOSFETs. Only the upper MOSFETs have significant switching losses, since the lower devices turn on and off into near zero voltage. The following equations assume linear voltage-current transitions and do not model power loss due to the reverserecovery of the lower MOSFETs body diode. The gatecharge losses are dissipated in the ISL6217 drivers and do not heat the MOSFETs; however, large gate-charge increases the switching time tSW, which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature, at high ambient temperature, by calculating the temperature rise according to package thermal-resistance specifications.
PLOWER = IO2 x rDS(ON) x (VIN - VOUT ) VIN
FIGURE 13. INPUT RMS RIPPLE CURRENT MULTIPLIER
(EQ. 10)
PUPPER =
IO2 x rDS(ON) x VOUT VIN
I xV xt xF + O IN SW SW 2
(EQ. 11)
17
ISL6217 Typical Application - 2 Phase Converter Using ISL6217 PWM Controller - 38 Lead TSSOP
Figure 14 shows the ISL6217, Synchronous Buck Converter circuit used to provide the CORE voltage regulation for the Intel IMVP-IVTM and IMVP-IV+TM application. The circuit uses 2 channels for delivering up to 25A steady state current, and has a 250kHz channel switching frequency. This circuit also switches to single channel operation for Deep and Deeper Sleep modes of operation. For thermal compensation, PTC resistors are used as sense resistors. The output capacitance is less than 3m of ESR, and are (4) 220F, 4V Sp-Cap parts in parallel with (35) high frequency, 10F ceramic capacitors.
+5VDC +5VDC 4 x 10 F 1 x IRF7811W 1F 98.8K_1% 0.027F 243K_1% BAT54 1.5K_1%PTC VDD VBAT 1.20K_1% DACOUT ISEN1 DSV PHASE1 UG1 FSET BOOT1 PWRCH EN VSSP1 DRSEN LG1 DSEN# VDDP VID0 ISL6217 LG2 VID1 TSSOP VSSP2 VID2 BOOT2 VID3 UG2 VID4 PHASE2 VID5 ISEN2 PGOOD VSEN EA+ DRSV COMP STV FB OCSET SOFT VSS 2 x SI4404DY 10_1% 0.8H
Vbattery
ETQ-P3H0R8BA
0.33F
VR_ON DPRSLPVR DPSLP#
1R5_5%
4.7F
VID
4 x 10 F 1R5_5%
MVP4_PGOOD 3.40K_1%
0.33F 1 x IRF7811W 0.8H 10_1% 1.5K_1%PTC 2 x SI4404DY +Vcc_core
2200pF 0.012F 13K_1% 36.5K_1% No-Pop 1800pF 560pF 3.57K_1% 30.1K_1% 49.9K_1% No-Pop BAT54
ETQ-P3H0R8BA 4 x 220F & 35 x 10F
Analog GND
Power GND
FIGURE 14. TYPICAL APPLICATION CIRCUIT FOR THE IMVP-IVTM AND IMVP-IV+TM CORE VOLTAGE REGULATOR
18
ISL6217 Thin Shrink Small Outline Plastic Packages (TSSOP)
N INDEX AREA E E1 -B1 2 3 0.05(0.002) -AD -CSEATING PLANE A 0.25 0.010 L 0.25(0.010) M GAUGE PLANE BM
M38.173
38 LEAD THIN SHRINK SMALL OUTLINE PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-153-BD-1 ISSUE F) INCHES SYMBOL A A1 A2 b c D MIN 0.002 0.031 0.0075 0.0035 0.378 0.169 MAX 0.047 0.006 0.051 0.0106 0.0079 0.386 0.177 MILLIMETERS MIN 0.05 0.80 0.17 0.09 9.60 4.30 MAX 1.20 0.15 1.05 0.27 0.20 9.80 4.50 NOTES 9 3 4 6 7 8
o
e
b 0.10(0.004) M C A M BS
A1 0.10(0.004)
A2 c
E1 e
E
0.0197 BSC 0.246 0.0177 38 0
o
0.500 BSC 6.25 0.45 38 6.50 0.75
0.256 0.0295
L N
NOTES: 1. These package dimensions are within allowable dimensions of JEDEC MO-153-BD-1, Issue F. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E1" does not include interlead flash or protrusions. Inter lead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual inde feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "b" does not include dambar protrusion. Allowable damba protrusion shall be 0.08mm (0.003 inch) total in excess of "b" dimen sion at maximum material condition. Minimum space between protru sion and adjacent lead is 0.07mm (0.0027 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. (Angles in degrees)
8
o
0
o
Rev. 01/03
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 19


▲Up To Search▲   

 
Price & Availability of ISL6217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X