Part Number Hot Search : 
23A005 1N757 BAW000 SSI22101 10H100CT 5KP20A C102G2 1000M
Product Description
Full Text Search
 

To Download HC-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5 kV
Kilovac HC-1 Kilovac HC-3
No Load Switching Make & Break Load Switching
Features: HC-1 Widely used for RF applications Vacuum dielectric for low leakage current applications Copper contacts for high current capability Not designed for power switching Meets requirements of MIL-R-83725 QPL version available, M83725/5-001 HC-3 Tungsten contacts for long life when power switching Vacuum dielectric for power switching low current loads
Kilovac HC-5
Make Only Load Switching
Features: Gas-filled for make only power switching SF-6 gas filled for capacitive discharge applications
Part Number
Contact Arrangement ..........................................................
PRODUCT SPECIFICATIONS HC-1 Unit
SPDT C
kV Peak kV Peak
COIL DATA HC-3
SPDT C 5 3.5 18 500 0.02 6 6 50 55-2000 -55 to +125 2 1
HC-5
SPDT C 5 3.5 8 500 0.50* 6 6 50 55-2000 -55 to +125 1 1
Nominal, Volts dc Pickup, Volts dc, Maximum Drop-Out, Volts dc Coil Resistance (Ohms 10%)
12 8 .5 - 5 80
26.5 16 335
115 80 6000
Contact Form ........................................................................ Test Voltage (dc or 60Hz) ................................................... Rated Operating Voltage ..................................................... dc or 60 Hz ..................................................................... 2.5 MHz ........................................................................... 16 MHz ............................................................................ 32 MHz ............................................................................ Continuous Carry Current , Maximum ............................... dc or 60 Hz ..................................................................... 2.5 MHz ........................................................................... 16 MHz ............................................................................ 32 MHz ............................................................................ Coil Hi-Pot (V RMS, 60 Hz) ........................................... Contact Capacitance ............................................................ Between Open Contacts ................................................. Open Contacts to Ground .............................................. Contact Resistance, Maximum ........................................... Operate Time, Maximum ..................................................... Release Time, Maximum ..................................................... Shock, 11 ms 1/2 Sine ........................................................ Vibration, 10 Gs Peak ......................................................... Operating Ambient Temperature Range ............................ Mechanical Life (Operations x 106) .................................... Weight, Nominal ..................................................................
* Contact resistance for gas-filled relays is measured at 28 Vdc, 1 amp
1 - 10 5 - 50
5 3.5 2.5 2 1.5
Ratings listed are for 25C, sea level conditions
PART NUMBER SELECTION
Sample Part No. HC Model 1 3 5 Coil Voltage Blank = 26.5Vdc /12Vdc = 12Vdc /115Vdc = 115Vdc 1 /12Vdc
Amps
25 14 9 7 500
pF
2 2.5
Ohms ms ms G's Peak Hz
o
0.01 6 6 50 55-2000 -55 to +125 2 1
C
cycles oz
25
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com


▲Up To Search▲   

 
Price & Availability of HC-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X