Part Number Hot Search : 
FC940L UF5406GP MC74AC 4AC17 OV7675 BD2425N 1206R RA139
Product Description
Full Text Search
 

To Download FBPC3504WN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE BRIDGE RECTIFIER
FBPC35005WN THRU FBPC3510WN
FEATURES
* * * * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 35 Ampere
BR-35WN
AC 0.732( 18.6) 0.692( 17.6) AC + 0.47( 11.9) 0.43( 10.9)
Low cost This series is UL recognized under component index file number E127707 High forward surge current capability Fast switching for high efficiency Integrally molded heatsink provide very low thermal resistance High isolation voltage from case to leads High temperature soldering guaranteed: 260 / 10 seconds,at 5 lbs. (2.3kg) tension.
0.205( 5.2) 0.197( 5.0)
0.732( 18.6) 0.692( 17.6) 1.13( 28.8) 1.11( 28.2)
METAL HEAT SINK EXOPY CASE
0.32( 8.2) 0.30( 7.8)
MECHANICAL DATA
* * * * *
Case: Molded plastic body Terminal: Plated 0.04(1.02mm)diameter Polarity: Polarity symbols marked on case Mounting: Thru hole for #10 screw, 20 in,-lbs Torque max. Weight: 0.47 ounce, 13.4 gram
0.78( 19.8) MIN
0.042( 1.10) DIA 0.038( 0.97) TYP
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOL
FBPC 35005WN FBPC 3501WN FBPC 3502WN FBPC 3504WN FBPC 3506WN FBPC 3508WN FBPC 3510WN
UNIT
Volts Volts Volts Amps Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC = 50 (Note 1,2) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t<8.3mS) Maximum Instantaneous Forward Voltage Drop per Bridge element at 17.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM I2t VF IR Trr VISO RJc TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 25 300 664
600 420 600
800 560 800
1000 700 1000
A2s 1.3 Volts A mA 250 500 NS VAC
O
1.2 10 1.0 150 2500 2.0 (-65 to +150) (-65 to +150)
Maximum DC Reverse recovery time(Note3) Isolation Voltage from case to lead Typical Thermal Resistance (Note 1,2 ) Operating Temperature Rang Storage Temperature Rang
C/W
O O
C
C
Notes:
1. 2. 3.
Unit mounted on 9" x 3.5" x 4.6" (23cm x9cm x 11.8cm) AL finned Plate Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum beat transfer efficiency with #10 screw Reverse recovery test conditions: IF=0.5A,IR=1.0A,IRR =0.25A
1
E-mail: sales@cnmic.com Web Site: www.cnmic.com
SINGLE PHASE BRIDGE RECTIFIER
FBPC35005WN THRU FBPC3510WN
VOLTAGE RANGE CURRENT
50 to 1000 Volts 35 Ampere
2
E-mail: sales@cnmic.com Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of FBPC3504WN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X