Part Number Hot Search : 
MAA50 8GXXXX CSC1507Y CEF02 DM86L97J L796BSRD C15034 0PS48
Product Description
Full Text Search
 

To Download DUR01-12S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
* 1 WATT UNREGULATED OUTPUT POWER * OUTPUT CURRENT UP TO 303mA * 4 PIN SINGLE-IN-LINE PACKAGE (SIP) * HIGH EFFICIENCY FOR LOW POWER APPLICATION * INPUT RANGE FROM 3.0VDC TO 3.6VDC, 4.5VDC TO 5.5VDC, 10.8VDC TO 13.2VDC, 13.5VDC TO 16.5VDC AND 21.6VDC TO 26.4VDC * UL 94-V0 NON-CONDUCTED CASE * INTERNAL INPUT & OUTPUT FILTER * INPUT / OUTPUT ISOLATION UP TO 1KVDC * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * DESIGN MEETS UL60950-1, EN60950-1 AND IEC60950-1 * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
DESCRIPTION The DUR01 series are the standard building blocks for on-board distributed power systems. They are ideally suited to provide single supply on primarily digital boards with added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1 watt.
All specifications are typical at nominal input, full load and 25C otherwise noted
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 6) Line regulation LL to HL at Full Load Load regulation Ripple and noise Temperature coefficient Short circuit protection (Note 7) Full load and nominal Vin
INPUT SPECIFICATIONS
1 Watt, max. 5% 10% of FL. Input voltage range 3.3V nominal input 5V nominal input 12V nominal input 15V nominal input 24V nominal input 3.0 - 3.6VDC 4.5 - 5.5VDC 10.8 - 13.2VDC 13.5 - 16.5VDC 21.6 - 26.4VDC Capacitor
3.3V & 5V output 1.3%/1% others 1.2%/1% 3.3V & 5V output 10% to 100% FL others
of Vin of Vin 15% 10%
Input filter
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Storage temperature range Thermal shock Vibration -40C ~ +85C (Non-derating) -55C ~ +105C MIL-STD-810F MIL-STD-810F 5% to 95% RH
20MHz bandwidth
See table 0.1% / C, max. 1 Sec.
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Design meet safety standard Case material Potting material Dimensions Weight MTBF (Note 1) BELLCORE TR-NWT-000332 MIL-HDBK-217F See table 1000VDC, min. 10 ohms, min. 80pF, typ. 90KHz, typ. IEC60950-1, UL60950-1, EN60950-1 Non-conductive black plastic Epoxy (UL94-V0) 0.45 X 0.24 X 0.40 Inch (11.5 X 6.0 X 10.2 mm) 1.5g (0.053oz) 1.137 x 10 hrs 5 9.850 x 10 hrs
9
Relative humidity
9
Page 1 of 2
Issued Date2009/03/06
Model Number
DUR01-33S33 DUR01-33S05 DUR01-33S12 DUR01-33S15 DUR01-05S33 DUR01-05S05 DUR01-05S12 DUR01-05S15 DUR01-12S33 DUR01-12S05 DUR01-12S12 DUR01-12S15 DUR01-15S33 DUR01-15S05 DUR01-15S12 DUR01-15S15 DUR01-24S33 DUR01-24S05 DUR01-24S12 DUR01-24S15
Input Range
3.0 - 3.6 VDC 3.0 - 3.6 VDC 3.0 - 3.6 VDC 3.0 - 3.6 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC
Input Current Eff (4) Capacitor Output (4) No load Full load (%) Load max(5) Min. load Full load Ripple & Noise (3) (2) Output Current
30.3mA 20mA 8.4mA 6.6mA 30.3mA 20mA 8.4mA 6.6mA 30.3mA 20mA 8.4mA 6.6mA 30.3mA 20mA 8.4mA 6.6mA 30.3mA 20mA 8.4mA 6.6mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 303mA 200mA 84mA 66mA 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 42mA 38mA 45mA 45mA 25mA 25mA 25mA 24mA 14mA 10mA 14mA 13mA 9mA 9mA 8mA 9mA 6mA 6mA 5mA 6mA 473mA 451mA 449mA 423mA 312mA 303mA 272mA 262mA 131mA 126mA 113mA 109mA 105mA 101mA 91mA 87mA 64mA 63mA 57mA 54mA 68 70 72 75 68 70 78 80 68 70 78 80 68 70 78 80 70 70 78 80 150F 100F 47F 33F 150F 100F 47F 33F 150F 100F 47F 33F 150F 100F 47F 33F 150F 100F 47F 33F
Note
1.BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). 2.Maximum value at nominal input voltage and full load of standard type. 3.Typical value at nominal input voltage and no load. 4.Typical value at nominal input voltage and full load. 5.Test by minimum Vin and constant resistive load. 6.The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 7. Internal fuse is not included, so we suggest to use an input line fuse.
0.45(11.5) 0.24(6.0)
0.40(10.2)
FRONT VIEW
0.02(0.5) 0.16(4.1) 0.01x 0.02 ( 0.25 x 0.5) Rectangular Pin 0.100(2.54)
BOTTOM VIEW
4321
0.05(1.2)
0.08(2.0) 0.300(7.62)
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
STANDARD
PIN 1 2 3 4 SINGLE - INPUT + INPUT - OUTPUT + OUTPUT Page 2 of 2 Issued Date2009/03/06


▲Up To Search▲   

 
Price & Availability of DUR01-12S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X