Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download CM1436-08DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4- and 8-Channel EMI Filter Arrays with ESD Protection CM1436
Features
* * * * * * * Four, six and eight channels of EMI filtering with ESD protection Greater than 30dB of attenuation from 800MHz to 3GHz 15kV ESD protection (IEC 61000-4-2, contact discharge) 30kV ESD protection (HBM) Fabricated with CenturionTM advanced low capacitance zener process technology Space saving, low-profile 8-, 12- and 16-lead 0.4mm pitch TDFN packages Lead-free version available
Product Description
The CM1436 is an EMI filter array with ESD protection, which integrates either four, six or eight pi filters (C-R-C). Each CM1436 filter has component values of 15pF-200-15pF. These parts include ESD protection diodes on every pin, providing a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The ESD diodes connected to the filter ports safely dissipate ESD strikes of 15kV contact discharge, twice the specification requirement of the IEC 61000-4-2, Level 4 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the pins are protected for contact discharges at greater than 30kV. This device is particularly well-suited for portable electronics (e.g. mobile handsets, PDAs, notebook computers) because of its small package and easyto-use pin assignments. In particular, the CM1436 is ideal for EMI filtering and protecting data lines from ESD in wireless handsets. The CM1436 is available in space-saving, low-profile, 8-lead, 12-lead and 16-lead 0.4mm pitch TDFN packages. It is fabricated with CenturionTM process and available with lead-free finishing.
Applications
* * * I/O port protection for mobile handsets, notebook computers, PDAs etc. EMI filtering for data ports in cell phones, PDAs or notebook computers. EMI filtering for LCD, camera and chip-to-chip data lines
(c)2010 SCILLC. All rights reserved. April 2010 Rev. 2
Publication Order Number: CM1436/D
CM1436
Electrical Schematic
1 of 4/6/8 EMI Filtering + ESD Channels
8765
Rev. 2 | Page 2 of 16 | www.onsemi.com
CM1436
PIN DESCRIPTIONS
Pins 143604Dx 1 2 3 4 143606Dx 1 2 3 4 5 6 143608Dx 1 2 3 4 5 6 7 8 GND Pad NAME FILTER1 FILTER2 FILTER3 FILTER4 FILTER5 FILTER6 FILTER7 FILTER8 GND DESCRIPTION Filter Channel 1 Filter Channel 2 Filter Channel 3 Filter Channel 4 Filter Channel 5 Filter Channel 6 Filter Channel 7 Filter Channel 8 Device Ground 143604Dx 8 7 6 5 Pins 143606Dx 12 11 10 9 8 7 143608Dx 16 15 14 13 12 11 10 9 NAME FILTER1 FILTER2 FILTER3 FILTER4 FILTER5 FILTER6 FILTER7 FILTER8 DESCRIPTION Filter Channel 1 Filter Channel 2 Filter Channel 3 Filter Channel 4 Filter Channel 5 Filter Channel 6 Filter Channel 7 Filter Channel 8
Ordering Information
PART NUMBERING INFORMATION
Standard Finish Leads/Pins 8 12 16 Package TDFN-08 TDFN-12 TDFN-16 Ordering Part Number CM1436-04DF CM1436-06DF CM1436-08DF
1
Lead-free Finish Ordering Part Number CM1436-04DE CM1436-06DE CM1436-08DE
1
Part Marking 6F N36F N368F
Part Marking 6E N36E N368E
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Rev. 2 | Page 3 of 16 | www.onsemi.com
CM1436
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Range DC Power per Resistor Package DC Power Rating RATING -65 to +150 100 300 UNITS C mW mW
STANDARD OPERATING CONDITIONS
PARAMETER Operating Temperature Range RATING -40 to +85 UNITS C
Rev. 2 | Page 4 of 16 | www.onsemi.com
CM1436
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL R C VDIODE ILEAK VSIG PARAMETER Resistance Capacitance Diode Standoff Voltage Diode Leakage Current (reverse bias) Signal Voltage Positive Clamp Negative Clamp In-system ESD Withstand Voltage a) Human Body Model, MIL-STD883, Method 3015 b) Contact Discharge per IEC 61000-4-2 Level 4 Cut-off Frequency ZSOURCE=50, ZLOAD=50 Absolute Attenuation @ 1GHz from 0dB Level At 2.5V DC, 1MHz, 30mV AC IDIODE = 10A VDIODE = 3.3V CONDITIONS MIN 160 12 TYP 200 15 6.0 0.1 1 MAX 240 18 UNITS pF V A
ILOAD = 10mA ILOAD = -10mA Note 2
5.6 -0.4
6.8 -0.8
9.0 -1.5
V V
VESD
30 15
kV kV
f
C
R = 200, C = 15pF; 100 ZSOURCE = 50, Z LOAD = 50, DC Bias = 0V; Notes 1 ZSOURCE = 50, Z LOAD = 50, DC Bias = 0V; Notes 1 and 3 35 MHz dB
A1GHz
A800MHz - 6GHz Absolute Attenuation @ 800MHz to
6GHz from 0dB Level
30
dB
Note 1: TA=25 unless otherwise specified. C Note 2: ESD applied to input and output pins with respect to GND, one at a time. Note 3: Attenuation / RF curves characterized by a network analyzer using microprobes.
Rev. 2 | Page 5 of 16 | www.onsemi.com
CM1436
Performance Information
Typical Filter Performance (nominal conditions unless specified otherwise, 0V DC Bias, 50 Ohm Environment)
Figure 1. Channel 1 EMI Filter Performance (CM1436-04 only)
Figure 2. Channel 2 EMI Filter Performance (CM1436-04 only)
Rev. 2 | Page 6 of 16 | www.onsemi.com
CM1436
Performance Information (cont'd)
Typical Filter Performance (nominal conditions unless specified otherwise, 0V DC Bias, 50 Ohm Environment)
Figure 3. Channel 3 EMI Filter Performance (CM1436-04 only)
Figure 4. Channel 4 EMI Filter Performance (CM1436-04 only)
Rev. 2 | Page 7 of 16 | www.onsemi.com
CM1436
Performance Information (cont'd)
Typical Filter Performance (nominal conditions unless specified otherwise, 0V DC Bias, 50 Ohm Environment)
Figure 5. Channel 1 EMI Filter Performance (CM1436-06/08 only)
Figure 6. Channel 2 EMI Filter Performance (CM1436-06/08 only)
Rev. 2 | Page 8 of 16 | www.onsemi.com
CM1436
Performance Information (cont'd)
Typical Filter Performance (nominal conditions unless specified otherwise, 0V DC Bias, 50 Ohm Environment)
Figure 7. Channel 3 EMI Filter Performance (CM1436-06/08 only)
Figure 8. Channel 4 EMI Filter Performance (CM1436-06/08 only)
Rev. 2 | Page 9 of 16 | www.onsemi.com
CM1436
Performance Information (cont'd)
Typical Filter Performance (nominal conditions unless specified otherwise, 0V DC Bias, 50 Ohm Environment)
Figure 9. Channel 5 EMI Filter Performance (CM1436-06/08 only)
Figure 10. Channel 6 EMI Filter Performance (CM1436-06/08 only)
Rev. 2 | Page 10 of 16 | www.onsemi.com
CM1436
Performance Information (cont'd)
Typical Filter Performance (nominal conditions unless specified otherwise, 0V DC Bias, 50 Ohm Environment)
Figure 11. Channel 7 EMI Filter Performance (CM1436-08 only)
Figure 12. Channel 8 EMI Filter Performance (CM1436-08 only)
Rev. 2 | Page 11 of 16 | www.onsemi.com
CM1436
Performance Information (cont'd)
Figure 13. Filter Capacitance vs. Input Voltage over Temperature (normalized to capacitance at 2.5VDC and 25 C)
Rev. 2 | Page 12 of 16 | www.onsemi.com
CM1436
Mechanical Details
CM1436-04DF/DE Mechanical Specifications Dimensions for the CM1436-04DF/DE supplied in a 8-lead, 0.4mm pitch TDFN package are presented below.
PACKAGE DIMENSIONS
Package JEDEC No. Leads Dim. Min A A1 A3 b D D2 E E2 e K L # per tape and reel 0.20 0.15 0.25 0.35 0.15 1.65 1.10 1.30 0.30 0.70 0.00 Millimeters Nom 0.75 0.02 0.20 REF 0.20 1.70 1.20 1.35 0.40 0.40 BSC 0.25 1.75 1.30 1.40 0.50 Max 0.80 0.05 Min 0.028 0.000 TDFN MO-229C
|
8 Inches Nom 0.030 0.001 Max 0.031 0.002
0.008 REF 0.006 0.065 0.043 0.051 0.012 0.008 0.067 0.047 0.053 0.016 0.010 0.069 0.051 0.055 0.020
0.016 BSC 0.008 0.006 0.010 0.014
3000 pieces
Dimensions for 8-Lead, 0.4mm pitch TDFN Package
Controlling dimension: millimeters
This package is compliant with JEDEC standard MO-229C with the exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as called out in the table above.
|
Rev. 2 | Page 13 of 16 | www.onsemi.com
CM1436
Mechanical Details (cont'd)
CM1436-06DF/DE Mechanical Specifications Dimensions for the CM1436-06DF/DE suplied in a 12-lead, 0.4mm pitch TDFN package are presented below. For complete information on the TDFN-12, see the California Micro Devices TDFN Package Information document.
PACKAGE DIMENSIONS
Package JEDEC No. Leads Dim. Min A A1 A3 b D D2 E E2 e K L # per tape and reel 0.20 0.15 0.25 0.35 0.15 2.45 1.90 1.30 0.25 0.70 0.00 Millimeters Nom 0.75 0.02 0.20 REF 0.20 2.50 2.00 1.35 0.35 0.40 BSC 0.25 2.55 2.10 1.40 0.45 Max 0.80 0.05 Min 0.028 0.000 TDFN MO-229C
|
12 Inches Nom 0.030 0.001 Max 0.031 0.002
0.008 REF 0.006 0.096 0.075 0.051 0.010 0.008 0.098 0.079 0.053 0.014 0.010 0.100 0.083 0.055 0.018
0.016 BSC 0.008 0.006 0.010 0.014
3000 pieces
Dimensions for 12-Lead, 0.4mm pitch TDFN package
Controlling dimension: millimeters
This package is compliant with JEDEC standard MO-229C with the exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as called out in the table above.
|
Rev. 2 | Page 14 of 16 | www.onsemi.com
CM1436
Mechanical Details (cont'd)
CM1436-08DF/DE Mechanical Specifications The CM1436-08DF/DE is supplied in a 16-lead, 0.4mm pitch TDFN package. Dimensions are presented below. For complete information on the TDFN-16, see the California Micro Devices TDFN Package Information document.
PACKAGE DIMENSIONS
Package JEDEC No. Leads Dim. Min A A1 A3 b D D2 E E2 e K L # per tape and reel 0.20 0.15 0.25 0.35 3.25 2.80 1.30 0.35 0.70 0.00 0.40 Millimeters Nom 0.75 0.02 0.55 0.20 REF 3.30 2.90 1.35 0.40 0.40 BSC 3.35 3.00 1.40 0.45 Max 0.80 0.05 0.70 Min 0.028 0.000 0.016 TDFN MO-229C
|
16 Inches Nom 0.030 0.001 0.022 Max 0.031 0.002 0.028
0.008 REF 0.128 0.110 0.051 0.014 0.130 0.114 0.053 0.016 0.132 0.118 0.055 0.018
0.016 BSC 0.008 0.006 0.010 0.014
3000 pieces
Dimensions for 16-Lead, 0.4mm pitch TDFN package
Controlling dimension: millimeters
This package is compliant with JEDEC standard MO-229C with the exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as called out in the table above.
|
Rev. 2 | Page 15 of 16 | www.onsemi.com
CM1436
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
FULFILLMENT: LITERATURE FULFILLMENT Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: Phone 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: Fax 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com Email Support: N. American Technical Support 800-282-9855 Toll Free USA/Canada Europe, Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
Rev. 2 | Page 16 of 16 | www.onsemi.com


▲Up To Search▲   

 
Price & Availability of CM1436-08DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X