Part Number Hot Search : 
40800 ISL8842A SFBDY58A PSB41 61089 CY7C4275 CD4050BM 2A153
Product Description
Full Text Search
 

To Download CDRH127C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS
Type: CDRH127C/A
Product Description 12.9x12.9mm Max. (LxW ) ,
8.0 mm Max. Height.
Inductance Range: 10470H Rated current range: 0.74.6A. In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.
Feature
Magnetically shielded construction. High reliable inductors, suitable to use in high temperature environment(125). Ideally for automotive applications as converter inductors. RoHS Compliance.
Dimensions (mm)
3. 0 0. 2
12.50.4
1. 4 0. 2 10 .8 0. 4 .2 18 MA X.
12.50.4
Electrode
MAX.8.0
1.
ELECTRODE
4 0. 2
Land Pattern (mm)
45
10 .5 0 4.
17 .0
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS
Type: CDRH127C/A
Specification
Part Name CDRH127C/ANP-1OOM CDRH127C/ANP-12OM CDRH127C/ANP-15OM CDRH127C/ANP-18OM CDRH127C/ANP-22OM CDRH127C/ANP-27OM CDRH127C/ANP-33OM CDRH127C/ANP-39OM CDRH127C/ANP-47OM CDRH127C/ANP-56OM CDRH127C/ANP-68OM CDRH127C/ANP-82OM CDRH127C/ANP-1O1M CDRH127C/ANP-121M CDRH127C/ANP-151M CDRH127C/ANP-181M CDRH127C/ANP-221M CDRH127C/ANP-271M CDRH127C/ANP-331M CDRH127C/ANP-391M CDRH127C/ANP-471M Stamp 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 Inductance (H) Within 100kHz/1V 1020% 1220% 1520% 1820% 2220% 2720% 3320% 3920% 4720% 5620% 6820% 8220% 10020% 12020% 15020% 18020% 22020% 27020% 33020% 39020% 47020% D.C.R.(m) Max.(Typ.) (at 20) 16.8(13.4) 18.7(14.9) 20.5(16.4) 25.4(20.3) 30.0(23.8) 32.0(25.6) 46.0(36.8) 57.4(45.9) 64.7(51.7) 80.3(64.2) 88.2(70.5) 123.0(98.4) 139.4(111.5) 174.9(139.9) 200.6(160.5) 218.9(175.1) 315.3(252.2) 354.4(283.5) 501.5(401.2) 554.4(443.5) 620.1(496.1) Rated Current (A).at 125 1 4.6 4.3 4.1 3.5 3.3 3.2 2.5 2.2 2.1 1.9 1.8 1.55 1.50 1.35 1.30 1.25 1.00 0.95 0.80 0.75 0.70
Description of Part Name
CDRH127C/ANP-1OOM
B Box C Carrier Tape
1 Rated current: The DC current at which the inductance decreases to 65% of it's nominal value or when t=30, whichever is lower.
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of CDRH127C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X