Part Number Hot Search : 
ALS20A Q0265R 79L15 20N60S UR101 100BZ CA11174 DF10S
Product Description
Full Text Search
 

To Download BU2515DX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU2515DX
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 800V (Min) *High Switching Speed *Built-in Damper Diode APPLICATIONS *Designed for use in horizontal deflection circuits of PC monitors. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCES VCEO VEBO IC ICM IB
B
PARAMETER Collector- Emitter Voltage(VBE= 0) Collector-Emitter Voltage Emitter-Base Voltage Collector Current- Continuous Collector Current-Peak Base Current- Continuous Base Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
VALUE 1500 800 7.5 9 20 5 7.5 45 150 -55~150
UNIT V V V A A A A W
IBM PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL PARAMETER Thermal Resistance,Junction to Case MAX 2.8 UNIT /W
Rth j-c
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BU2515DX
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0,L= 25mH
800
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 600mA; IC= 0
7.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4.5A; IB= 0.9A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4.5A; IB= 0.9A VCE= BVCES; VBE= 0 VCE= BVCES; VBE= 0; TC=125 VEB= 6V ; IC= 0 130
1.0 1.0 2.0
V
ICES
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
13
hFE-2
DC Current Gain
IC= 4.5A; VCE= 5V
5
10.2
VECF
C-E Diode Forward Voltage
IF= 4.5A
2.2
V
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BU2515DX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X