|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0192210246 Active Compression Style Ring Tongue Terminal for 3/0 AWG Wire, Stud Size 5/16", Plated RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E32244 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19221 Heavy Duty Yes N/A Battery Cable Lug Ring Physical Barrel Type Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed None Tin Bag 160 4 160 4 5/16" (M8) Crimp or Compression N/A 3/0 76.20 - 96.30 Search Parts in this Series 19221Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Putt Pump Dieless 0192860065 Head System Manual tool for 0192940008 Crimping noninsulated 8AWG thru 4/0 Terminals Manual Putt Pump 0192860117 Hydraulic System, Die set required Hand Crimp Tool 0192840034 Die Set (large) for 0192900028 the HHLS Hydralic Crimper Material Info Old Part Number BCL-30516-PL Reference - Drawing Numbers Sales Drawing SD-19221-011 This document was generated on 04/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of BCL-30516-PL |